Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FDD86369 Arkusz danych(PDF) 3 Page - ON Semiconductor

Numer części FDD86369
Szczegółowy opis  N-Channel PowerTrench MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FDD86369 Arkusz danych(HTML) 3 Page - ON Semiconductor

  FDD86369 Datasheet HTML 1Page - ON Semiconductor FDD86369 Datasheet HTML 2Page - ON Semiconductor FDD86369 Datasheet HTML 3Page - ON Semiconductor FDD86369 Datasheet HTML 4Page - ON Semiconductor FDD86369 Datasheet HTML 5Page - ON Semiconductor FDD86369 Datasheet HTML 6Page - ON Semiconductor FDD86369 Datasheet HTML 7Page - ON Semiconductor FDD86369 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
www.onsemi.com
2
Electrical Characteristics T
J = 25°C unless otherwise noted.
Off Characteristics
On Characteristics
Dynamic Characteristics
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Units
BVDSS
Drain-to-Source Breakdown Voltage
ID = 250μA, VGS = 0V
80
-
-
V
IDSS
Drain-to-Source Leakage Current
VDS=80V, TJ = 25oC
-
-
1
μA
VGS = 0V
TJ = 175oC (Note 4)
-
-
1
mA
IGSS
Gate-to-Source Leakage Current
VGS = ±20V
-
-
±100
nA
VGS(th)
Gate to Source Threshold Voltage
VGS = VDS, ID = 250μA
2.0
2.7
4.0
V
RDS(on)
Drain to Source On Resistance
ID = 80A,
VGS= 10V
TJ = 25oC
-
5.9
7.9
m
Ω
TJ = 175oC (Note 4)
-
13.0
17.4
m
Ω
Ciss
Input Capacitance
VDS = 40V, VGS = 0V,
f = 1MHz
-
2530
-
pF
Coss
Output Capacitance
-
430
-
pF
Crss
Reverse Transfer Capacitance
-
16
-
pF
Rg
Gate Resistance
VGS = 0.5V, f = 1MHz
-
2.2
-
Ω
Qg(ToT)
Total Gate Charge
VGS = 0 to 10V
VDD = 64V
ID = 80A
-36
54
nC
Qg(th)
Threshold Gate Charge
VGS = 0 to 2V
-
4.6
-
nC
Qgs
Gate-to-Source Gate Charge
-13
-
nC
Qgd
Gate-to-Drain “Miller“ Charge
-
8.5
-
nC
Switching Characteristics
Drain-Source Diode Characteristics
Note:
4: The maximum value is specified by design at TJ = 175°C. Product is not tested to this condition in production.
ton
Turn-On Time
VDD = 40V, ID = 80A,
VGS = 10V, RGEN = 6Ω
-
-
70
ns
td(on)
Turn-On Delay
-
13
-
ns
tr
Rise Time
-
34
-
ns
td(off)
Turn-Off Delay
-
22
-
ns
tf
Fall Time
-
9
-
ns
toff
Turn-Off Time
-
-
46
ns
VSD
Source-to-Drain Diode Voltage
ISD =80A, VGS = 0V
-
-
1.25
V
ISD = 40A, VGS = 0V
-
-
1.2
V
trr
Reverse-Recovery Time
IF = 80A, dISD/dt = 100A/μs
-49
64
ns
Qrr
Reverse-Recovery Charge
-
40
53
nC


Podobny numer części - FDD86369

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Inchange Semiconductor ...
FDD86369 ISC-FDD86369 Datasheet
330Kb / 2P
   isc N-Channel MOSFET Transistor
logo
ON Semiconductor
FDD86369-F085 ONSEMI-FDD86369-F085 Datasheet
543Kb / 7P
   Channel PowerTrench® MOSFET 80 V, 90 A, 7.9 mΩ
August-2017,Rev. 2
logo
Inchange Semiconductor ...
FDD86369B ISC-FDD86369B Datasheet
310Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Fairchild Semiconductor
FDD86369_F085 FAIRCHILD-FDD86369_F085 Datasheet
462Kb / 6P
   Automotive Engine Control
More results

Podobny opis - FDD86369

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FDD8896 FAIRCHILD-FDD8896 Datasheet
130Kb / 11P
   N-Channel PowerTrench MOSFET
FDD5680 FAIRCHILD-FDD5680 Datasheet
83Kb / 4P
   N-Channel, PowerTrench??MOSFET
FDD20AN06_F085 FAIRCHILD-FDD20AN06_F085 Datasheet
325Kb / 11P
   N-Channel PowerTrench MOSFET
FDMS86152 FAIRCHILD-FDMS86152 Datasheet
258Kb / 7P
   N-Channel PowerTrench MOSFET
logo
ON Semiconductor
FDWS86380_F085 ONSEMI-FDWS86380_F085 Datasheet
528Kb / 8P
   N-Channel PowerTrench MOSFET
December, 2016, Rev. 1.0
logo
Fairchild Semiconductor
FDP8876 FAIRCHILD-FDP8876 Datasheet
303Kb / 6P
   N-Channel PowerTrench MOSFET
FDB8441 FAIRCHILD-FDB8441 Datasheet
307Kb / 7P
   N-Channel PowerTrench MOSFET
FDD13AN06A0 FAIRCHILD-FDD13AN06A0 Datasheet
281Kb / 11P
   N-Channel PowerTrench MOSFET
FDP8874 FAIRCHILD-FDP8874 Datasheet
264Kb / 10P
   N-Channel PowerTrench MOSFET
FDS8984 FAIRCHILD-FDS8984_10 Datasheet
446Kb / 6P
   N-Channel PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com