Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LB16CKG01-5DJC Arkusz danych(PDF) 4 Page - Nihon Kaiheiki Industry Co. Ltd.

Numer części LB16CKG01-5DJC
Szczegółowy opis  General Specifications
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Strona internetowa  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

LB16CKG01-5DJC Arkusz danych(HTML) 4 Page - Nihon Kaiheiki Industry Co. Ltd.

  LB16CKG01-5DJC Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. LB16CKG01-5DJC Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. LB16CKG01-5DJC Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. LB16CKG01-5DJC Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. LB16CKG01-5DJC Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. LB16CKG01-5DJC Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd. LB16CKG01-5DJC Datasheet HTML 7Page - Nihon Kaiheiki Industry Co. Ltd. LB16CKG01-5DJC Datasheet HTML 8Page - Nihon Kaiheiki Industry Co. Ltd. LB16CKG01-5DJC Datasheet HTML 9Page - Nihon Kaiheiki Industry Co. Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
Series LB
Standard Size Snap-in Pushbuttons
D51
D
www.nkkswitches.com
TYPICAL SWITCH
ORDERING EXAMPLE
5C 12
Solid Cap: Lens/Filter Colors
BJ
White/Clear
CJ
Red/Clear
EJ
Yellow/Clear
FJ
Green/Clear
GJ
Blue/Clear
Incandescent Lamp Used with Solid Cap
05
5-volt
12
12-volt
No
Code
Nonilluminated
JC
LED Cap: Lens/Diffuser Colors
JB
Clear/White
Super Bright LED Used with LED Cap
6B
White
6F
Green
6G
Blue
LED Cap: Lens/Diffuser Colors
JB
Clear/White
JC
Clear/Red
JD
Clear/Amber
JF
Clear/Green
Bright LED Used with LED Cap
Colors
Resistor
No Code
No Resistor
05
5-volt
12
12-volt
24
24-volt
5C
Red
5D
Amber
5F
Green
Incandescent or Neon Used with Insert Cap
01
110-volt Neon
05
5-volt Incandescent
12
12-volt Incandescent
No
Code
Nonilluminated
Insert Cap: Lens/Filter Colors
JB
Clear/White
JC
Clear/Red
JE
Clear/Yellow
*JF
Clear/Green
*JG
Clear/Blue
*JF & JG not suitable with neon.
LED in Spot Illuminated Cap
1C
Red Single Color
1D
Amber Single Color
1F
Green Single Color
CF
Red/Green Bicolor
Spot Illuminated Cap Colors
A
Black
B
White
C
Red
F
Green
Available in
Square and
Round only.
Lamps
Cap Types & Colors
Nonilluminated
No
Code
Nonilluminated
Nonilluminated Cap Colors
A
Black
F
Green
B
White
G
Blue
C
Red
H
Gray
E
Yellow


Podobny numer części - LB16CKG01-5DJC

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Nihon Kaiheiki Industry...
LB16CKG01-05-BJ NKK-LB16CKG01-05-BJ Datasheet
386Kb / 10P
   Standard Size Pushbuttons
LB16CKG01-05-CJ NKK-LB16CKG01-05-CJ Datasheet
386Kb / 10P
   Standard Size Pushbuttons
LB16CKG01-12-BJ NKK-LB16CKG01-12-BJ Datasheet
386Kb / 10P
   Standard Size Pushbuttons
LB16CKG01-A NKK-LB16CKG01-A Datasheet
359Kb / 9P
   Standard Size Pushbuttons
LB16CKG01-B NKK-LB16CKG01-B Datasheet
359Kb / 9P
   Standard Size Pushbuttons
More results

Podobny opis - LB16CKG01-5DJC

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AVX Corporation
0805ZC475KAT2A AVX-0805ZC475KAT2A Datasheet
148Kb / 4P
   General Specifications
logo
List of Unclassifed Man...
CWSB21CACF ETC2-CWSB21CACF Datasheet
136Kb / 4P
   General Specifications
logo
Nihon Kaiheiki Industry...
M2022SS2W13 NKK-M2022SS2W13 Datasheet
215Kb / 7P
   General Specifications
logo
AVX Corporation
12101C105KAT2A AVX-12101C105KAT2A Datasheet
95Kb / 4P
   General Specifications
0805YA120KAT2A AVX-0805YA120KAT2A Datasheet
134Kb / 4P
   General Specifications
06035C332JAT2A AVX-06035C332JAT2A Datasheet
131Kb / 4P
   General Specifications
0402YA150JAT2A AVX-0402YA150JAT2A Datasheet
124Kb / 4P
   General Specifications
18122C104KAT2A AVX-18122C104KAT2A Datasheet
131Kb / 4P
   General Specifications
06035C103KAT2A AVX-06035C103KAT2A Datasheet
131Kb / 4P
   General Specifications
06036D106MAT2A AVX-06036D106MAT2A Datasheet
85Kb / 3P
   General Specifications
12063C225KAT2A AVX-12063C225KAT2A Datasheet
131Kb / 4P
   General Specifications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com