Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LB16CKG01-5DJC Arkusz danych(PDF) 11 Page - Nihon Kaiheiki Industry Co. Ltd.

Numer części LB16CKG01-5DJC
Szczegółowy opis  General Specifications
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Strona internetowa  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

LB16CKG01-5DJC Arkusz danych(HTML) 11 Page - Nihon Kaiheiki Industry Co. Ltd.

Back Button LB16CKG01-5DJC Datasheet HTML 7Page - Nihon Kaiheiki Industry Co. Ltd. LB16CKG01-5DJC Datasheet HTML 8Page - Nihon Kaiheiki Industry Co. Ltd. LB16CKG01-5DJC Datasheet HTML 9Page - Nihon Kaiheiki Industry Co. Ltd. LB16CKG01-5DJC Datasheet HTML 10Page - Nihon Kaiheiki Industry Co. Ltd. LB16CKG01-5DJC Datasheet HTML 11Page - Nihon Kaiheiki Industry Co. Ltd. LB16CKG01-5DJC Datasheet HTML 12Page - Nihon Kaiheiki Industry Co. Ltd. LB16CKG01-5DJC Datasheet HTML 13Page - Nihon Kaiheiki Industry Co. Ltd. LB16CKG01-5DJC Datasheet HTML 14Page - Nihon Kaiheiki Industry Co. Ltd. LB16CKG01-5DJC Datasheet HTML 15Page - Nihon Kaiheiki Industry Co. Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
Series LB
Standard Size Snap-in Pushbuttons
D58
D
www.nkkswitches.com
Opens 180°
Closes automatically
Materials:
Cover: Clear Polycarbonate
Base: Black GFR Polyamide
Coil Spring: Stainless Steel
Recommended Panel Thickness:
.039” ~ .106” (1.0mm ~ 2.7mm)
OPTIONAL ACCESSORIES
Protective Guard
AT4057
Rectangular
Protective Guard
Opens 90°
Closes manually
Spring Loaded Protective Guard
AT4172
Rectangular
Protective Guard
(26.6)
1.047 (N)
(16.2)
.638
(39.0) Min*
1.535
(N) = Number of switches
AT4172
(10.5)
.413
(20.5)
.807
(22.4)
.882
(26.6)
1.047
* Minimum dimension allows opening of cover to 180°
(24.1)
.949
(20.4)
.803
(17.9)
.705
(7.1)
.280
180°
(7.5)
.295
Cap Height
When
Assembled
(24.6)
.969
(26.6)
1.047
(10.5)
.413
(20.5)
.807
(21.0) Dia
.827
Cap Height
When
Assembled
(7.3)
.287
(2.5)
.098
(21.8) Dia
.858
(30.0) Dia
1.181
(24.0) Sq
.945
(16.5)
.650
(16.5)
.650
(24.0)
.945
(22.7)
.894
(30.2)
1.189
Materials: PVC with polyethylene gasket; PVC loses pliability below 0°C (32°F). Dust Covers reduce depth of switch behind panel by .020” (0.5mm).
AT4002
Round
AT4001
Square
AT4011
Rectangular
Dust Covers
Material: Polyamide
Protective Guards reduce depth of switch behind panel by .020” (0.5mm).
(26.0)
1.024
(10.0)
.394
(24.15)
.951
(21.0)
.827
(14.0)
.551
(8.0)
.315
Cap Height
When
Assembled
(15.0) Sq
.591
(2.5)
.098
(7.3)
.287
Cap Height
When
Assembled


Podobny numer części - LB16CKG01-5DJC

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Nihon Kaiheiki Industry...
LB16CKG01-05-BJ NKK-LB16CKG01-05-BJ Datasheet
386Kb / 10P
   Standard Size Pushbuttons
LB16CKG01-05-CJ NKK-LB16CKG01-05-CJ Datasheet
386Kb / 10P
   Standard Size Pushbuttons
LB16CKG01-12-BJ NKK-LB16CKG01-12-BJ Datasheet
386Kb / 10P
   Standard Size Pushbuttons
LB16CKG01-A NKK-LB16CKG01-A Datasheet
359Kb / 9P
   Standard Size Pushbuttons
LB16CKG01-B NKK-LB16CKG01-B Datasheet
359Kb / 9P
   Standard Size Pushbuttons
More results

Podobny opis - LB16CKG01-5DJC

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AVX Corporation
0805ZC475KAT2A AVX-0805ZC475KAT2A Datasheet
148Kb / 4P
   General Specifications
logo
List of Unclassifed Man...
CWSB21CACF ETC2-CWSB21CACF Datasheet
136Kb / 4P
   General Specifications
logo
Nihon Kaiheiki Industry...
M2022SS2W13 NKK-M2022SS2W13 Datasheet
215Kb / 7P
   General Specifications
logo
AVX Corporation
12101C105KAT2A AVX-12101C105KAT2A Datasheet
95Kb / 4P
   General Specifications
0805YA120KAT2A AVX-0805YA120KAT2A Datasheet
134Kb / 4P
   General Specifications
06035C332JAT2A AVX-06035C332JAT2A Datasheet
131Kb / 4P
   General Specifications
0402YA150JAT2A AVX-0402YA150JAT2A Datasheet
124Kb / 4P
   General Specifications
18122C104KAT2A AVX-18122C104KAT2A Datasheet
131Kb / 4P
   General Specifications
06035C103KAT2A AVX-06035C103KAT2A Datasheet
131Kb / 4P
   General Specifications
06036D106MAT2A AVX-06036D106MAT2A Datasheet
85Kb / 3P
   General Specifications
12063C225KAT2A AVX-12063C225KAT2A Datasheet
131Kb / 4P
   General Specifications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com