Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADD480S45 Arkusz danych(PDF) 4 Page - Power Semiconductors

Numer części ADD480S45
Szczegółowy opis  RECTIFIER DIODES MODULE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  POSEICO [Power Semiconductors]
Strona internetowa  http://www.poseico.com
Logo POSEICO - Power Semiconductors

ADD480S45 Arkusz danych(HTML) 4 Page - Power Semiconductors

  ADD480S45 Datasheet HTML 1Page - Power Semiconductors ADD480S45 Datasheet HTML 2Page - Power Semiconductors ADD480S45 Datasheet HTML 3Page - Power Semiconductors ADD480S45 Datasheet HTML 4Page - Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
ADD480 RECTIFIER DIODES MODULE
FINAL SPECIFICATION
Mar. 17 - Issue: 1
Distributed by
0
200
400
600
800
1000
1200
1400
1600
1800
2000
0
1
2
3
Forward Voltage [V]
FORWARD CHARACTERISTIC
Tj = 150 °C
0
10
20
30
40
50
60
0,001
0,01
0,1
1
10
100
t[s]
TRANSIENT THERMAL IMPEDANCE
0
0,5
1
1,5
2
2,5
3
3,5
4
4,5
5
1
10
100
n° cycles
SURGE CHARACTERISTIC
Tj = 150 °C
All the characteristics given in this data sheet are guaranteed only with uniform clamping
force, cleaned and lubricated heatsink, surfaces with flatness < .03 mm and roughness < 2
µm.
In the interest of product improvement POSEICO SpA reserves the right to change any data
given in this data sheet at any time without previous notice.
If not stated otherwise the maximum value of ratings (simbols over shaded background)
and characteristics is reported.


Podobny numer części - ADD480S45

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Power Semiconductors
ADD480HVI POSEICO-ADD480HVI Datasheet
167Kb / 4P
   RECTIFIER DIODES MODULE
ADD480HVIS45 POSEICO-ADD480HVIS45 Datasheet
167Kb / 4P
   RECTIFIER DIODES MODULE
More results

Podobny opis - ADD480S45

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Power Semiconductors
ADS1000 POSEICO-ADS1000 Datasheet
153Kb / 4P
   RECTIFIER DIODES MODULE
ADD805 POSEICO-ADD805 Datasheet
167Kb / 4P
   RECTIFIER DIODES MODULE
AZD610HVI POSEICO-AZD610HVI Datasheet
142Kb / 4P
   RECTIFIER DIODES MODULE
AZD780HVI POSEICO-AZD780HVI Datasheet
142Kb / 4P
   RECTIFIER DIODES MODULE
ADD480HVI POSEICO-ADD480HVI Datasheet
167Kb / 4P
   RECTIFIER DIODES MODULE
AZD1600 POSEICO-AZD1600 Datasheet
141Kb / 4P
   RECTIFIER DIODES MODULE
ADD360HVI POSEICO-ADD360HVI Datasheet
184Kb / 4P
   RECTIFIER DIODES MODULE
AZD1080 POSEICO-AZD1080 Datasheet
140Kb / 4P
   RECTIFIER DIODES MODULE
AZD1280 POSEICO-AZD1280 Datasheet
141Kb / 4P
   RECTIFIER DIODES MODULE
ADD700 POSEICO-ADD700 Datasheet
168Kb / 4P
   RECTIFIER DIODES MODULE
ADD605 POSEICO-ADD605 Datasheet
167Kb / 4P
   RECTIFIER DIODES MODULE
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com