Zakładka z wyszukiwarką danych komponentów |
|
LB25RGG01-5CJF Arkusz danych(PDF) 6 Page - Nihon Kaiheiki Industry Co. Ltd. |
|
LB25RGG01-5CJF Arkusz danych(HTML) 6 Page - Nihon Kaiheiki Industry Co. Ltd. |
6 / 20 page Series LB Standard Size Snap-in Pushbuttons D53 D www.nkkswitches.com (+) (-) LED COLORS & SPECIFICATIONS The electrical specifications shown are determined at a basic temperature of 25°C. LED circuit is isolated and requires external power source. Polarity marks are on the switch. If the source voltage exceeds the rated voltage, a ballast resistor is required. The resistor value can be calculated by using the formula in the Supplement section. Additional lamp detail is shown in the Accessories & Hardware section. Color Codes Red Amber Green Maximum Forward Current I FM 30mA 30mA 30mA Typical Forward Current I F 20mA 20mA 20mA Forward Voltage V F 1.9V 2.0V 2.1V Maximum Reverse Voltage V RM 5V 5V 5V Current Reduction Rate Above 25°C ∆I F 0.42mA/°C Ambient Temperature Range –25° ~ +50°C 5C 5D 5F No Code Red Amber Green No Resistor (+) (-) T-11⁄2 Bi-pin AT635 LEDs are colored in OFF state. Bright LED without Resistor Color White Green Blue Maximum Forward Current I FM 30mA 30mA 30mA Typical Forward Current I F 20mA 20mA 20mA Forward Voltage V F 3.3V 3.3V 3.3V Maximum Reverse Voltage V RM 7V 7V 7V Current Reduction Rate Above 25°C ∆I F 0.40mA/°C 0.40mA/°C 0.40mA/°C Ambient Temperature Range –25° ~ +50°C 6F 6G 6B AT625G Blue AT631B White AT632F Green T-1 Bi-pin Super Bright Single Element LED (+) (-) AT627 5-volt 4-element with Resistor AT627 12-volt 4-element with Resistor AT627 24-volt 4-element with Resistor (+) (-) (+) (-) Resistor Codes Color Codes: Maximum Forward Current I FM — — — Typical Forward Current I F 52mA 26mA 13mA Forward Voltage V F 5V 12V 24V Maximum Reverse Voltage V RM 4V 8V 16V Current Reduction Rate Above 25°C ∆I F 0.50mA/°C Ambient Temperature Range –25° ~ +50°C 5C 5D 5F 12 24 05 Red Amber Green AT627 with Resistor T-1 Bi-pin Bright LED with Resistor ATTENTION ELECTROSTATIC SENSITIVE DEVICES No Code No Lamp |
Podobny numer części - LB25RGG01-5CJF |
|
Podobny opis - LB25RGG01-5CJF |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |