Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD9864 Arkusz danych(PDF) 7 Page - Analog Devices

Numer części AD9864
Szczegółowy opis  IF Digitizing Subsystem
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD9864 Arkusz danych(HTML) 7 Page - Analog Devices

Back Button AD9864_17 Datasheet HTML 3Page - Analog Devices AD9864_17 Datasheet HTML 4Page - Analog Devices AD9864_17 Datasheet HTML 5Page - Analog Devices AD9864_17 Datasheet HTML 6Page - Analog Devices AD9864_17 Datasheet HTML 7Page - Analog Devices AD9864_17 Datasheet HTML 8Page - Analog Devices AD9864_17 Datasheet HTML 9Page - Analog Devices AD9864_17 Datasheet HTML 10Page - Analog Devices AD9864_17 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 48 page
background image
AD9864
Data Sheet
Rev. A | Page 6 of 47
ABSOLUTE MAXIMUM RATINGS
Table 3. AD9864 Absolute Maximum Ratings
Parameter
With Respect To
Rating
VDDF, VDDA, VDDC,
VDDD, VDDH, VDDL,
VDDI
GNDF, GNDA, GNDC,
GNDD, GNDH, GNDL,
GNDI, GNDS
−0.3 to +4.0
VDDF, VDDA, VDDC,
VDDD, VDDH, VDDL,
VDDI
VDDR, VDDA, VDDC,
VDDD, VDDH, VDDL,
VDDI
−4.0 V to +4.0 V
VDDP, VDDQ
GNDP, GNDQ
−0.3 V to +6.0 V
GNDF, GNDA, GNDC,
GNDD, GNDH, GNDL,
GNDI, GNDQ, GNDP,
GNDS
GNDF, GNDA, GNDC,
GNDD, GNDH, GNDL,
GNDI, GNDQ, GNDP,
GNDS
−0.3 V to +0.3 V
MXOP, MXON, LOP, LON,
IFIN, CXIF, CXVL, CXVM
GNDH
−0.3 V to
VDDI + 0.3 V
PC, PD, PE, CLKOUT,
DOUTA, DOUTB, FS,
SYNCB
GNDH
−0.3 V to
VDDH + 0.3 V
IF2N, IF2P, GCP, GCN
GNDF
−0.3 V to
VDDF + 0.3 V
VFEFP, VREGN, RREF
GNDA
−0.3 V to
VDDA + 0.3 V
IOUTC
GNDQ
−0.3 V to
VDDQ + 0.3 V
IOUTL
GNDP
−0.3 V to
VDDP + 0.3 V
CLKP, CLKN
GNDC
−0.3 V to
VDDC + 0.3 V
FREF
GNDL
−0.3 V to
VDDL + 0.3 V
Maximum Junction
Temperature
150°C
Storage Temperature
−65°C to +150°C
Maximum Lead
Temperature
300°C
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
THERMAL RESISTANCE
θJA is specified for the worst-case conditions, that is, θJA is
specified for device soldered in circuit board for surface-mount
packages.
Table 4. Thermal Resistance
Package Type
θJA
Unit
48-Lead LFCSP
29.5
°C/W
ESD CAUTION


Podobny numer części - AD9864_17

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9864 AD-AD9864_15 Datasheet
944Kb / 44P
   IF Digitizing Subsystem
REV. 0
More results

Podobny opis - AD9864_17

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9864 AD-AD9864 Datasheet
1Mb / 44P
   IF Digitizing Subsystem
REV. 0
AD9870 AD-AD9870 Datasheet
233Kb / 20P
   IF Digitizing Subsystem
REV. 0
AD9874 AD-AD9874_17 Datasheet
710Kb / 41P
   IF Digitizing Subsystem
AD9874-EB AD-AD9874-EB Datasheet
580Kb / 40P
   IF Digitizing Subsystem
REV. A
AD9870 AD-AD9870_15 Datasheet
226Kb / 20P
   IF Digitizing Subsystem
REV. 0
AD9864 AD-AD9864_15 Datasheet
944Kb / 44P
   IF Digitizing Subsystem
REV. 0
AD9874 AD-AD9874 Datasheet
744Kb / 40P
   IF Digitizing Subsystem
REV. 0
AD9874 AD-AD9874_15 Datasheet
580Kb / 40P
   IF Digitizing Subsystem
REV. A
AD9874ABSTZ AD-AD9874ABSTZ Datasheet
580Kb / 40P
   IF Digitizing Subsystem
REV. A
AD9874-EB AD-AD9874-EB Datasheet
580Kb / 40P
   IF Digitizing Subsystem
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com