Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FAN8811TMPX Arkusz danych(PDF) 9 Page - ON Semiconductor

Numer części FAN8811TMPX
Szczegółowy opis  High-Frequency, High Side and Low Side Gate Driver IC
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FAN8811TMPX Arkusz danych(HTML) 9 Page - ON Semiconductor

Back Button FAN8811TMPX Datasheet HTML 5Page - ON Semiconductor FAN8811TMPX Datasheet HTML 6Page - ON Semiconductor FAN8811TMPX Datasheet HTML 7Page - ON Semiconductor FAN8811TMPX Datasheet HTML 8Page - ON Semiconductor FAN8811TMPX Datasheet HTML 9Page - ON Semiconductor FAN8811TMPX Datasheet HTML 10Page - ON Semiconductor FAN8811TMPX Datasheet HTML 11Page - ON Semiconductor FAN8811TMPX Datasheet HTML 12Page - ON Semiconductor FAN8811TMPX Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
FAN8811
www.onsemi.com
8
TYPICAL CHARACTERISTICS
Typical characteristics are provided at 25°C and VDD, VHB = 12 V unless otherwise noted.
Figure 11. Input Threshold vs. VDD
Figure 12. VDD UVLO Threshold vs. Temperature
Figure 13. VHB UVLO Threshold vs. Temperature
Figure 14. Bootstrap Diode VF vs. Temperature
Figure 15. VOH, VOL Voltage vs. Temperature
Figure 16. VOH, VOL Voltage vs. VDD(VHB)
0.5
1
1.5
2
2.5
3
7
8
9
10
11
12
13
14
15
16
17
18
VDD VOLTAGE [V]
VIH
VIL
5
5.2
5.4
5.6
5.8
6
6.2
6.4
6.6
6.8
7
-50℃
0℃
50℃
100℃
150℃
TEMPERATURE [℃]
VDDR
VDDF
5
5.2
5.4
5.6
5.8
6
6.2
6.4
6.6
6.8
7
-50℃
0℃
50℃
100℃
150℃
TEMPERATURE [℃]
VHBR
VHBF
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
-50℃
0℃
50℃
100℃
150℃
TEMPERATURE [℃]
VFL
VFH
0
0.05
0.1
0.15
0.2
0.25
-50℃
0℃
50℃
100℃
150℃
TEMPERAUTRE [℃]
VOL
VOH
0
0.05
0.1
0.15
0.2
0.25
7
8
9
10
11
12
13
14
15
16
17
18
VDD VOLTAGE [V]
VOL
VOH


Podobny numer części - FAN8811TMPX

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
FAN8811TMPX ONSEMI-FAN8811TMPX Datasheet
341Kb / 14P
   High-Frequency, High Side and Low Side Gate Driver IC
April, 2019 ??Rev. 3
More results

Podobny opis - FAN8811TMPX

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
FAN8811 ONSEMI-FAN8811 Datasheet
341Kb / 14P
   High-Frequency, High Side and Low Side Gate Driver IC
April, 2019 ??Rev. 3
NCV51511 ONSEMI-NCV51511 Datasheet
224Kb / 15P
   High-Frequency, High Side and Low Side Gate Driver
April, 2018 ??Rev. 0
logo
Diodes Incorporated
DGD0507A DIODES-DGD0507A Datasheet
596Kb / 11P
   HIGH FREQUENCY HIGH-SIDE AND LOW-SIDE GATE DRIVER
DGD0590 DIODES-DGD0590 Datasheet
466Kb / 11P
   HIGH FREQUENCY HIGH-SIDE AND LOW-SIDE GATE DRIVER
DGD0547 DIODES-DGD0547 Datasheet
709Kb / 11P
   HIGH FREQUENCY HIGH-SIDE AND LOW-SIDE GATE DRIVER
DGD05473FNQ DIODES-DGD05473FNQ Datasheet
642Kb / 11P
   HIGH FREQUENCY HIGH-SIDE AND LOW-SIDE GATE DRIVER
DGD05473 DIODES-DGD05473 Datasheet
738Kb / 11P
   HIGH FREQUENCY HIGH-SIDE AND LOW-SIDE GATE DRIVER
DGD0590A DIODES-DGD0590A Datasheet
581Kb / 11P
   HIGH FREQUENCY HIGH-SIDE AND LOW-SIDE GATE DRIVER
DGD2012 DIODES-DGD2012 Datasheet
497Kb / 11P
   HIGH-SIDE AND LOW-SIDE GATE DRIVER
DGD2106M DIODES-DGD2106M Datasheet
660Kb / 11P
   HIGH-SIDE AND LOW-SIDE GATE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com