Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FGB40T65SP Arkusz danych(PDF) 2 Page - ON Semiconductor

Numer części FGB40T65SP
Szczegółowy opis  Field Stop Trench IGBT
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FGB40T65SP Arkusz danych(HTML) 2 Page - ON Semiconductor

  FGB40T65SP Datasheet HTML 1Page - ON Semiconductor FGB40T65SP Datasheet HTML 2Page - ON Semiconductor FGB40T65SP Datasheet HTML 3Page - ON Semiconductor FGB40T65SP Datasheet HTML 4Page - ON Semiconductor FGB40T65SP Datasheet HTML 5Page - ON Semiconductor FGB40T65SP Datasheet HTML 6Page - ON Semiconductor FGB40T65SP Datasheet HTML 7Page - ON Semiconductor FGB40T65SP Datasheet HTML 8Page - ON Semiconductor FGB40T65SP Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
©Semiconductor Components Industries, LLC, 2016
1
www.onsemi.com
November 2016 - Rev. 1.0
Absolute Maximum Ratings
Notes:
1: VCC = 400 V, VGE = 15 V, IC = 120 A, RG = 20 Ω, Inductive Load
2: Repetitive rating: pulse width limited by max. junction temperature
Symbol
Description
Ratings
Units
VCES
Collector to Emitter Voltage
650
V
VGES
Gate to Emitter Voltage
± 20
V
Transient Gate to Emitter Voltage
± 30
V
IC
Collector Current
@ TC = 25 oC80
A
Collector Current
@ TC = 100 oC40
A
ICM
Pulsed Collector Current
(Note 2)
120
A
IF
Diode Forward Current
@ TC = 25 oC40
A
Diode Forward Current
@ TC = 100 oC20
A
IFM
Pulsed Diode Maximum Forward Current
(Note 2)
120
A
PD
Maximum Power Dissipation
@ TC = 25 oC
267
W
Maximum Power Dissipation
@ TC = 100 oC
134
W
SCWT
Short Circuit Withstand Time
@ TC = 25 oC5
μs
TJ
Operating Junction Temperature
-55 to +175
oC
Tstg
Storage Temperature Range
-55 to +175
oC
TL
Maximum Lead Temp. for soldering
Purposes, 1/8” from case for 5 seconds
300
oC
FGB40T65SPD_F085
650V, 40A Field Stop Trench IGBT
Features
• AEC-Q101 Qualified
• Low Saturation Voltage : VCE(sat) = 2.0 V(Typ.) @ IC = 40 A
• 100% of the parts are dynamically tested (Note 1)
• Short Circuit Ruggedness > 5
μs @ 25 oC
• Maximum Junction Temperature : TJ = 175 oC
• Fast Switching
• Tight Parameter Distribution
• Positive Temperature Coefficient for Easy Parallel Operation
• Copacked with soft, fast recovery diode
• RoHS Compliant
General Description
Using the novel field stop 3rd generation IGBT technology,
FGH40T65SPD_F085 offers the optimum performance with
both low conduction loss and switching loss for a high efficiency
operation in various applications, while provides 50V higher
blocking voltage and rugged high current switching reliability.
Meanwhile, this part also offers and advantage of outstanding
performance in parallel operation.
Applications
• Onboard Charger
• AirCon Compressor
• PTC Heater
• Motor Drivers
• Other automotive power-train and auxiliary applications
G
E
C
COLLECTOR
(FLANGE)
TO-263AB/D2-PAK
G C E


Podobny numer części - FGB40T65SP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Inchange Semiconductor ...
FGB40T65SPD ISC-FGB40T65SPD Datasheet
370Kb / 3P
   Field-Stop Trench IGBT
More results

Podobny opis - FGB40T65SP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
FGH75T65SHDTLN4 ONSEMI-FGH75T65SHDTLN4 Datasheet
465Kb / 9P
   IGBT - Field Stop, Trench IGBT - Field Stop, Trench
November, 2019 ??Rev. P2
AFGHL40T65SPD ONSEMI-AFGHL40T65SPD Datasheet
407Kb / 10P
   Field Stop Trench IGBT
September, 2020 ??Rev. 5
FGH40T65UQDF ONSEMI-FGH40T65UQDF Datasheet
1Mb / 11P
   Field Stop Trench IGBT
December 2016 Rev. 1.0
AFGHL75T65SQ ONSEMI-AFGHL75T65SQ Datasheet
246Kb / 9P
   Field Stop Trench IGBT
July, 2020 ??Rev. 0
FGH75T65SQDTL4 ONSEMI-FGH75T65SQDTL4 Datasheet
848Kb / 10P
   Field Stop Trench IGBT
February 2017 Rev. 1.0
logo
SemiHow Co.,Ltd.
HIH30N120TF SEMIHOW-HIH30N120TF Datasheet
892Kb / 8P
   1200V Field Stop Trench IGBT
logo
Microsemi Corporation
APTCV60TLM24T3G MICROSEMI-APTCV60TLM24T3G Datasheet
306Kb / 13P
   CoolMOS & Trench Field Stop IGBT
logo
Inchange Semiconductor ...
IXGA30N120 ISC-IXGA30N120 Datasheet
348Kb / 3P
   Trench gate Field-Stop IGBT
2023-8-14
FGHL75T65LQDT ISC-FGHL75T65LQDT Datasheet
405Kb / 4P
   Trench and Field Stop IGBT
FS75R17KE3-ISGM2006 ISC-FS75R17KE3-ISGM2006 Datasheet
427Kb / 6P
   Trench gate Field-Stop IGBT
2023-9-21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com