Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FGB40T65SP Arkusz danych(PDF) 4 Page - ON Semiconductor

Numer części FGB40T65SP
Szczegółowy opis  Field Stop Trench IGBT
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FGB40T65SP Arkusz danych(HTML) 4 Page - ON Semiconductor

  FGB40T65SP Datasheet HTML 1Page - ON Semiconductor FGB40T65SP Datasheet HTML 2Page - ON Semiconductor FGB40T65SP Datasheet HTML 3Page - ON Semiconductor FGB40T65SP Datasheet HTML 4Page - ON Semiconductor FGB40T65SP Datasheet HTML 5Page - ON Semiconductor FGB40T65SP Datasheet HTML 6Page - ON Semiconductor FGB40T65SP Datasheet HTML 7Page - ON Semiconductor FGB40T65SP Datasheet HTML 8Page - ON Semiconductor FGB40T65SP Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
©Semiconductor Components Industries, LLC, 2016
3
www.onsemi.com
November 2016 - Rev. 1.0
Electrical Characteristics of the IGBT (Continued)
Electrical Characteristics of the Diode T
C = 25 °C unless otherwise noted
Thermal Characteristics
Symbol
Parameter
Test Conditions
Min.
Typ.
Max
Units
Qg
Total Gate Charge
VCE = 400V, IC = 40A,
VGE = 15V
-36
-
nC
Qge
Gate to Emitter Charge
-
12
-
nC
Qgc
Gate to Collector Charge
-
11
-
nC
Symbol
Parameter
Test Conditions
Min.
Typ.
Max
Units
VFM
Diode Forward Voltage
IF = 20A
TC = 25 oC-
2.0
2.7
V
TC = 175 oC-
1.8
-
Erec
Reverse Recovery Energy
IF = 20A,
dIF/dt = 200A/μs
TC = 175 oC-
51
-
μJ
Trr
Diode Reverse Recovery Time
TC = 25 oC-
34
-
ns
TC = 175 oC
-
206
-
Qrr
Diode Reverse Recovery Charge
TC = 25 oC-
56
-
nC
TC = 175 oC
-
731
-
Symbol
Parameter
Typ.
Max.
Units
RθJC(IGBT)
Thermal Resistance, Junction to Case
-
0.56
oC/W
RθJC(Diode)
Thermal Resistance, Junction to Case
-
1.71
oC/W
RθJA
Thermal Resistance, Junction to Ambient
-
40
oC/W


Podobny numer części - FGB40T65SP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Inchange Semiconductor ...
FGB40T65SPD ISC-FGB40T65SPD Datasheet
370Kb / 3P
   Field-Stop Trench IGBT
More results

Podobny opis - FGB40T65SP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
FGH75T65SHDTLN4 ONSEMI-FGH75T65SHDTLN4 Datasheet
465Kb / 9P
   IGBT - Field Stop, Trench IGBT - Field Stop, Trench
November, 2019 ??Rev. P2
AFGHL40T65SPD ONSEMI-AFGHL40T65SPD Datasheet
407Kb / 10P
   Field Stop Trench IGBT
September, 2020 ??Rev. 5
FGH40T65UQDF ONSEMI-FGH40T65UQDF Datasheet
1Mb / 11P
   Field Stop Trench IGBT
December 2016 Rev. 1.0
AFGHL75T65SQ ONSEMI-AFGHL75T65SQ Datasheet
246Kb / 9P
   Field Stop Trench IGBT
July, 2020 ??Rev. 0
FGH75T65SQDTL4 ONSEMI-FGH75T65SQDTL4 Datasheet
848Kb / 10P
   Field Stop Trench IGBT
February 2017 Rev. 1.0
logo
SemiHow Co.,Ltd.
HIH30N120TF SEMIHOW-HIH30N120TF Datasheet
892Kb / 8P
   1200V Field Stop Trench IGBT
logo
Microsemi Corporation
APTCV60TLM24T3G MICROSEMI-APTCV60TLM24T3G Datasheet
306Kb / 13P
   CoolMOS & Trench Field Stop IGBT
logo
Inchange Semiconductor ...
IXGA30N120 ISC-IXGA30N120 Datasheet
348Kb / 3P
   Trench gate Field-Stop IGBT
2023-8-14
FGHL75T65LQDT ISC-FGHL75T65LQDT Datasheet
405Kb / 4P
   Trench and Field Stop IGBT
FS75R17KE3-ISGM2006 ISC-FS75R17KE3-ISGM2006 Datasheet
427Kb / 6P
   Trench gate Field-Stop IGBT
2023-9-21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com