Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FGB40T65SPD Arkusz danych(PDF) 10 Page - ON Semiconductor

Numer części FGB40T65SPD
Szczegółowy opis  Field Stop Trench IGBT
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FGB40T65SPD Arkusz danych(HTML) 10 Page - ON Semiconductor

Back Button FGB40T65SPD Datasheet HTML 3Page - ON Semiconductor FGB40T65SPD Datasheet HTML 4Page - ON Semiconductor FGB40T65SPD Datasheet HTML 5Page - ON Semiconductor FGB40T65SPD Datasheet HTML 6Page - ON Semiconductor FGB40T65SPD Datasheet HTML 7Page - ON Semiconductor FGB40T65SPD Datasheet HTML 8Page - ON Semiconductor FGB40T65SPD Datasheet HTML 9Page - ON Semiconductor FGB40T65SPD Datasheet HTML 10Page - ON Semiconductor FGB40T65SPD Datasheet HTML 11Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
LAND PATTERN RECOMMENDATION
SCALE: 2X
2
SEATING
PLANE
3
4
GAGE PLANE
1
2
1
4
3
SEE
DETAIL A
10.67
9.65
1.68
1.00
9.65
8.38
1.78 MAX
1.78
1.14
0.99
0.51
5.08
(2.12)
6.22 MIN
6.86 MIN
15.88
14.61
1.65
1.14
4.83
4.06
0.74
0.33
2.79
1.78
(5.38)
0.25 MAX
0.25
0.25
A
B
M
M
-A-
-B-
0.10
B
NOTES: UNLESS OTHERWISE SPECIFIED
A) ALL DIMENSIONS ARE IN MILLIMETERS.
B) REFERENCE JEDEC, TO-263, VARIATION AB.
C) DIMENSIONING AND TOLERANCING PER
DIMENSIONING AND TOLERANCING PER
ASME Y14.5 - 2009.
D) LOCATION OF THE PIN HOLE MAY VARY
(LOWER LEFT CORNER, LOWER CENTER
AND CENTER OF THE PACKAGE).
E) LANDPATTERN RECOMMENDATION PER IPC
TO254P1524X482-3N
F) FILENAME: TO263A02REV8
10.67
9.45
3.80
1.05
10.00
UNLESS NOTED, ALL DIMS TYPICAL
5.08
2
3
4
1
2
1
4
3
0.25 MAX
PLASTIC BODY
STUB
FRONT VIEW - DIODE PRODUCTS VERSION
ALTERNATIVE SUPPLIER DETAIL
BACK VIEW - DIODE PRODUCTS VERSION
ALTERNATIVE SUPPLIER DETAIL


Podobny numer części - FGB40T65SPD

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Inchange Semiconductor ...
FGB40T65SPD ISC-FGB40T65SPD Datasheet
370Kb / 3P
   Field-Stop Trench IGBT
More results

Podobny opis - FGB40T65SPD

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
FGH75T65SHDTLN4 ONSEMI-FGH75T65SHDTLN4 Datasheet
465Kb / 9P
   IGBT - Field Stop, Trench IGBT - Field Stop, Trench
November, 2019 ??Rev. P2
AFGHL40T65SPD ONSEMI-AFGHL40T65SPD Datasheet
407Kb / 10P
   Field Stop Trench IGBT
September, 2020 ??Rev. 5
FGH40T65UQDF ONSEMI-FGH40T65UQDF Datasheet
1Mb / 11P
   Field Stop Trench IGBT
December 2016 Rev. 1.0
AFGHL75T65SQ ONSEMI-AFGHL75T65SQ Datasheet
246Kb / 9P
   Field Stop Trench IGBT
July, 2020 ??Rev. 0
FGH75T65SQDTL4 ONSEMI-FGH75T65SQDTL4 Datasheet
848Kb / 10P
   Field Stop Trench IGBT
February 2017 Rev. 1.0
logo
SemiHow Co.,Ltd.
HIH30N120TF SEMIHOW-HIH30N120TF Datasheet
892Kb / 8P
   1200V Field Stop Trench IGBT
logo
Microsemi Corporation
APTCV60TLM24T3G MICROSEMI-APTCV60TLM24T3G Datasheet
306Kb / 13P
   CoolMOS & Trench Field Stop IGBT
logo
Inchange Semiconductor ...
IXGA30N120 ISC-IXGA30N120 Datasheet
348Kb / 3P
   Trench gate Field-Stop IGBT
2023-8-14
FGHL75T65LQDT ISC-FGHL75T65LQDT Datasheet
405Kb / 4P
   Trench and Field Stop IGBT
FS75R17KE3-ISGM2006 ISC-FS75R17KE3-ISGM2006 Datasheet
427Kb / 6P
   Trench gate Field-Stop IGBT
2023-9-21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com