Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD2S44-TM12B Arkusz danych(PDF) 7 Page - Analog Devices

Numer części AD2S44-TM12B
Szczegółowy opis  Dual Channel Synchro/Resolver-to-Digital Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD2S44-TM12B Arkusz danych(HTML) 7 Page - Analog Devices

Back Button AD2S44-TM12B Datasheet HTML 3Page - Analog Devices AD2S44-TM12B Datasheet HTML 4Page - Analog Devices AD2S44-TM12B Datasheet HTML 5Page - Analog Devices AD2S44-TM12B Datasheet HTML 6Page - Analog Devices AD2S44-TM12B Datasheet HTML 7Page - Analog Devices AD2S44-TM12B Datasheet HTML 8Page - Analog Devices AD2S44-TM12B Datasheet HTML 9Page - Analog Devices AD2S44-TM12B Datasheet HTML 10Page - Analog Devices AD2S44-TM12B Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
AD2S44
Data Sheet
Rev. B | Page 6 of 12
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
1
2
3
4
5
6
7
8
9
10
11
12
13
14
32
31
30
29
28
27
26
25
24
23
22
21
20
19
15
16
18
17
DB9
DB10
DB11
DB14 (LSB)
DB13
DB12
DB8
DB6
DB5
DB4
DB1 (MSB)
DB2
DB3
OE
A/B
BIT
S3 (A)
RHI (A)
RLO (A)
+VS
–VS
GND
S3 (B)
S4 (A)
S4 (B)
S1 (A)
S1 (B)
S2 (A)
S2 (B)
RHI (B)
RLO (B)
DB7
AD2S44
TOP VIEW
(Not to Scale)
Figure 2. Pin Configuration
Table 3. Pin Function Descriptions
Pin No.
Mnemonic
Description
1 to 7
DB8 to DB14 (LSB)
Parallel Output Data Bits.
8
OE
Output Enable Input.
9
A/B
Channel A or Channel B Select Input.
10
BIT
Built-In Test Error Output.
11
RLO (A)
Input Pin for Channel A Reference Low.
12
RHI (A)
Input Pin for Channel A Reference High.
13 to 16
S4 (A) to S1 (A)
Channel A Input Signal.
17 to 20
S1 (B) to S4 (B)
Channel B Input Signal.
21
RHI (B)
Input Pin for Channel B Reference High.
22
RLO (B)
Input Pin for Channel B Reference Low.
23
GND
Power Supply Ground. This pin is electrically connected to the case.
24
–VS
Negative Power Supply.
25
+VS
Positive Power Supply.
26 to 32
DB1 (MSB) to DB7
Parallel Output Data Bits.


Podobny numer części - AD2S44-TM12B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD2S44-TM12B AD-AD2S44-TM12B Datasheet
310Kb / 12P
   Low Cost, 14-Bit, Dual Channel Synchro/Resolver-to-Digital Converter
REV. B
More results

Podobny opis - AD2S44-TM12B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD2S44 AD-AD2S44 Datasheet
389Kb / 8P
   Low Cost, 14-Bit, Dual Channel Synchro/Resolver-to-Digital Converter
SDC-RDC1700 AD-SDC-RDC1700_15 Datasheet
2Mb / 6P
   LOW PROFILE SYNCHRO RESOLVER TO DIGITAL CONVERTER
AD2S44 AD-AD2S44_15 Datasheet
310Kb / 12P
   Low Cost, 14-Bit, Dual Channel Synchro/Resolver-to-Digital Converter
REV. B
AD2S44-TM18B AD-AD2S44-TM18B Datasheet
310Kb / 12P
   Low Cost, 14-Bit, Dual Channel Synchro/Resolver-to-Digital Converter
REV. B
logo
List of Unclassifed Man...
VMIVME-4905 ETC2-VMIVME-4905 Datasheet
89Kb / 3P
   High Power Digital-to-Synchro/Resolver Converter Board
logo
Analog Devices
AD2S46 AD-AD2S46_15 Datasheet
2Mb / 8P
   LOW COST 16 BIT SYNCHRO RESOLVER TO DIGITAL CONVERTER
REV. 0
DRC1745 AD-DRC1745_15 Datasheet
3Mb / 8P
   High Power Output Hybrid Digital to Synchro Resolver Converters
DRC1746 AD-DRC1746_15 Datasheet
3Mb / 8P
   HIGH POWER OUTPUT HYBRID DIGITAL TO SYNCHRO RESOLVER CONVERTERS
REV. A
SDC1768 AD-SDC1768 Datasheet
711Kb / 6P
   12- AND 14- BIT HYBRID SYNCHRO / RESOLVER TO DIGITAL CONVERTERS
SDC174A411 AD-SDC174A411 Datasheet
3Mb / 8P
   12-and 14-bit hybrid Synchro/Resolver-to Digital Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com