Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TC94A04AFD Arkusz danych(PDF) 11 Page - Toshiba Semiconductor

Numer części TC94A04AFD
Szczegółowy opis  1 CHIP AUDIO DIGITAL PROCESSOR
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOSHIBA [Toshiba Semiconductor]
Strona internetowa  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC94A04AFD Arkusz danych(HTML) 11 Page - Toshiba Semiconductor

Back Button TC94A04AFD Datasheet HTML 7Page - Toshiba Semiconductor TC94A04AFD Datasheet HTML 8Page - Toshiba Semiconductor TC94A04AFD Datasheet HTML 9Page - Toshiba Semiconductor TC94A04AFD Datasheet HTML 10Page - Toshiba Semiconductor TC94A04AFD Datasheet HTML 11Page - Toshiba Semiconductor TC94A04AFD Datasheet HTML 12Page - Toshiba Semiconductor TC94A04AFD Datasheet HTML 13Page - Toshiba Semiconductor TC94A04AFD Datasheet HTML 14Page - Toshiba Semiconductor TC94A04AFD Datasheet HTML 15Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 42 page
background image
TC94A04AF/AFD
2001-11-15
11
2.2
I
2
C Bus Mode
When I2CS = “H”, data can be transmitted or received in I2C bus mode.
When the CS signal is Low, control from the microcontroller is enabled.
In I2C mode, the CS signal can be used fixed to “L”. The IFCK signal is the transmit/receive clock.
The IFDI signal is the data.
The TC94A04AF/AFD loads the IFDI data on the IFCK signal rising edge.
When CS = “H”, IFCK and IFD signal are don't care.
2.2.1 Setting Registers
The registers are set by command data using the IFDI signal.
The first byte after the I2C address (= 32h) is a command, which differs for each register. The data
sent after that are fixed to two bytes. Both command and data are sent starting from the MSB in I2C
format.
The data loaded internally every two bytes. Note that commands or data that must be switched on
the SYNC signal, such as the RUN command (command-44h) or the IFF flag (command-4Ah), must be
synchronized with the SYNC signal and loaded on that signal.
CS
IFDI
IFCK
C3
C2
C5
C4
C7
C6
C1
C0
A3
A2
A5
A4
A7
A6
A1
A0
D11
D10
D13
D12
D15
D14
D9
D8
An: I
2
C address
Cn: COMMAND
Dn: Data
(MCU
→)
start
32h
HZ
HZ
HZ
HZ
end
D3
D2
D5
D4
D7
D6
D1
65


Podobny numer części - TC94A04AFD

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TC94A04AFDG TOSHIBA-TC94A04AFDG Datasheet
702Kb / 42P
   1 chip Audio Digital Processor
More results

Podobny opis - TC94A04AFD

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TC94A04AFG TOSHIBA-TC94A04AFG Datasheet
702Kb / 42P
   1 chip Audio Digital Processor
TC9496AF TOSHIBA-TC9496AF Datasheet
465Kb / 48P
   1 Chip Audio Digital Signal Processor
TC9447F TOSHIBA-TC9447F Datasheet
635Kb / 44P
   Single-Chip Audio Digital Signal Processor
TC94A48FG TOSHIBA-TC94A48FG Datasheet
628Kb / 36P
   Single-chip Audio Digital Signal Processor
logo
Texas Instruments
TAS3001C TI-TAS3001C Datasheet
417Kb / 56P
[Old version datasheet]   DIGITAL AUDIO PROCESSOR
TAS5000 TI-TAS5000_06 Datasheet
110Kb / 25P
[Old version datasheet]   Digital Audio Pwm Processor
logo
Nippon Precision Circui...
SM5852DS NPC-SM5852DS Datasheet
106Kb / 14P
   Digital Audio Processor LSI
logo
List of Unclassifed Man...
ZR38650 ETC1-ZR38650 Datasheet
441Kb / 66P
   PROGRAMMABLE DIGITAL AUDIO PROCESSOR
logo
YAMAHA CORPORATION
YSS950 YAMAHA-YSS950 Datasheet
781Kb / 30P
   DAP1 Digital Audio Processor
logo
Toshiba Semiconductor
TC9337F TOSHIBA-TC9337F Datasheet
1Mb / 31P
   AUDIO DIGITAL SIGNAL PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com