Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TPA6120A2 Arkusz danych(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Numer części TPA6120A2
Szczegółowy opis  HIGH FIDELITY HEADPHONE AMPLIFIER
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

TPA6120A2 Arkusz danych(HTML) 2 Page - Texas Instruments

  TPA6120A2 Datasheet HTML 1Page - Texas Instruments TPA6120A2 Datasheet HTML 2Page - Texas Instruments TPA6120A2 Datasheet HTML 3Page - Texas Instruments TPA6120A2 Datasheet HTML 4Page - Texas Instruments TPA6120A2 Datasheet HTML 5Page - Texas Instruments TPA6120A2 Datasheet HTML 6Page - Texas Instruments TPA6120A2 Datasheet HTML 7Page - Texas Instruments TPA6120A2 Datasheet HTML 8Page - Texas Instruments TPA6120A2 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
DISSIPATION RATING TABLE
AVAILABLE OPTIONS
RECOMMENDED OPERATING CONDITIONS
TPA6120A2
SLOS431 – MARCH 2004
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage.
over operating free-air temperature range (unless otherwise noted) (1)
TPA6120A2
Supply voltage, VCC+ to VCC-
33 V
Input voltage, VI
(2)
± V
CC
Differential input voltage, VID
6 V
Minimum load impedance
8
Continuous total power dissipation
See Dissipation Rating Table
Operating free–air temperature range, TA
- 40
°C to 85°C
Operating junction temperature range, TJ
(3)
- 40
°C to 150°C
Storage temperature range, Tstg
- 40
°C to 125°C
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
235
°C
(1)
Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under “recommended operating
conditions” is not implied. Exposure to absolute–maximum–rated conditions for extended periods may affect device reliability.
(2)
When the TPA6120A2 is powered down, the input source voltage must be kept below 600-mV peak.
(3)
The TPA6120A2 incorporates an exposed PowerPAD on the underside of the chip. This acts as a heatsink and must be connected to a
thermally dissipating plane for proper power dissipation. Failure to do so may result in exceeding the maximum junction temperature that
could permanently damage the device. See TI Technical Brief SLMA002 for more information about utilizing the PowerPAD thermally
enhanced package.
θ
JA
(1)
θ
JC
TA = 25°C
PACKAGE
(
°C/W)
(
°C/W)
POWER RATING
DWP
44.4
33.8
2.8 W
(1)
The PowerPAD must be soldered to a thermal land on the printed-circuit board. See the PowerPAD
Thermally Enhanced Package application note (SLMA002)
TA
PACKAGE
PART NUMBER
SYMBOL
-40
°C to 85°C
DWP(1)
TPA6120A2DWP
6120A2
(1)
The DWP package is available taped and reeled. To order a taped and reeled part, add the suffix R
to the part number (e.g., TPA6120A2DWPR).
MIN
MAX
UNIT
Split Supply
±5
±15
Supply voltage, VCC+ and VCC-
V
Single Supply
10
30
Load impedance
VCC = ±5 V or ±15 V
16
Operating free–air temperature, TA
-40
85
°C
2


Podobny numer części - TPA6120A2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPA6120A2 TI-TPA6120A2 Datasheet
731Kb / 26P
[Old version datasheet]   HIGH FIDELITY HEADPHONE AMPLIFIER
TPA6120A2 TI1-TPA6120A2 Datasheet
2Mb / 31P
[Old version datasheet]   High Fidelity Headphone Amplifier
TPA6120A2DWP TI-TPA6120A2DWP Datasheet
607Kb / 24P
[Old version datasheet]   HIGH FIDELITY HEADPHONE AMPLIFIER
TPA6120A2DWP TI-TPA6120A2DWP Datasheet
731Kb / 26P
[Old version datasheet]   HIGH FIDELITY HEADPHONE AMPLIFIER
TPA6120A2DWP TI1-TPA6120A2DWP Datasheet
2Mb / 31P
[Old version datasheet]   High Fidelity Headphone Amplifier
More results

Podobny opis - TPA6120A2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPA6120A2 TI-TPA6120A2_08 Datasheet
731Kb / 26P
[Old version datasheet]   HIGH FIDELITY HEADPHONE AMPLIFIER
TPA6120A2 TI-TPA6120A2_07 Datasheet
607Kb / 24P
[Old version datasheet]   HIGH FIDELITY HEADPHONE AMPLIFIER
TPA6120A2 TI1-TPA6120A2 Datasheet
2Mb / 31P
[Old version datasheet]   High Fidelity Headphone Amplifier
TPA6120A2 TI-TPA6120A2_15 Datasheet
2Mb / 31P
[Old version datasheet]   TPA6120A2 High Fidelity Headphone Amplifier
LME49600 TI1-LME49600 Datasheet
439Kb / 21P
[Old version datasheet]   High-Performance, High-Fidelity, High-Current Headphone Buffer
logo
National Semiconductor ...
LME49723 NSC-LME49723 Datasheet
640Kb / 24P
   Dual High Fidelity Audio Operational Amplifier
LME49710 NSC-LME49710_07 Datasheet
815Kb / 28P
   High Performance, High Fidelity Audio Operational Amplifier
logo
Texas Instruments
LME49710 TI1-LME49710 Datasheet
1Mb / 34P
[Old version datasheet]   High-Performance, High-Fidelity Audio Operational Amplifier
LME49723 TI1-LME49723 Datasheet
1Mb / 26P
[Old version datasheet]   Dual High Fidelity Audio Operational Amplifier
LME49710 TI1-LME49710_14 Datasheet
1Mb / 33P
[Old version datasheet]   High Performance, High Fidelity Audio Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com