Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD7357 Arkusz danych(PDF) 11 Page - Analog Devices

Numer części AD7357
Szczegółowy opis  Differential Input, Dual, Simultaneous Sampling
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD7357 Arkusz danych(HTML) 11 Page - Analog Devices

Back Button AD7357 Datasheet HTML 7Page - Analog Devices AD7357 Datasheet HTML 8Page - Analog Devices AD7357 Datasheet HTML 9Page - Analog Devices AD7357 Datasheet HTML 10Page - Analog Devices AD7357 Datasheet HTML 11Page - Analog Devices AD7357 Datasheet HTML 12Page - Analog Devices AD7357 Datasheet HTML 13Page - Analog Devices AD7357 Datasheet HTML 14Page - Analog Devices AD7357 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
AD7357
Data Sheet
Rev. E | Page 10 of 24
TYPICAL PERFORMANCE CHARACTERISTICS
–140
–120
–100
–80
–60
–40
–20
0
0
250
500
750
1000
1250
1500
1750
2000
FREQUENCY (kHz)
16,384 POINT FFT
fSAMPLE = 4.2MSPS
fIN = 1MHz
SINAD = 76.8dB
THD = –84.5dB
Figure 4. Typical FFT
1.0
0.8
0.6
0.4
0.2
0
–0.2
–0.4
–0.6
–0.8
–1.0
0
4000
8000
12,000
16,000
CODE
Figure 5. Typical DNL
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
0
4000
8000
12,000
16,000
CODE
Figure 6. Typical INL
0
5000
10,000
15,000
20,000
8188
8189
8190
8191
8192
8193
8194
8195
CODE
32 HITS
Figure 7. Histogram of Codes
65
67
69
71
73
75
77
79
0
1
2
345
ANALOG INPUT FREQUENCY (MHz)
Figure 8. SNR vs. Analog Input Frequency
–85
–80
–75
–70
–65
–60
0
5
10
15
20
25
SUPPLY RIPPLE FREQUENCY (MHz)
Figure 9. PSRR vs. Supply Ripple Frequency with No Supply Decoupling


Podobny numer części - AD7357

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7357 AD-AD7357 Datasheet
196Kb / 17P
   Differential Input,Dual,Simultaneous Sampling, 4.25 MSPS, 14-Bit, SAR ADC
Rev. PrD
AD7357 AD-AD7357 Datasheet
398Kb / 20P
   Differential Input, Dual, Simultaneous Sampling, 4.2 MSPS, 14-Bit, SAR ADC
Rev. PrF
AD7357 AD-AD7357 Datasheet
469Kb / 20P
   Differential Input, Dual, Simultaneous Sampling, 4.2 MSPS, 14-Bit, SAR ADC
REV. 0
AD7357BRUZ AD-AD7357BRUZ Datasheet
196Kb / 17P
   Differential Input,Dual,Simultaneous Sampling, 4.25 MSPS, 14-Bit, SAR ADC
Rev. PrD
AD7357BRUZ AD-AD7357BRUZ Datasheet
398Kb / 20P
   Differential Input, Dual, Simultaneous Sampling, 4.2 MSPS, 14-Bit, SAR ADC
Rev. PrF
More results

Podobny opis - AD7357

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7356 AD-AD7356_17 Datasheet
606Kb / 21P
   Differential Input, Dual, Simultaneous Sampling
AD7380 AD-AD7380 Datasheet
699Kb / 31P
   Dual, Simultaneous Sampling SAR ADCs, Differential Inputs
AD7357 AD-AD7357 Datasheet
196Kb / 17P
   Differential Input,Dual,Simultaneous Sampling, 4.25 MSPS, 14-Bit, SAR ADC
Rev. PrD
AD7356 AD-AD7356_15 Datasheet
636Kb / 21P
   Differential Input, Dual, Simultaneous Sampling, 5 MSPS, 12-Bit, SAR ADC
REV. A
AD7352 AD-AD7352 Datasheet
518Kb / 20P
   Differential Input, Dual, Simultaneous Sampling, 3 MSPS, 12-Bit, SAR ADC
REV. 0
AD7357 AD-AD7357_09 Datasheet
469Kb / 20P
   Differential Input, Dual, Simultaneous Sampling, 4.2 MSPS, 14-Bit, SAR ADC
REV. 0
AD7352 AD-AD7352_15 Datasheet
623Kb / 21P
   Differential Input, Dual, Simultaneous Sampling, 3 MSPS, 12-Bit, SAR ADC
REV. A
AD7357 AD-AD7357_15 Datasheet
623Kb / 21P
   Differential Input, Dual, Simultaneous Sampling, 4.2 MSPS, 14-Bit, SAR ADC
REV. B
AD7357 AD-AD7357_08 Datasheet
398Kb / 20P
   Differential Input, Dual, Simultaneous Sampling, 4.2 MSPS, 14-Bit, SAR ADC
Rev. PrF
AD7356 AD-AD7356_08 Datasheet
531Kb / 20P
   Differential Input, Dual, Simultaneous Sampling, 5 MSPS, 12-Bit, SAR ADC
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com