Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD7357YRUZ-RL Arkusz danych(PDF) 1 Page - Analog Devices

Numer części AD7357YRUZ-RL
Szczegółowy opis  Differential Input, Dual, Simultaneous Sampling
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD7357YRUZ-RL Arkusz danych(HTML) 1 Page - Analog Devices

  AD7357YRUZ-RL Datasheet HTML 1Page - Analog Devices AD7357YRUZ-RL Datasheet HTML 2Page - Analog Devices AD7357YRUZ-RL Datasheet HTML 3Page - Analog Devices AD7357YRUZ-RL Datasheet HTML 4Page - Analog Devices AD7357YRUZ-RL Datasheet HTML 5Page - Analog Devices AD7357YRUZ-RL Datasheet HTML 6Page - Analog Devices AD7357YRUZ-RL Datasheet HTML 7Page - Analog Devices AD7357YRUZ-RL Datasheet HTML 8Page - Analog Devices AD7357YRUZ-RL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
Differential Input, Dual, Simultaneous
Sampling, 4.2 MSPS, 14-Bit, SAR ADC
Data Sheet
AD7357
Rev. E
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2009–2015 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Dual 14-bit SAR ADC
Simultaneous sampling
Throughput rate: 4.2 MSPS per channel
Specified for a VDD of 2.5 V
Power dissipation: 36 mW at 4.2 MSPS
On-chip reference: 2.048 V ± 0.25%, 6 ppm/°C
Dual conversion with read
High speed serial interface
SPI-/QSPI-/MICROWIRE-/DSP-compatible
−40°C to +125°C Y grade operation, −40°C to +85°C B grade
operation
16-lead TSSOP and 18-lead LFCSP packages
Qualified for automotive applications
APPLICATIONS
Automotive radar
Data acquisition systems
Motion control
I and Q demodulation
RFID readers
FUNCTIONAL BLOCK DIAGRAM
SCLK
AD7357
14-BIT
SUCCESSIVE
APPROXIMATION
ADC
14-BIT
SUCCESSIVE
APPROXIMATION
ADC
CONTROL
LOGIC
SDATAA
CS
SDATAB
DGND
REFGND
AGND
VDRIVE
VDD
AGND
T/H
T/H
BUF
BUF
REF
VINA+
VINA–
REFA
VINB+
VINB–
REFB
Figure 1.
GENERAL DESCRIPTION
The AD73571 is a dual, 14-bit, high speed, low power, successive
approximation analog-to-digital converter (ADC) that operates
from a single 2.5 V power supply and features throughput rates
up to 4.2 MSPS. The device contains two ADCs, each preceded
by a low noise, wide bandwidth track-and-hold circuit that can
handle input frequencies in excess of 110 MHz.
The conversion process and data acquisition use standard control
inputs allowing for easy interfacing to microprocessors or
digital signal processors (DSPs). The input signal is sampled on
the falling edge of CS; a conversion is also initiated at this point.
The conversion time is determined by the SCLK frequency.
The AD7357 uses advanced design techniques to achieve very
low power dissipation at high throughput rates. With a 2.5 V
supply and a 4.2 MSPS throughput rate, the device consumes
14 mA typically. The device also offers flexible power and
throughput rate management options.
The analog input range for the device is the differential common
mode ±VREF/2. The AD7357 has an on-chip 2.048 V reference
that can be overdriven when an external reference is preferred.
The AD7357 is available in a 16-lead thin shrink small outline
package (TSSOP) and an 18-lead lead frame chip scale package
(LFCSP).
PRODUCT HIGHLIGHTS
1. Two Complete ADC Functions.
These functions allow simultaneous sampling and conversion
of two channels. The conversion result of both channels
is simultaneously available on separate data lines or in
succession on one data line if only one serial port is available.
2. High Throughput with Low Power Consumption.
The AD7357 offers a 4.2 MSPS throughput rate with 36 mW
power consumption.
3. Simultaneous Sampling.
The device features two standard successive approximation
ADCs with accurate control of the sampling instant via a CS
input and once off conversion control.
Table 1. Related Devices
Generic
Resolution
Throughput
Analog Input
AD7356
12-bit
5 MSPS
Differential
AD7352
12-bit
3 MSPS
Differential
AD7266
12-bit
2 MSPS
Differential/single-
ended
AD7866
12-bit
1 MSPS
Single-ended
AD7366
12-bit
1 MSPS
Single-ended bipolar
AD7367
14-bit
1 MSPS
Single-ended bipolar
1
Protected by U.S. Patent No. 6,681,332.


Podobny numer części - AD7357YRUZ-RL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7357YRUZ-RL AD-AD7357YRUZ-RL Datasheet
196Kb / 17P
   Differential Input,Dual,Simultaneous Sampling, 4.25 MSPS, 14-Bit, SAR ADC
Rev. PrD
AD7357YRUZ-RL AD-AD7357YRUZ-RL Datasheet
398Kb / 20P
   Differential Input, Dual, Simultaneous Sampling, 4.2 MSPS, 14-Bit, SAR ADC
Rev. PrF
AD7357YRUZ-RL AD-AD7357YRUZ-RL Datasheet
469Kb / 20P
   Differential Input, Dual, Simultaneous Sampling, 4.2 MSPS, 14-Bit, SAR ADC
REV. 0
More results

Podobny opis - AD7357YRUZ-RL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7356 AD-AD7356_17 Datasheet
606Kb / 21P
   Differential Input, Dual, Simultaneous Sampling
AD7380 AD-AD7380 Datasheet
699Kb / 31P
   Dual, Simultaneous Sampling SAR ADCs, Differential Inputs
AD7357 AD-AD7357 Datasheet
196Kb / 17P
   Differential Input,Dual,Simultaneous Sampling, 4.25 MSPS, 14-Bit, SAR ADC
Rev. PrD
AD7356 AD-AD7356_15 Datasheet
636Kb / 21P
   Differential Input, Dual, Simultaneous Sampling, 5 MSPS, 12-Bit, SAR ADC
REV. A
AD7352 AD-AD7352 Datasheet
518Kb / 20P
   Differential Input, Dual, Simultaneous Sampling, 3 MSPS, 12-Bit, SAR ADC
REV. 0
AD7357 AD-AD7357_09 Datasheet
469Kb / 20P
   Differential Input, Dual, Simultaneous Sampling, 4.2 MSPS, 14-Bit, SAR ADC
REV. 0
AD7352 AD-AD7352_15 Datasheet
623Kb / 21P
   Differential Input, Dual, Simultaneous Sampling, 3 MSPS, 12-Bit, SAR ADC
REV. A
AD7357 AD-AD7357_15 Datasheet
623Kb / 21P
   Differential Input, Dual, Simultaneous Sampling, 4.2 MSPS, 14-Bit, SAR ADC
REV. B
AD7357 AD-AD7357_08 Datasheet
398Kb / 20P
   Differential Input, Dual, Simultaneous Sampling, 4.2 MSPS, 14-Bit, SAR ADC
Rev. PrF
AD7356 AD-AD7356_08 Datasheet
531Kb / 20P
   Differential Input, Dual, Simultaneous Sampling, 5 MSPS, 12-Bit, SAR ADC
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com