Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD7944BCPZ-RL7 Arkusz danych(PDF) 5 Page - Analog Devices

Numer części AD7944BCPZ-RL7
Szczegółowy opis  15.5 mW ADC in LFCSP
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD7944BCPZ-RL7 Arkusz danych(HTML) 5 Page - Analog Devices

  AD7944BCPZ-RL7 Datasheet HTML 1Page - Analog Devices AD7944BCPZ-RL7 Datasheet HTML 2Page - Analog Devices AD7944BCPZ-RL7 Datasheet HTML 3Page - Analog Devices AD7944BCPZ-RL7 Datasheet HTML 4Page - Analog Devices AD7944BCPZ-RL7 Datasheet HTML 5Page - Analog Devices AD7944BCPZ-RL7 Datasheet HTML 6Page - Analog Devices AD7944BCPZ-RL7 Datasheet HTML 7Page - Analog Devices AD7944BCPZ-RL7 Datasheet HTML 8Page - Analog Devices AD7944BCPZ-RL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
AD7944
Data Sheet
Rev. C | Page 4 of 28
Table 3.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
INTERNAL REFERENCE
PDREF is low
Output Voltage
TA = 25°C
4.081
4.096
4.111
V
Temperature Drift
−40°C to +85°C
±10
ppm/°C
Line Regulation
AVDD = 2.5 V ± 5%
±50
ppm/V
Turn-On Settling Time
CREF = 10 μF, CREFIN = 0.1 μF
40
ms
REFIN Output Voltage
REFIN at 25°C
1.2
V
REFIN Output Resistance
6
EXTERNAL REFERENCE
PDREF is high, REFIN is low
Voltage Range
2.4
5.1
V
Current Drain
500
µA
REFERENCE BUFFER
REFIN Input Voltage
1.2
V
REFIN Input Current
160
µA
DIGITAL INPUTS
Logic Levels
VIL
−0.3
+0.1 × VIO
V
VIH
0.9 × VIO
VIO + 0.3
V
IIL
−1
+1
µA
IIH
−1
+1
µA
DIGITAL OUTPUTS
Data Format
Serial 14 bits, straight binary
Pipeline Delay
Conversion results available immediately
after completed conversion
VOL
ISINK = +500 µA
0.4
V
VOH
ISOURCE = −500 µA
VIO − 0.3
V
POWER SUPPLIES
AVDD, DVDD
2.375
2.5
2.625
V
BVDD
4.75
5.0
5.25
V
VIO
Specified performance
1.8
2.5
2.7
V
Standby Current1, 2
AVDD = DVDD = VIO = 2.5 V
1.0
µA
Power Dissipation
With Internal Reference
2.5 MSPS throughput
28
33
mW
2.0 MSPS throughput
25
30
mW
With External Reference
2.5 MSPS throughput
15.5
17
mW
2.0 MSPS throughput
12
13
mW
TEMPERATURE RANGE3
Specified Performance
TMIN to TMAX
−40
+85
°C
1
With all digital inputs forced to VIO or GND as required.
2
During acquisition phase.
3
Contact an Analog Devices, Inc., sales representative for the extended temperature range.


Podobny numer części - AD7944BCPZ-RL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7944BCPZ-RL7 AD-AD7944BCPZ-RL7 Datasheet
582Kb / 28P
   14-Bit, 2.5 MSPS, PulSAR 15.5 mW ADC in LFCSP
REV. 0
More results

Podobny opis - AD7944BCPZ-RL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7985 AD-AD7985_17 Datasheet
569Kb / 29P
   16-Bit, 2.5 MSPS, PulSAR 15.5 mW ADC in LFCSP
AD7985 AD-AD7985 Datasheet
585Kb / 28P
   16-Bit, 2.5 MSPS, PulSAR 15.5 mW ADC in LFCSP
REV. 0
AD7944 AD-AD7944 Datasheet
582Kb / 28P
   14-Bit, 2.5 MSPS, PulSAR 15.5 mW ADC in LFCSP
REV. 0
AD7986 AD-AD7986 Datasheet
621Kb / 29P
   15 mW ADC in LFCSP
AD7986BCPZ AD-AD7986BCPZ Datasheet
472Kb / 28P
   18-Bit, 2 MSPS PulSAR 15 mW ADC in LFCSP (QFN)
REV. B
AD7984 AD-AD7984_17 Datasheet
657Kb / 25P
   18-Bit, 1.33 MSPS PulSAR 10.5 mW ADC in MSOP/LFCSP
AD7982 AD-AD7982_17 Datasheet
804Kb / 26P
   18-Bit, 1 MSPS PulSAR 7 mW ADC in MSOP/LFCSP
AD7984 AD-AD7984_15 Datasheet
594Kb / 24P
   18-Bit, 1.33 MSPS PulSAR 10.5 mW ADC in MSOP/LFCSP
REV. B
AD7693 AD-AD7693_15 Datasheet
665Kb / 24P
   Differential ADC in MSOP/LFCSP
REV. B
logo
Texas Instruments
ADS9120 TI1-ADS9120 Datasheet
1Mb / 64P
[Old version datasheet]   16-Bit, 2.5-MSPS, 15.5-mW, SAR ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com