Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD7781CRUZ-REEL Arkusz danych(PDF) 11 Page - Analog Devices

Numer części AD7781CRUZ-REEL
Szczegółowy opis  20-Bit, Pin-Programmable Low Power Sigma-Delta ADC
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD7781CRUZ-REEL Arkusz danych(HTML) 11 Page - Analog Devices

Back Button AD7781CRUZ-REEL Datasheet HTML 7Page - Analog Devices AD7781CRUZ-REEL Datasheet HTML 8Page - Analog Devices AD7781CRUZ-REEL Datasheet HTML 9Page - Analog Devices AD7781CRUZ-REEL Datasheet HTML 10Page - Analog Devices AD7781CRUZ-REEL Datasheet HTML 11Page - Analog Devices AD7781CRUZ-REEL Datasheet HTML 12Page - Analog Devices AD7781CRUZ-REEL Datasheet HTML 13Page - Analog Devices AD7781CRUZ-REEL Datasheet HTML 14Page - Analog Devices AD7781CRUZ-REEL Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
AD7781
Rev. 0 | Page 10 of 16
OUTPUT NOISE AND RESOLUTION
Table 7 and Table 8 show the rms noise of the AD7781 for the two output data rates and gain settings when using a 3 V and a 5 V reference.
These numbers are typical and are generated with a differential input voltage of 0 V. The peak-to-peak (p-p) resolution is also listed. The
p-p resolution represents the resolution for which there is no code flicker. These numbers are typical.
Table 7. RMS Noise and Peak-to-Peak Resolution When AVDD = 3 V and VREF = 3 V
Parameter
Gain = 128
Gain = 1
Update Rate
10 Hz
16.7 Hz
10 Hz
16.7 Hz
RMS Noise
C Grade
44 nV
65 nV
2.4 μV
2.7 μV
B Grade
55 nV
90 nV
2.4 μV
2.7 μV
P-P Resolution
C Grade
17.6
17.1
18.8
18.7
B Grade
17.3
16.6
18.8
18.7
Table 8. RMS Noise and Peak-to-Peak Resolution When AVDD = 5 V and VREF = 5 V
Parameter
Gain = 128
Gain = 1
Update Rate
10 Hz
16.7 Hz
10 Hz
16.7 Hz
RMS Noise
C Grade
49 nV
69 nV
3.0 μV
2.7 μV
B Grade
60 nV
90 nV
3.0 μV
2.7 μV
P-P Resolution
C Grade
18.2
17.7
19.3
19.4
B Grade
17.9
17.3
19.3
19.4


Podobny numer części - AD7781CRUZ-REEL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7781CRUZ-REEL AD-AD7781CRUZ-REEL Datasheet
394Kb / 16P
   20-Bit, Pin-Programmable, Low Power Sigma-Delta ADC
REV. 0
More results

Podobny opis - AD7781CRUZ-REEL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7781 AD-AD7781 Datasheet
394Kb / 16P
   20-Bit, Pin-Programmable, Low Power Sigma-Delta ADC
REV. 0
AD7780 AD-AD7780 Datasheet
429Kb / 16P
   24-Bit, Pin-Programmable, Ultralow Power Sigma-Delta ADC
REV. A
AD7780 AD-AD7780_17 Datasheet
356Kb / 17P
   24-Bit, Pin-Programmable, Ultralow Power Sigma-Delta ADC
logo
Core Technology (Shenzh...
CS1180 CHIPSEA-CS1180 Datasheet
757Kb / 30P
   20-bit Sigma-Delta ADC
logo
Cirrus Logic
CS5510 CIRRUS-CS5510 Datasheet
406Kb / 24P
   16-bit and 20-bit, 8-pin Sigma-Delta ADC
logo
Analog Devices
AD7170 AD-AD7170 Datasheet
271Kb / 16P
   12-Bit Low Power Sigma-Delta ADC
REV. 0
AD7171 AD-AD7171 Datasheet
284Kb / 16P
   16-Bit Low Power Sigma-Delta ADC
REV. 0
AD7171 AD-AD7171_17 Datasheet
313Kb / 17P
   16-Bit, Low Power, Sigma-Delta ADC
AD7170 AD-AD7170_17 Datasheet
370Kb / 15P
   12-Bit Low Power Sigma-Delta ADC
AD7791 AD-AD7791_17 Datasheet
525Kb / 21P
   Low Power, Buffered 24-Bit Sigma-Delta ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com