Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SN74LVC1G373YEPR Arkusz danych(PDF) 4 Page - Texas Instruments

Numer części SN74LVC1G373YEPR
Szczegółowy opis  SINGLE D-TYPE LATCH
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

SN74LVC1G373YEPR Arkusz danych(HTML) 4 Page - Texas Instruments

  SN74LVC1G373YEPR Datasheet HTML 1Page - Texas Instruments SN74LVC1G373YEPR Datasheet HTML 2Page - Texas Instruments SN74LVC1G373YEPR Datasheet HTML 3Page - Texas Instruments SN74LVC1G373YEPR Datasheet HTML 4Page - Texas Instruments SN74LVC1G373YEPR Datasheet HTML 5Page - Texas Instruments SN74LVC1G373YEPR Datasheet HTML 6Page - Texas Instruments SN74LVC1G373YEPR Datasheet HTML 7Page - Texas Instruments SN74LVC1G373YEPR Datasheet HTML 8Page - Texas Instruments SN74LVC1G373YEPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
SN74LVC1G373
SINGLE DTYPE LATCH
WITH 3STATE OUTPUT
SCES528A − DECEMBER 2003 − REVISED JUNE 2004
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP†
MAX
UNIT
IOH = −100 mA
1.65 V to 5.5 V
VCC−0.1
IOH = −4 mA
1.65 V
1.2
V
IOH = −8 mA
2.3 V
1.9
V
VOH
IOH = −16 mA
3 V
2.4
V
IOH = −24 mA
3 V
2.3
IOH = −32 mA
4.5 V
3.8
IOL = 100 mA
1.65 V to 5.5 V
0.1
IOL = 4 mA
1.65 V
0.45
V
IOL = 8 mA
2.3 V
0.3
V
VOL
IOL = 16 mA
3 V
0.4
V
IOL = 24 mA
3 V
0.55
IOL = 32 mA
4.5 V
0.55
II
VI = 5.5 V or GND
0 to 5.5 V
±1
mA
IOZ
VO = 0 to 5.5 V
3.6 V
±5
mA
Ioff
VI or VO = 5.5 V
0
±10
mA
ICC
VI = 5.5 V or GND,
IO = 0
1.65 V to 5.5 V
10
mA
∆ICC
One input at VCC − 0.6 V,
Other inputs at VCC or GND
3 V to 5.5 V
500
mA
Ci
VI = VCC or GND
3.3 V
3.5
pF
Co
VO = VCC or GND
3.3 V
6
pF
† All typical values are at VCC = 3.3 V, TA = 25°C.
timing requirements over recommended operating free-air temperature range (unless otherwise
noted) (see Figure 1)
VCC = 1.8 V
± 0.15 V
VCC = 2.5 V
± 0.2 V
VCC = 3.3 V
± 0.3 V
VCC = 5 V
± 0.5 V
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
tw
Pulse duration, LE high
3
3
3
3
ns
tsu
Setup time, data before LE
2.4
2
1.5
1.5
ns
th
Hold time, data after LE
2.5
1.5
1.5
1.5
ns
switching characteristics over recommended operating free-air temperature range, CL = 15 pF
(unless otherwise noted) (see Figure 1)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 1.8 V
± 0.15 V
VCC = 2.5 V
± 0.2 V
VCC = 3.3 V
± 0.3 V
VCC = 5 V
± 0.5 V
UNIT
PARAMETER
(INPUT)
(OUTPUT)
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
tpd
D
Q
2
15
1.5
5
1
4
1
3.5
ns
tpd
LE
Q
2
15
1.5
5
1
4
1
3.5
ns
ten
OE
Q
2
12.5
1.5
4.5
1
4
1
2.5
ns
tdis
OE
Q
2
14
1.5
7
1
7.9
1
5.3
ns


Podobny numer części - SN74LVC1G373YEPR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74LVC1G373YZPR TI1-SN74LVC1G373YZPR Datasheet
1,013Kb / 20P
[Old version datasheet]   Single D-Type Latch With 3-State Output
More results

Podobny opis - SN74LVC1G373YEPR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
74V1T77 STMICROELECTRONICS-74V1T77 Datasheet
208Kb / 10P
   SINGLE D-TYPE LATCH
74V1G77 STMICROELECTRONICS-74V1G77 Datasheet
131Kb / 10P
   SINGLE D-TYPE LATCH
logo
Texas Instruments
SN74LVC1G373 TI1-SN74LVC1G373_15 Datasheet
1,013Kb / 20P
[Old version datasheet]   Single D-Type Latch With 3-State Output
logo
NXP Semiconductors
10130 PHILIPS-10130 Datasheet
260Kb / 6P
   Dual D-Type Latch
June 14 1990
logo
STMicroelectronics
M54HC375 STMICROELECTRONICS-M54HC375 Datasheet
245Kb / 11P
   QUAD D TYPE LATCH
M54HC77 STMICROELECTRONICS-M54HC77 Datasheet
241Kb / 10P
   4-BIT D-TYPE LATCH
M54HCT75 STMICROELECTRONICS-M54HCT75 Datasheet
239Kb / 9P
   4 BIT D TYPE LATCH
M74HCT75-2 STMICROELECTRONICS-M74HCT75-2 Datasheet
280Kb / 9P
   4 BIT D TYPE LATCH
M74HC77 STMICROELECTRONICS-M74HC77 Datasheet
241Kb / 10P
   4-BIT D-TYPE LATCH
logo
Unisonic Technologies
U74HC373 UTC-U74HC373 Datasheet
214Kb / 5P
   OCTAL D-TYPE TRANSPARENT LATCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com