Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

IRF-24 Arkusz danych(PDF) 2 Page - Vishay Siliconix

Numer części IRF-24
Szczegółowy opis  Inductors, Epoxy Conformal Coated, Axial Leaded
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  VISHAY [Vishay Siliconix]
Strona internetowa  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IRF-24 Arkusz danych(HTML) 2 Page - Vishay Siliconix

  IRF-24 Datasheet HTML 1Page - Vishay Siliconix IRF-24 Datasheet HTML 2Page - Vishay Siliconix IRF-24 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
IRF-24
www.vishay.com
Vishay Dale
Revision: 04-Mar-14
2
Document Number: 34056
For technical questions, contact: magnetics@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
IRF-24
10
± 5, ± 10
40
7.96
22
0.72
370
IRF-24
12
± 5, ± 10
40
2.52
20
0.80
350
IRF-24
15
± 5, ± 10
40
2.52
16
0.88
335
IRF-24
18
± 5, ± 10
40
2.52
15
1.0
315
IRF-24
22
± 5, ± 10
40
2.52
13
1.2
285
IRF-24
27
± 5, ± 10
40
2.52
11
1.35
270
IRF-24
33
± 5, ± 10
40
2.52
10
1.5
255
IRF-24
39
± 5, ± 10
40
2.52
9.5
1.7
240
IRF-24
47
± 5, ± 10
50
2.52
8.5
2.3
205
IRF-24
56
± 5, ± 10
50
2.52
7.5
2.6
195
IRF-24
68
± 5, ± 10
50
2.52
6.5
2.9
185
IRF-24
82
± 5, ± 10
50
2.52
6.0
3.2
175
IRF-24
100
± 5, ± 10
50
2.52
5.5
3.7
165
IRF-24
120
± 5, ± 10
60
0.796
5.4
3.8
160
IRF-24
150
± 5, ± 10
60
0.796
4.75
4.9
150
IRF-24
180
± 5, ± 10
60
0.796
4.35
5.5
140
IRF-24
220
± 5, ± 10
60
0.796
4.0
6.5
130
IRF-24
270
± 5, ± 10
60
0.796
3.7
7.5
120
IRF-24
330
± 5, ± 10
60
0.796
3.4
9.5
100
IRF-24
390
± 5, ± 10
60
0.796
2.8
10.5
95
IRF-24
470
± 5, ± 10
60
0.796
2.56
17.5
90
IRF-24
560
± 5, ± 10
60
0.796
2.35
19.5
85
IRF-24
680
± 5, ± 10
60
0.796
2.0
20.0
75
IRF-24
820
± 5, ± 10
60
0.796
1.60
23.7
65
IRF-24
1000
± 5, ± 10
50
0.796
1.15
30.0
60
ORDERING INFORMATION
IRF-24
6.8 μH
± 10 %
ER
e3
MODEL
INDUCTANCE VALUE
INDUCTANCE TOLERANCE
PACKAGE CODE
JEDEC LEAD (Pb)-FREE STANDARD
GLOBAL PART NUMBER
IR
F
2
4
E
R
6
R
8
K
MODEL
PACKAGE
CODE
INDUCTANCE
VALUE
INDUCTANCE
TOLERANCE
STANDARD ELECTRICAL SPECIFICATIONS
MODEL
IND.
(μH)
TOL.
(%)
Q
MIN.
TEST FREQUENCY
(MHz)
SRF MIN.
(MHz)
DCR MAX.
(
)
RATED DC CURRENT
(mA)


Podobny numer części - IRF-24

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
IRF-24 VISHAY-IRF-24 Datasheet
128Kb / 1P
   Inductors Epoxy Conformal Coated, Axial Leaded
Revision 10-Feb-05
IRF-24 VISHAY-IRF-24 Datasheet
71Kb / 2P
   Inductors
Revision: 14-Jan-08
IRF-24 VISHAY-IRF-24 Datasheet
54Kb / 3P
   Inductors, Epoxy Conformal Coated, Axial Leaded
01-Jan-2022
IRF-24 VISHAY-IRF-24_08 Datasheet
71Kb / 2P
   Inductors
Revision: 14-Jan-08
IRF-24 VISHAY-IRF-24_V01 Datasheet
54Kb / 3P
   Inductors, Epoxy Conformal Coated, Axial Leaded
01-Jan-2022
More results

Podobny opis - IRF-24

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
IRF-46 VISHAY-IRF-46_V01 Datasheet
53Kb / 3P
   Inductors, Epoxy Conformal Coated, Axial Leaded
01-Jan-2022
IRF-36 VISHAY-IRF-36_17 Datasheet
72Kb / 3P
   Inductors, Epoxy Conformal Coated, Axial Leaded
Revision: 25-May-16
IRF-36 VISHAY-IRF-36_V01 Datasheet
55Kb / 3P
   Inductors, Epoxy Conformal Coated, Axial Leaded
01-Jan-2022
IRF-24 VISHAY-IRF-24 Datasheet
128Kb / 1P
   Inductors Epoxy Conformal Coated, Axial Leaded
Revision 10-Feb-05
IRF-36 VISHAY-IRF-36 Datasheet
131Kb / 1P
   Inductors Epoxy Conformal Coated, Axial Leaded
Revision 10-Feb-05
IRF-46 VISHAY-IRF-46_17 Datasheet
69Kb / 3P
   Inductors, Epoxy Conformal Coated, Axial Leaded
Revision: 16-Mar-17
IRF-46 VISHAY-IRF-46 Datasheet
122Kb / 1P
   Inductors Epoxy Conformal Coated, Axial Leaded
Revision 10-Feb-05
IRF-46 VISHAY-IRF-46_06 Datasheet
70Kb / 2P
   Inductors Epoxy Conformal Coated, Axial Leaded
Revision: 10-Aug-06
IRF-24 VISHAY-IRF-24_V01 Datasheet
54Kb / 3P
   Inductors, Epoxy Conformal Coated, Axial Leaded
01-Jan-2022
logo
Abracon Corporation
AICC-04 ABRACON-AICC-04 Datasheet
191Kb / 3P
   THRU-HOLE AXIAL CONFORMAL/EPOXY COATED INDUCTORS
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com