Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AMER150-36420AZ Arkusz danych(PDF) 1 Page - AIMTEC

Numer części AMER150-36420AZ
Szczegółowy opis  up to 6.3A | AC-DC / DC-DC | LED Driver / Converter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AIMTEC [AIMTEC]
Strona internetowa  https://aimtec.com
Logo AIMTEC - AIMTEC

AMER150-36420AZ Arkusz danych(HTML) 1 Page - AIMTEC

  AMER150-36420AZ Datasheet HTML 1Page - AIMTEC AMER150-36420AZ Datasheet HTML 2Page - AIMTEC AMER150-36420AZ Datasheet HTML 3Page - AIMTEC AMER150-36420AZ Datasheet HTML 4Page - AIMTEC AMER150-36420AZ Datasheet HTML 5Page - AIMTEC AMER150-36420AZ Datasheet HTML 6Page - AIMTEC AMER150-36420AZ Datasheet HTML 7Page - AIMTEC AMER150-36420AZ Datasheet HTML 8Page - AIMTEC AMER150-36420AZ Datasheet HTML 9Page - AIMTEC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Series AMER150-AZ
up to 6.3A | AC-DC / DC-DC | LED Driver / Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC (924 6832)
F 052.1e R3.AG
1 of 10
North America only
FEATURES:
Models
Single output
Model
Max
Output
Power
(W)
Output
Voltage
Range
(V)
Output
Current
(A)
Input
Voltage
(VAC/Hz)
Input
Voltage
(VDC)
Mode of Operation
Efficiency
(%)
115
VAC
230
VAC
277
VAC
AMER150-50300AZ
150
36-50
0-3
90-305/47-440
130-430
Constant Current
87
89
89
Constant Voltage
87
88
89
AMER150-36420AZ
150
24-36
0-4.16
90-305/47-440
130-430
Constant Current
86
88
88
Constant Voltage
86
88
88
AMER150-24630AZ
151.2
12-24
0-6.3
90-305/47-440
130-430
Constant Current
85
87
87
Constant Voltage
85
87
87
Add Suffix
“-F” No dimming option
Exceeding the maximum output power will permanently damage the converter
The dimming feature is not supported when units are used in Constant Voltage mode only, Aimtec suggests to order “-F” No dimming
option in this case.
In constant current mode output current is maximum shown, in constant voltage mode output voltage is the maximum shown.
All All models can be ordered with optional North American colour input wires (black (L), white (N), green (GND)). A
dd “–NA” to part number
when ordering.
NOTE: Aimtec limited warranty of 5 years is valid based on product operation at datasheet specifications at ambient temperature of 25°C,
humidity<75%, nominal input voltage (115/230/277VAC) and at rated output load unless otherwise specified. See
http://www.aimtec.com/terms-sale
AMER150-
AZ’s AC/DC LED drivers have electrical safeguards designed within to protect it from conventional electrical abnormalities with
the levels listed in the safety table. Applications for use within rural agricultural, heavy industrial, and other areas or regions which are
prone to ‘dirty’ electrical conditions which would subject any of the above models to excessive voltages surges or spikes, may damage or
cause early life failure of product. In this case consideration should be made by the end user to ensure that adequate line or mains surge
suppression is installed in front of Aimtec device to ensure the longevity of the products. Failure to identify excessive line surges violations
prior to installation may damage sensitive equipment permanently.
Input Specifications
Parameters
Conditions
Typical
Maximum
Units
Current (full load)
115 VAC
2000
mA
230 VAC
1000
mA
277 VAC
900
mA
Inrush current <2ms (cold start)
115 VAC
50
A
230 VAC
75
A
277 VAC
90
A
Leakage current
I/O
0.25
mA
I/FG, O/FG
3.5
mA
Power factor
115 VAC
0.98
230 VAC
0.94
277 VAC
0.92
External fuse
Recommended slow blow type
3.5
A
Start-up time
900
ms
Output Specifications
• AC-DC Constant Current or Constant
Voltage LED Driver
• Over Voltage Protection
• Over Current Protection
• Input range 90-305VAC/47-440Hz
• Waterproof Case rated IP68
• High Efficiency up to 89%
• Power Factor Correction
• Operating temperature -40 to 80°C
• Dimmable via resistive
• 5 Years Limited Warranty
• Short Circuit Protection
Click on Series name for product info on aimtec.com


Podobny numer części - AMER150-36420AZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AIMTEC
AMER150-36420AZ AIMTEC-AMER150-36420AZ Datasheet
922Kb / 9P
   up to 6.3A | AC-DC LED driver
AMER150-36420AZ AIMTEC-AMER150-36420AZ Datasheet
756Kb / 11P
   up to 6.3A | AC-DC / DC-DC | LED Driver / Converter
AMER150-36420AZ AIMTEC-AMER150-36420AZ Datasheet
640Kb / 11P
   AC-DC Constant Current or Constant Voltage LED Driver
More results

Podobny opis - AMER150-36420AZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AIMTEC
AMER150-CAZ AIMTEC-AMER150-CAZ_13 Datasheet
1Mb / 10P
   up to 6.3A | AC-DC / DC-DC | LED Driver / Converter
AMER150-AZ AIMTEC-AMER150-AZ_13 Datasheet
1Mb / 11P
   up to 6.3A | AC-DC / DC-DC | LED Driver / Converter
AMER150-AZ AIMTEC-AMER150-AZ_12 Datasheet
756Kb / 11P
   up to 6.3A | AC-DC / DC-DC | LED Driver / Converter
AMER150-CAZ AIMTEC-AMER150-CAZ Datasheet
708Kb / 10P
   up to 6.3A | AC-DC / DC-DC | LED Driver / Converter
AMER150-AZ AIMTEC-AMER150-AZ Datasheet
922Kb / 9P
   up to 6.3A | AC-DC LED driver
AMER90-CAZ AIMTEC-AMER90-CAZ_13 Datasheet
1Mb / 10P
   up to 3.75A | AC-DC / DC-DC | LED Driver / Converter
AMER120-AZ AIMTEC-AMER120-AZ_13 Datasheet
1Mb / 10P
   up to 5A | AC-DC / DC-DC | LED Driver / Converter
AMER120-CAZ AIMTEC-AMER120-CAZ_13 Datasheet
1Mb / 10P
   up to 5A | AC-DC / DC-DC | LED Driver / Converter
AMER90-CAZ AIMTEC-AMER90-CAZ Datasheet
711Kb / 10P
   up to 3.75A | AC-DC / DC-DC | LED Driver / Converter
AMER120-AZ AIMTEC-AMER120-AZ_12 Datasheet
738Kb / 10P
   up to 5A | AC-DC / DC-DC | LED Driver / Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com