Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AMEPR60C-24250AZ Arkusz danych(PDF) 1 Page - AIMTEC

Numer części AMEPR60C-24250AZ
Szczegółowy opis  up to 5A | AC-DC / DC-DC | LED Driver / Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AIMTEC [AIMTEC]
Strona internetowa  https://aimtec.com
Logo AIMTEC - AIMTEC

AMEPR60C-24250AZ Arkusz danych(HTML) 1 Page - AIMTEC

  AMEPR60C-24250AZ Datasheet HTML 1Page - AIMTEC AMEPR60C-24250AZ Datasheet HTML 2Page - AIMTEC AMEPR60C-24250AZ Datasheet HTML 3Page - AIMTEC AMEPR60C-24250AZ Datasheet HTML 4Page - AIMTEC AMEPR60C-24250AZ Datasheet HTML 5Page - AIMTEC AMEPR60C-24250AZ Datasheet HTML 6Page - AIMTEC AMEPR60C-24250AZ Datasheet HTML 7Page - AIMTEC AMEPR60C-24250AZ Datasheet HTML 8Page - AIMTEC AMEPR60C-24250AZ Datasheet HTML 9Page - AIMTEC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Series AMEPR60C-AZ
up to 5A | AC-DC / DC-DC | LED Driver / Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC (924 6832)
F 052.1e R3.I
1 of 13
North America only
FEATURES:
Models
Single output
Model
Max
Output
Power
(W)
Output
Voltage
Range
(V)
Output
Current
(A)
OC
P /
OV
P
Input
Voltage
(VAC/Hz)
Input
Voltage
(VDC)
Mode of
Operation
Efficiency
(%)
115
VAC
230
VAC
277
VAC
AMEPR60C-50120AZ
60
36-50
0 - 1.20
1.27
90-305/47-
440
130-430
Constant Current
84
86
86
50.7
Constant Voltage
84
86
86
AMEPR60C-36170AZ
59.8
24-36
0 - 1.70
1.77
90-305/47-
440
130-430
Constant Current
84
86
86
36.6
Constant Voltage
84
86
86
AMEPR60C-24250AZ
60
12-24
0 - 2.50
2.55
90-305/47-
440
130-430
Constant Current
82
83
83
24.5
Constant Voltage
82
83
83
AMEPR60C-12500AZ
60
5-12
0 - 5.0
5.2
90-305/47-
440
130-430
Constant Current
79
80
81
12.3
Constant Voltage
79
80
81
Exceeding the maximum output power will permanently damage the converter
The dimming feature is not supported when units are used in Constant Voltage mode only.
In constant current mode output current is maximum shown, in constant voltage mode output voltage is the maximum shown.
All models can be ordered with optional North American colour input wires (black (L), white (N), green (GND)). A
dd “–NA” to part number
when ordering.
Note: Aimtec limited warranty of 5 years is valid based on product operation at datasheet specifications at ambient temperature of 25°C,
humidity<75%, nominal input voltage (115/230/277VAC) and at rated output load unless otherwise specified. See
http://www.aimtec.com/terms-sale
AMEPR60C-
AZ’s AC/DC LED drivers have electrical safeguards designed within to protect it from conventional electrical abnormalities with
the levels listed in the safety table. Applications for use within rural agricultural, heavy industrial, and other areas or regions which are prone
to ‘dirty’ electrical conditions which would subject any of the above models to excessive voltages surges or spikes, may damage or cause
early life failure of product. In this case consideration should be made by the end user to ensure that adequate line or mains surge
suppression is installed in front of Aimtec device to ensure the longevity of the products. Failure to identify excessive line surges violations
prior to installation may damage sensitive equipment permanently.
Input Specifications
Parameters
Conditions
Typical
Maximum
Units
Inrush current <2ms
115VAC
30
A
230VAC
50
Leakage current
115VAC
0.5
mA
230VAC
0.7
AC current
115VAC
0.73
A
230VAC
0.33
Power Factor
115VAC
0.98
230VAC
0.96
277VAC
0.93
External fuse
250V/1.5A
Start up time
250
ms
Surge voltage
2sec
440
V
Output Specifications
Parameters
Conditions
Typical
Maximum
Units
Current accuracy (CC Mode)
±3
%
Voltage accuracy (CV Mode)
±3
%
Line regulation
LL-HL
±1
%
• AC-DC Constant Current or Constant
Voltage LED Driver
• Over Temperature Protection
• Over Current Protection
• Input range 90-305VAC/47-440Hz
• Waterproof Case rated IP68
• High Efficiency up to 86%
• Operating temperature -40 to 85°C
• Dimmable via resistive / 0-10Vdc / PWM
• 5 Years Limited Warranty
• Power Factor Correction
• Short Circuit Protection
Click on Series name for product info on aimtec.com


Podobny numer części - AMEPR60C-24250AZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AIMTEC
AMEPR60C-24250AZ AIMTEC-AMEPR60C-24250AZ Datasheet
592Kb / 7P
   LED Driver / Converter
AMEPR60C-24250AZ AIMTEC-AMEPR60C-24250AZ Datasheet
826Kb / 14P
   Over Temperature Protection
AMEPR60C-24250AZ AIMTEC-AMEPR60C-24250AZ Datasheet
645Kb / 13P
   AC-DC Constant Current or Constant
More results

Podobny opis - AMEPR60C-24250AZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AIMTEC
AMER120-AZ AIMTEC-AMER120-AZ_13 Datasheet
1Mb / 10P
   up to 5A | AC-DC / DC-DC | LED Driver / Converter
AMER120-CAZ AIMTEC-AMER120-CAZ_13 Datasheet
1Mb / 10P
   up to 5A | AC-DC / DC-DC | LED Driver / Converter
AMER120-AZ AIMTEC-AMER120-AZ_12 Datasheet
738Kb / 10P
   up to 5A | AC-DC / DC-DC | LED Driver / Converter
AMEPR60-50120AZ AIMTEC-AMEPR60-50120AZ Datasheet
969Kb / 13P
   up to 5A | AC-DC / DC-DC | LED Driver / Converter
AMER120-50250CAZ AIMTEC-AMER120-50250CAZ_17 Datasheet
963Kb / 10P
   up to 5A | AC-DC / DC-DC | LED Driver / Converter
AMER120-CAZ AIMTEC-AMER120-CAZ Datasheet
689Kb / 10P
   up to 5A | AC-DC / DC-DC | LED Driver / Converter
AMEOR60C-50120AZ AIMTEC-AMEOR60C-50120AZ Datasheet
872Kb / 14P
   up to 5A | AC-DC / DC-DC LED driver
AMEOR60-AZ AIMTEC-AMEOR60-AZ_16 Datasheet
597Kb / 12P
   up to 5A | AC-DC / DC-DC LED driver
AMEOR60-AZ AIMTEC-AMEOR60-AZ_13 Datasheet
637Kb / 11P
   up to 5A | AC-DC / DC-DC LED driver
AMEOR60C-AZ AIMTEC-AMEOR60C-AZ_16 Datasheet
670Kb / 14P
   up to 5A | AC-DC / DC-DC LED driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com