Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ESZ336M160AH4AA Arkusz danych(PDF) 3 Page - Kemet Corporation

Numer części ESZ336M160AH4AA
Szczegółowy opis  Single-Ended Aluminum Electrolytic Capacitors
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  KEMET [Kemet Corporation]
Strona internetowa  http://www.kemet.com
Logo KEMET - Kemet Corporation

ESZ336M160AH4AA Arkusz danych(HTML) 3 Page - Kemet Corporation

  ESZ336M160AH4AA Datasheet HTML 1Page - Kemet Corporation ESZ336M160AH4AA Datasheet HTML 2Page - Kemet Corporation ESZ336M160AH4AA Datasheet HTML 3Page - Kemet Corporation ESZ336M160AH4AA Datasheet HTML 4Page - Kemet Corporation ESZ336M160AH4AA Datasheet HTML 5Page - Kemet Corporation ESZ336M160AH4AA Datasheet HTML 6Page - Kemet Corporation ESZ336M160AH4AA Datasheet HTML 7Page - Kemet Corporation ESZ336M160AH4AA Datasheet HTML 8Page - Kemet Corporation ESZ336M160AH4AA Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
3
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
A4062_ESZ • 1/27/2017
Single-Ended Aluminum Electrolytic Capacitors – ESZ Series, +105°C
Dimensions – Millimeters
L
P
SIDE VIEW
TERMINAL END VIEW
LL−
LL+
D
d
Size Code
D
L
p
d
LL+/LL−
Nominal
Tolerance
Nominal
Tolerance
Nominal
Tolerance
Nominal
Tolerance
Nominal
Tolerance
H8
10
±0.5
16
+2.0/−0
5
±0.5
0.6
Nominal
20/15
Minimum
H4
10
±0.5
20
+2.0/−0
5
±0.5
0.6
Nominal
20/15
Minimum
K5
12
±0.5
20
+2.0/−0
5
±0.5
0.6
Nominal
20/15
Minimum
L3
13
±0.5
20
+2.0/−0
5
±0.5
0.6
Nominal
20/15
Minimum
L4
13
±0.5
25
+2.0/−0
5
±0.5
0.6
Nominal
20/15
Minimum
M5
16
±0.5
20
+2.0/−0
7.5
±0.5
0.8
Nominal
20/15
Minimum
M7
16
±0.5
25
+2.0/−0
7.5
±0.5
0.8
Nominal
20/15
Minimum
M2
16
±0.5
32
+2.0/−0
7.5
±0.5
0.8
Nominal
20/15
Minimum
M3
16
±0.5
36
+2.0/−0
7.5
±0.5
0.8
Nominal
20/15
Minimum
N4
18
±0.5
20
+2.0/−0
7.5
±0.5
0.8
Nominal
20/15
Minimum
N5
18
±0.5
25
+2.0/−0
7.5
±0.5
0.8
Nominal
20/15
Minimum
N1
18
±0.5
32
+2.0/−0
7.5
±0.5
0.8
Nominal
20/15
Minimum
N2
18
±0.5
36
+2.0/−0
7.5
±0.5
0.8
Nominal
20/15
Minimum


Podobny opis - ESZ336M160AH4AA

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Kemet Corporation
ESL106M016AC3AA KEMET-ESL106M016AC3AA Datasheet
4Mb / 26P
   Single-Ended Aluminum Electrolytic Capacitors
ESU336M160AH8AA KEMET-ESU336M160AH8AA Datasheet
4Mb / 19P
   Single-Ended Aluminum Electrolytic Capacitors
ETA157M6R3AC3AA KEMET-ETA157M6R3AC3AA Datasheet
4Mb / 21P
   Single-Ended Aluminum Electrolytic Capacitors
logo
TDK Electronics
B41863 TDK-B41863 Datasheet
468Kb / 25P
   Aluminum electrolytic capacitors Single-ended capacitors
B41888 TDK-B41888 Datasheet
544Kb / 32P
   Aluminum electrolytic capacitors Single-ended capacitors
B42824 TDK-B42824 Datasheet
416Kb / 21P
   Aluminum electrolytic capacitors Single-ended capacitors
B43896 TDK-B43896 Datasheet
468Kb / 25P
   Aluminum electrolytic capacitors Single-ended capacitors
logo
EPCOS
B41851A7477M EPCOS-B41851A7477M Datasheet
725Kb / 37P
   Aluminum electrolytic capacitors Single-ended capacitors
B43821F2336M EPCOS-B43821F2336M Datasheet
713Kb / 36P
   Aluminum electrolytic capacitors Single-ended capacitors
logo
TDK Electronics
B41859 TDK-B41859 Datasheet
519Kb / 28P
   Aluminum electrolytic capacitors Single-ended capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com