Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

1PS10SB82 Arkusz danych(PDF) 3 Page - NXP Semiconductors

Numer części 1PS10SB82
Szczegółowy opis  Schottky barrier diode
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

1PS10SB82 Arkusz danych(HTML) 3 Page - NXP Semiconductors

  1PS10SB82 Datasheet HTML 1Page - NXP Semiconductors 1PS10SB82 Datasheet HTML 2Page - NXP Semiconductors 1PS10SB82 Datasheet HTML 3Page - NXP Semiconductors 1PS10SB82 Datasheet HTML 4Page - NXP Semiconductors 1PS10SB82 Datasheet HTML 5Page - NXP Semiconductors 1PS10SB82 Datasheet HTML 6Page - NXP Semiconductors 1PS10SB82 Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
2003 Aug 20
3
Philips Semiconductors
Product specification
Schottky barrier diode
1PS10SB82
ELECTRICAL CHARACTERISTICS
Tamb =25 °C unless otherwise specified.
Note
1. Pulse test: tp = 300 µs; δ = 0.02.
THERMAL CHARACTERISTICS
Note
1. Refer to SOD882 standard mounting conditions (footprint), FR4 with 60
µm copper strip line.
Soldering
Reflow soldering is the only recommended soldering method.
SYMBOL
PARAMETER
CONDITIONS
TYP.
MAX.
UNIT
VF
forward voltage
see Fig.2
IF =1mA
340
mV
IF =30mA
700
mV
rD
differential diode forward resistance
f = 1 MHz; IF = 5 mA; see Fig.5
12
−Ω
IR
continuous reverse current
VR = 1 V; see Fig.3; note 1
0.2
µA
Cd
diode capacitance
VR = 0 V; f = 1 MHz; see Fig.4
1
pF
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth j-a
thermal resistance from junction to ambient
note 1
500
K/W


Podobny numer części - 1PS10SB82

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
1PS10SB82 NXP-1PS10SB82 Datasheet
99Kb / 7P
   Schottky barrier diode
2003 Aug 20
1PS10SB82 NXP-1PS10SB82 Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
logo
Nexperia B.V. All right...
1PS10SB82 NEXPERIA-1PS10SB82 Datasheet
177Kb / 8P
   Schottky barrier diode
13 November 2019
logo
NXP Semiconductors
1PS10SB82 PHILIPS-1PS10SB82_15 Datasheet
99Kb / 7P
   Schottky barrier diode
2003 Aug 20
More results

Podobny opis - 1PS10SB82

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
RB070M-30 ROHM-RB070M-30_1 Datasheet
131Kb / 4P
   Schottky barrier diode
RB095B-40 ROHM-RB095B-40_09 Datasheet
451Kb / 4P
   Schottky barrier Diode
RB161L-40 ROHM-RB161L-40_2 Datasheet
161Kb / 4P
   Schottky barrier diode
RB205T-60 ROHM-RB205T-60_10 Datasheet
348Kb / 4P
   Schottky barrier diode
RB215T-60 ROHM-RB215T-60_10 Datasheet
308Kb / 4P
   Schottky barrier diode
RB496EA ROHM-RB496EA_1 Datasheet
195Kb / 4P
   Schottky barrier diode
RB521CS-30 ROHM-RB521CS-30_09 Datasheet
366Kb / 4P
   Schottky barrier diode
RB551V-30 ROHM-RB551V-30_1 Datasheet
132Kb / 4P
   Schottky barrier diode
RSX101VA-30 ROHM-RSX101VA-30_1 Datasheet
147Kb / 4P
   Schottky barrier diode
RSX301L-30 ROHM-RSX301L-30_1 Datasheet
181Kb / 4P
   Schottky barrier diode
RSX301LA-30 ROHM-RSX301LA-30_10 Datasheet
364Kb / 4P
   Schottky barrier diode
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com