Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD7190 Arkusz danych(PDF) 6 Page - Analog Devices

Numer części AD7190
Szczegółowy opis  4.8 kHz Ultralow Noise 24-Bit Sigma-Delta ADC
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD7190 Arkusz danych(HTML) 6 Page - Analog Devices

Back Button AD7190 Datasheet HTML 2Page - Analog Devices AD7190 Datasheet HTML 3Page - Analog Devices AD7190 Datasheet HTML 4Page - Analog Devices AD7190 Datasheet HTML 5Page - Analog Devices AD7190 Datasheet HTML 6Page - Analog Devices AD7190 Datasheet HTML 7Page - Analog Devices AD7190 Datasheet HTML 8Page - Analog Devices AD7190 Datasheet HTML 9Page - Analog Devices AD7190 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 41 page
background image
Data Sheet
AD7190
Rev. C | Page 5 of 40
Parameter
AD7190B
Unit
Test Conditions/Comments1
Normal Mode Rejection2
Same as for analog inputs
Common-Mode Rejection
95
dB typ
Reference Detect Levels
0.3
V min
0.6
V max
TEMPERATURE SENSOR
Accuracy
±2
°C typ
Applies after user calibration at 25°C.
Sensitivity
2815
Codes/°C typ
Bipolar mode.
BRIDGE POWER-DOWN SWITCH
RON
10
Ω max
Allowable Current2
30
mA max
Continuous current.
BURNOUT CURRENTS
AIN Current
500
nA nom
Analog inputs must be buffered and chop
disabled.
DIGITAL OUTPUTS (P0 to P3)
Output High Voltage, VOH2
4
V min
AVDD = 5V, ISOURCE = 200 μA.
Output Low Voltage, VOL2
0.4
V max
AVDD = 5V, ISINK = 800 μA.
Floating-State Leakage Current
±100
nA max
Floating-State Output
Capacitance
10
pF typ
INTERNAL/EXTERNAL CLOCK
Internal Clock
Frequency
4.92 ± 4%
MHz min/max
Duty Cycle
50:50
% typ
External Clock/Crystal2
Frequency
4.9152
MHz nom
2.4576/5.12
MHz min/max
Input Low Voltage, VINL
0.8
V max
DVDD = 5 V.
0.4
V max
DVDD = 3 V.
Input High Voltage, VINH
2.5
V min
DVDD = 3 V.
3.5
V min
DVDD = 5 V.
Input Current
±10
μA max
LOGIC INPUTS
Input High Voltage, VINH2
2
V min
Input Low Voltage, VINL2
0.8
V max
Hysteresis2
0.1/0.25
V min/V max
Input Currents
±10
μA max
LOGIC OUTPUT (DOUT/RDY)
Output High Voltage, VOH2
DVDD − 0.6
V min
DVDD = 3 V, ISOURCE = 100 μA.
Output Low Voltage, VOL2
0.4
V max
DVDD = 3 V, ISINK = 100 μA.
Output High Voltage, VOH2
4
V min
DVDD = 5 V, ISOURCE = 200 μA.
Output Low Voltage, VOL2
0.4
V max
DVDD = 5 V, ISINK = 1.6 mA.
Floating-State Leakage Current
±10
μA max
Floating-State Output
Capacitance
10
pF typ
Data Output Coding
Offset binary
SYSTEM CALIBRATION2
Full-Scale Calibration Limit
1.05 × FS
V max
Zero-Scale Calibration Limit
−1.05 × FS
V min
Input Span
0.8 × FS
V min
2.1 × FS
V max


Podobny numer części - AD7190

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7190 AD-AD7190 Datasheet
178Kb / 21P
   4.8 kHz Ultra-Low Noise 24-Bit Sigma-Delta ADC with PGA
Rev.PrD 7/08
AD7190BRUZ AD-AD7190BRUZ Datasheet
749Kb / 40P
   4.8 kHz Ultralow Noise 24-Bit Sigma-Delta ADC with PGA
REV. 0
AD7190BRUZ-REEL AD-AD7190BRUZ-REEL Datasheet
749Kb / 40P
   4.8 kHz Ultralow Noise 24-Bit Sigma-Delta ADC with PGA
REV. 0
AD7190 AD-AD7190_08 Datasheet
749Kb / 40P
   4.8 kHz Ultralow Noise 24-Bit Sigma-Delta ADC with PGA
REV. 0
More results

Podobny opis - AD7190

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7192 AD-AD7192 Datasheet
711Kb / 40P
   4.8 kHz, Ultralow Noise, 24-Bit Sigma-Delta ADC with PGA
REV. A
AD7190 AD-AD7190_08 Datasheet
749Kb / 40P
   4.8 kHz Ultralow Noise 24-Bit Sigma-Delta ADC with PGA
REV. 0
AD7193 AD-AD7193 Datasheet
767Kb / 56P
   4-Channel, 4.8 kHz, Ultralow Noise, 24-Bit Sigma-Delta ADC with PGA
REV. A
AD7194 AD-AD7194 Datasheet
1,002Kb / 56P
   8-Channel, 4.8 kHz, Ultralow Noise, 24-Bit Sigma-Delta ADC with PGA
REV. 0
AD7195 AD-AD7195_15 Datasheet
546Kb / 45P
   4.8 kHz, Ultralow Noise, 24-Bit Sigma-Delta ADC with PGA and AC Excitation
AD7195 AD-AD7195 Datasheet
662Kb / 44P
   4.8 kHz, Ultralow Noise, 24-Bit Sigma-Delta ADC with PGA and AC Excitation
REV. 0
AD7190 AD-AD7190 Datasheet
178Kb / 21P
   4.8 kHz Ultra-Low Noise 24-Bit Sigma-Delta ADC with PGA
Rev.PrD 7/08
logo
Intersil Corporation
ISL26102AVZ INTERSIL-ISL26102AVZ Datasheet
909Kb / 21P
   Low-Noise 24-bit Delta Sigma ADC
October 12, 2012
logo
Renesas Technology Corp
ISL26132 RENESAS-ISL26132 Datasheet
1Mb / 23P
   Low-Noise 24-bit Delta Sigma ADC
logo
Intersil Corporation
ISL26102 INTERSIL-ISL26102 Datasheet
911Kb / 21P
   Low-Noise 24-bit Delta Sigma ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com