Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD7262 Arkusz danych(PDF) 11 Page - Analog Devices

Numer części AD7262
Szczegółowy opis  1 MSPS, 12-Bit, Simultaneous Sampling SAR ADC
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD7262 Arkusz danych(HTML) 11 Page - Analog Devices

Back Button AD7262 Datasheet HTML 7Page - Analog Devices AD7262 Datasheet HTML 8Page - Analog Devices AD7262 Datasheet HTML 9Page - Analog Devices AD7262 Datasheet HTML 10Page - Analog Devices AD7262 Datasheet HTML 11Page - Analog Devices AD7262 Datasheet HTML 12Page - Analog Devices AD7262 Datasheet HTML 13Page - Analog Devices AD7262 Datasheet HTML 14Page - Analog Devices AD7262 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
AD7262
Data Sheet
Rev. B | Page 10 of 32
TYPICAL PERFORMANCE CHARACTERISTICS
0.6
–0.6
–0.4
–0.2
0
0.2
0.4
0
4000
3500
3000
2500
2000
1500
1000
500
CODE
AVCC = 5V
VDRIVE = 5V
fS = 1MSPS
TA = 25°C
INTERNAL REFERENCE
PGA GAIN = 2
Figure 5. Typical DNL at Gain of 2
1.0
–1.0
–0.6
–0.8
–0.4
–0.2
0
0.2
0.6
0.8
0.4
0
4000
3500
3000
2500
2000
1500
1000
500
CODE
AVCC = 5V
VDRIVE = 5V
fS = 1MSPS
TA = 25°C
INTERNAL REFERENCE
PGA GAIN = 2
Figure 6. Typical INL at Gain of 2
0
–140
–120
–100
–80
–60
–40
–20
0
400k
450k
350k
300k
250k
200k
150k
100k
50k
FREQUENCY (Hz)
AVCC = 5V
VDRIVE = 2.7V
fS = 1MSPS
TA = 25°C
fIN = 100kHz
INTERNAL REFERENCE
SNR = 73dB, THD = –82.5dB
PGA GAIN = 2
Figure 7. 3 dB Typical FFT at Gain of 2
0.6
–0.6
–0.4
–0.2
0
0.2
0.4
0
4000
3500
3000
2500
2000
1500
1000
500
CODE
AVCC = 5V
VDRIVE = 5V
fS = 1MSPS
TA = 25°C
INTERNAL REFERENCE
PGA GAIN = 32
Figure 8. Typical DNL at Gain of 32
1.0
–1.0
–0.6
–0.8
–0.4
–0.2
0
0.2
0.6
0.8
0.4
0
4000
3500
3000
2500
2000
1500
1000
500
CODE
AVCC = 5V
VDRIVE = 5V
fS = 1MSPS
TA = 25°C
INTERNAL REFERENCE
PGA GAIN = 32
Figure 9. Typical INL at Gain of 32
0
–140
–120
–100
–80
–60
–40
–20
0
400k 450k 500k
350k
300k
250k
200k
150k
100k
50k
FREQUENCY (Hz)
AVCC = 5V
VDRIVE = 5V
fS = 1MSPS
TA = 25°C
fIN = 100kHz
INTERNAL REFERENCE
SNR = 68.38dB, THD = –82dB
PGA GAIN = 32
Figure 10. Typical FFT at Gain of 32


Podobny numer części - AD7262

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7262 AD-AD7262 Datasheet
920Kb / 32P
   1 MSPS, 12-Bit, Simultaneous Sampling SAR ADC with PGA and Four Comparators
REV. 0
AD7262BCPZ AD-AD7262BCPZ Datasheet
920Kb / 32P
   1 MSPS, 12-Bit, Simultaneous Sampling SAR ADC with PGA and Four Comparators
REV. 0
AD7262BCPZ-5 AD-AD7262BCPZ-5 Datasheet
920Kb / 32P
   1 MSPS, 12-Bit, Simultaneous Sampling SAR ADC with PGA and Four Comparators
REV. 0
AD7262BCPZ-5-RL7 AD-AD7262BCPZ-5-RL7 Datasheet
920Kb / 32P
   1 MSPS, 12-Bit, Simultaneous Sampling SAR ADC with PGA and Four Comparators
REV. 0
AD7262BCPZ-RL7 AD-AD7262BCPZ-RL7 Datasheet
920Kb / 32P
   1 MSPS, 12-Bit, Simultaneous Sampling SAR ADC with PGA and Four Comparators
REV. 0
More results

Podobny opis - AD7262

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7264 AD-AD7264_17 Datasheet
1Mb / 30P
   1 MSPS, 14-Bit, Simultaneous Sampling SAR ADC
AD7262 AD-AD7262 Datasheet
920Kb / 32P
   1 MSPS, 12-Bit, Simultaneous Sampling SAR ADC with PGA and Four Comparators
REV. 0
AD7356 AD-AD7356_08 Datasheet
531Kb / 20P
   Differential Input, Dual, Simultaneous Sampling, 5 MSPS, 12-Bit, SAR ADC
REV. 0
AD7356 AD-AD7356_15 Datasheet
636Kb / 21P
   Differential Input, Dual, Simultaneous Sampling, 5 MSPS, 12-Bit, SAR ADC
REV. A
AD7352 AD-AD7352 Datasheet
518Kb / 20P
   Differential Input, Dual, Simultaneous Sampling, 3 MSPS, 12-Bit, SAR ADC
REV. 0
AD7352 AD-AD7352_15 Datasheet
623Kb / 21P
   Differential Input, Dual, Simultaneous Sampling, 3 MSPS, 12-Bit, SAR ADC
REV. A
AD7264 AD-AD7264 Datasheet
1Mb / 32P
   1 MSPS, 14-Bit, Simultaneous Sampling SAR ADC with PGA and Four Comparators
REV. A
AD7357 AD-AD7357 Datasheet
196Kb / 17P
   Differential Input,Dual,Simultaneous Sampling, 4.25 MSPS, 14-Bit, SAR ADC
Rev. PrD
AD7357 AD-AD7357_09 Datasheet
469Kb / 20P
   Differential Input, Dual, Simultaneous Sampling, 4.2 MSPS, 14-Bit, SAR ADC
REV. 0
AD7357 AD-AD7357_15 Datasheet
623Kb / 21P
   Differential Input, Dual, Simultaneous Sampling, 4.2 MSPS, 14-Bit, SAR ADC
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com