Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD7262BCPZ-RL7 Arkusz danych(PDF) 10 Page - Analog Devices

Numer części AD7262BCPZ-RL7
Szczegółowy opis  1 MSPS, 12-Bit, Simultaneous Sampling SAR ADC
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD7262BCPZ-RL7 Arkusz danych(HTML) 10 Page - Analog Devices

Back Button AD7262BCPZ-RL7 Datasheet HTML 6Page - Analog Devices AD7262BCPZ-RL7 Datasheet HTML 7Page - Analog Devices AD7262BCPZ-RL7 Datasheet HTML 8Page - Analog Devices AD7262BCPZ-RL7 Datasheet HTML 9Page - Analog Devices AD7262BCPZ-RL7 Datasheet HTML 10Page - Analog Devices AD7262BCPZ-RL7 Datasheet HTML 11Page - Analog Devices AD7262BCPZ-RL7 Datasheet HTML 12Page - Analog Devices AD7262BCPZ-RL7 Datasheet HTML 13Page - Analog Devices AD7262BCPZ-RL7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
Data Sheet
AD7262
Rev. B | Page 9 of 32
Pin No.
Mnemonic
Description
23
PD0/DIN
Logic Input/Data Input. Places the AD7262/AD7262-5 in selected shutdown mode in conjunction
with the PD2 and PD1 pins (see Table 7). If all gain selection pins, G0 to G3, are tied low, this pin acts
as the data input pin, and all programming is via the control register (see Table 8). Data to be written
to the AD7262/AD7262-5 control register is provided on this input and is clocked into the register
on the falling edge of SCLK.
35
CS
Chip Select. Active low logic input. This input initiates conversions on the AD7262/AD7262-5.
48, 47, 46, 45
CA+, CA−,
CB+, CB
Comparator Inputs. These pins are the inverting and noninverting analog inputs for Comparator A
and Comparator B. These two comparators have very low power consumption.
13, 14, 15, 16
CC+, CC−,
CD+, CD
Comparator Inputs. These pins are the inverting and noninverting analog inputs for Comparator C
and Comparator D. This pair of comparators offers very fast propagation delays.
5, 6, 8, 19, 42
AGND
Analog Ground. Ground reference point for all analog circuitry on the AD7262/AD7262-5. Refer all
analog input signals and any external reference signal to this AGND voltage. All AGND pins should
connect to the AGND plane of a system. The AGND, DGND, CA_CB_GND, and CC_CD_GND voltages
ideally should be at the same potential and must not be more than 0.3 V apart, even on a transient
basis. CA_CB_GND and CC_CD_GND can be tied to AGND.
28
DGND
Digital Ground. This is the ground reference point for all digital circuitry on the AD7262/AD7262-5.
Connect the DGND pin to the DGND plane of a system. The DGND and AGND voltages should
ideally be at the same potential and must not be more than 0.3 V apart, even on a transient basis.
30, 29, 26, 25
COUTA, COUTB,
COUTC, COUTD
Comparator Outputs. These pins provide a CMOS (push-pull) output from each respective
comparator. These are digital output pins with logic levels determined by the VDRIVE supply.
32, 31
DOUTA, DOUTB
Serial Data Outputs. The data output from the AD7262/AD7262-5 is supplied to each pin as a serial
data stream in twos complement format. The bits are clocked out on the falling edge of the SCLK
input. A total of 31 SCLKs is required to perform the conversion and access the 12-bit data. During
the conversion process, the data output pins are in three-state and, when the conversion is
completed, the 19th SCLK edge clocks out the MSB. The data simultaneously appears on both pins
from the simultaneous conversions of both ADCs. The data is provided MSB first. If CS is held low for
an additional 14 SCLK cycles on either DOUTA or DOUTB following the initial 31 SCLKs, the data from
the other ADC follows on the DOUT pin. This allows data from a simultaneous conversion on both
ADCs to be gathered in serial format on either DOUTA or DOUTB using only one serial port.
40, 39, 38, 37
G0, G1, G2, G3
Logic Inputs. These pins program the gain setting of the front-end amplifiers. If all four pins are tied
low, the PD0 pin acts as a data input pin, DIN, and all programming is made via the control register
(see Table 6).
27
VDRIVE
Logic Power Supply Input, 2.7 V to 5.25 V. The voltage supplied at this pin determines at what
voltage the interface operates, including the comparator outputs. Decouple this pin to DGND.
44, 17
CA_CB_GND,
CC_CD_GND
Comparator Ground. This is the ground reference point for all comparator circuitry on the AD7262/
AD7262-5. Both the CA_CB_GND pin and the CC_CD_GND pin must connect to the GND plane of a
system and can be tied to AGND. The DGND, AGND, CA_CB_GND, and CC_CD_GND voltages should
ideally be at the same potential and must not be more than 0.3 V apart, even on a transient basis.
24
REFSEL
Internal/External Reference Selection. Logic input. If this pin is tied to a logic high voltage, the on-
chip 2.5 V reference is used as the reference source for both ADC A and ADC B. If the REFSEL pin is
tied to GND, an external reference can be supplied to the AD7262/AD7262-5 through the VREFA
and/or VREFB pin.
EPAD
Exposed Metal Paddle. The exposed metal paddle on the bottom of the LFCSP package must be
soldered to PCB ground for proper heat dissipation and also for noise and mechanical strength
benefits.


Podobny numer części - AD7262BCPZ-RL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7262BCPZ-RL7 AD-AD7262BCPZ-RL7 Datasheet
920Kb / 32P
   1 MSPS, 12-Bit, Simultaneous Sampling SAR ADC with PGA and Four Comparators
REV. 0
More results

Podobny opis - AD7262BCPZ-RL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7264 AD-AD7264_17 Datasheet
1Mb / 30P
   1 MSPS, 14-Bit, Simultaneous Sampling SAR ADC
AD7262 AD-AD7262 Datasheet
920Kb / 32P
   1 MSPS, 12-Bit, Simultaneous Sampling SAR ADC with PGA and Four Comparators
REV. 0
AD7356 AD-AD7356_08 Datasheet
531Kb / 20P
   Differential Input, Dual, Simultaneous Sampling, 5 MSPS, 12-Bit, SAR ADC
REV. 0
AD7356 AD-AD7356_15 Datasheet
636Kb / 21P
   Differential Input, Dual, Simultaneous Sampling, 5 MSPS, 12-Bit, SAR ADC
REV. A
AD7352 AD-AD7352 Datasheet
518Kb / 20P
   Differential Input, Dual, Simultaneous Sampling, 3 MSPS, 12-Bit, SAR ADC
REV. 0
AD7352 AD-AD7352_15 Datasheet
623Kb / 21P
   Differential Input, Dual, Simultaneous Sampling, 3 MSPS, 12-Bit, SAR ADC
REV. A
AD7264 AD-AD7264 Datasheet
1Mb / 32P
   1 MSPS, 14-Bit, Simultaneous Sampling SAR ADC with PGA and Four Comparators
REV. A
AD7357 AD-AD7357 Datasheet
196Kb / 17P
   Differential Input,Dual,Simultaneous Sampling, 4.25 MSPS, 14-Bit, SAR ADC
Rev. PrD
AD7357 AD-AD7357_09 Datasheet
469Kb / 20P
   Differential Input, Dual, Simultaneous Sampling, 4.2 MSPS, 14-Bit, SAR ADC
REV. 0
AD7357 AD-AD7357_15 Datasheet
623Kb / 21P
   Differential Input, Dual, Simultaneous Sampling, 4.2 MSPS, 14-Bit, SAR ADC
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com