Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD7765 Arkusz danych(PDF) 10 Page - Analog Devices

Numer części AD7765
Szczegółowy opis  Sigma-Delta ADC On-Chip Buffers and Serial Interface
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD7765 Arkusz danych(HTML) 10 Page - Analog Devices

Back Button AD7765_17 Datasheet HTML 6Page - Analog Devices AD7765_17 Datasheet HTML 7Page - Analog Devices AD7765_17 Datasheet HTML 8Page - Analog Devices AD7765_17 Datasheet HTML 9Page - Analog Devices AD7765_17 Datasheet HTML 10Page - Analog Devices AD7765_17 Datasheet HTML 11Page - Analog Devices AD7765_17 Datasheet HTML 12Page - Analog Devices AD7765_17 Datasheet HTML 13Page - Analog Devices AD7765_17 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
AD7765
Rev. A | Page 9 of 32
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
VOUTA+
VINA+
VOUTA–
AVDD2
VIN+
VIN
VINA–
VREF+
REFGND
AVDD4
RBIAS
AGND1
AVDD1
AGND3
OVERRANGE
SCO
FSI
SDO
FSO
AVDD2
AGND2
MCLK
SYNC
SDI
RESET/PWRDWN
DVDD
DEC_RATE
AVDD3
AD7765
TOP VIEW
(Not to Scale)
Figure 5. Pin Configuration
Table 5. Pin Function Descriptions
Pin No.
Mnemonic
Description
24
AVDD1
2.5 V Power Supply for Modulator. This pin should be decoupled to AGND1 (Pin 23) with a 100 nF capacitor.
7 and 21
AVDD2
5 V Power Supply. Pin 7 should be decoupled to AGND3 (Pin 8) with a 100 nF capacitor. Pin 21 should be
decoupled to AGND1 (Pin 23) with a 100 nF capacitor.
28
AVDD3
3.3 V to 5 V Power Supply for Differential Amplifier. This pin should be decoupled to the ground plane with a
100 nF capacitor.
25
AVDD4
3.3 V to 5 V Power Supply for Reference Buffer. This pin should be decoupled to AGND1 (Pin 23) with a 100 nF
capacitor.
17
DVDD
2.5 V Power Supply for Digital Circuitry and FIR Filter. This pin should be decoupled to the ground plane with
a 100 nF capacitor.
22
RBIAS
Bias Current Setting Pin. This pin must be decoupled to the ground plane. For more details, see the Bias
Resistor Selection section.
23
AGND1
Power Supply Ground for Analog Circuitry.
20
AGND2
Power Supply Ground for Analog Circuitry.
8
AGND3
Power Supply Ground for Analog Circuitry.
26
REFGND
Reference Ground. Ground connection for the reference voltage.
27
VREF+
Reference Input.
1
VINA−
Negative Input to Differential Amplifier.
2
VOUTA+
Positive Output from Differential Amplifier.
3
VINA+
Positive Input to Differential Amplifier.
4
VOUTA−
Negative Output from Differential Amplifier.
5
VIN
Negative Input to the Modulator.
6
VIN+
Positive Input to the Modulator.
9
OVERRANGE
Overrange Pin. This pin outputs a logic high to indicate that the user has applied an analog input that is
approaching the limit of the analog input to the modulator.
10
SCO
Serial Clock Out. This clock signal is derived from the internal ICLK signal. The frequency of this clock is equal
to ICLK. See the Clocking the AD7765 section for further details.
11
FSO
Frame Sync Out. This signal frames the serial data output and is 32 SCO periods wide.
12
SDO
Serial Data Out. Data and status are output on this pin during each serial transfer. Each bit is clocked out on an
SCO rising edge and is valid on the falling edge. See the AD7765 Interface section for further details.
13
SDI
Serial Data In. The first data bit (MSB) must be valid on the next SCO falling edge after the FSI event is latched.
Thirty-two bits are required for each write; the first 16-bit word contains the device and register address and
the second word contains the data. See the AD7765 Interface section for further details.


Podobny numer części - AD7765_17

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7765 AD-AD7765_15 Datasheet
1Mb / 33P
   24-Bit, 156 kSPS, 112 dB Sigma-Delta ADC
REV. A
More results

Podobny opis - AD7765_17

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7763 AD-AD7763_17 Datasheet
642Kb / 33P
   Sigma-Delta ADC with On-Chip Buffers, Serial Interface
AD7763 AD-AD7763_15 Datasheet
822Kb / 33P
   24-Bit, 625 kSPS, 109 dB Sigma-Delta ADC with On-Chip Buffers, Serial Interface
REV. B
AD7760 AD-AD7760_17 Datasheet
851Kb / 37P
   Sigma-Delta ADC with On-Chip Buffer
AD7762 AD-AD7762_17 Datasheet
619Kb / 29P
   Sigma-Delta ADC With On-Chip Buffer
AD7765 AD-AD7765 Datasheet
330Kb / 21P
   24-Bit, 156 kSPS,112dB ADC, With On-Chip Buffers, Serial Interface
Rev. PrC
AD7764 AD-AD7764 Datasheet
330Kb / 21P
   24-Bit 312 kSPS 109dB ADC With On-Chip Buffers Serial Interface
Rev. PrC
AD7764 AD-AD7764_07 Datasheet
1Mb / 32P
   24-Bit, 312 kSPS, 109 dB 誇-? ADC with On-Chip Buffers and Serial Interface
REV. 0
AD7765 AD-AD7765_07 Datasheet
1Mb / 32P
   24-Bit, 156 kSPS, 112 dB 誇-? ADC with On-Chip Buffers and Serial Interface
REV. 0
logo
New Japan Radio
NJU3610 NJRC-NJU3610 Datasheet
269Kb / 14P
   1bit Delta-Sigma Stereo ADC
logo
STMicroelectronics
AN1827 STMICROELECTRONICS-AN1827 Datasheet
91Kb / 11P
   IMPLEMENTATION OF SIGMA-DELTA ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com