Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD7693BCPZRL7 Arkusz danych(PDF) 11 Page - Analog Devices

Numer części AD7693BCPZRL7
Szczegółowy opis  500 kSPS PulSAR Differential ADC in MSOP/LFCSP
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD7693BCPZRL7 Arkusz danych(HTML) 11 Page - Analog Devices

Back Button AD7693BCPZRL7 Datasheet HTML 7Page - Analog Devices AD7693BCPZRL7 Datasheet HTML 8Page - Analog Devices AD7693BCPZRL7 Datasheet HTML 9Page - Analog Devices AD7693BCPZRL7 Datasheet HTML 10Page - Analog Devices AD7693BCPZRL7 Datasheet HTML 11Page - Analog Devices AD7693BCPZRL7 Datasheet HTML 12Page - Analog Devices AD7693BCPZRL7 Datasheet HTML 13Page - Analog Devices AD7693BCPZRL7 Datasheet HTML 14Page - Analog Devices AD7693BCPZRL7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
AD7693
Data Sheet
REFERENCE VOLTAGE (V)
90
91
92
93
94
95
96
97
98
99
100
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
15.0
15.5
16.0
16.5
17.0
17.5
18.0
18.5
19.0
19.5
20.0
ENOB
SNR, SINAD
Figure 13. SNR, SINAD, and ENOB vs. Reference Voltage
TEMPERATURE (°C)
90
91
92
93
94
95
96
97
98
99
100
15.0
15.5
16.0
16.5
17.0
17.5
18.0
18.5
19.0
19.5
20.0
–55
–35
–15
5
25
45
65
85
105
125
ENOB
SNR, SINAD
Figure 14. SNR, SINAD, and ENOB vs. Temperature
FREQUENCY (kHz)
0
50
100
150
200
80
82
84
86
88
90
92
94
96
98
100
VIN = –10dBFS
VIN = –1dBFS
Figure 15. SINAD vs. Frequency
REFERENCE VOLTAGE (V)
80
85
90
95
100
105
110
115
120
125
130
2.0
5.5
SFDR
THD
–130
–125
–120
–115
–110
–105
–100
–95
–90
–85
–80
2.5
3.0
3.5
4.0
4.5
5.0
Figure 16. THD, SFDR vs. Reference Voltage
TEMPERATURE (°C)
–130
–125
–120
–115
–110
–105
–100
–55
–35
–15
5
25
45
65
85
105
125
100
105
110
115
120
125
130
SFDR
THD
VDD = 5V
Figure 17. THD, SFDR vs. Temperature
FREQUENCY (kHz)
–130
–125
–120
–115
–110
–105
–100
–95
–90
–85
–80
0
50
100
150
200
VIN = –10dBFS
VIN = –1dBFS
Figure 18. THD vs. Frequency
Rev. B | Page 10 of 24


Podobny numer części - AD7693BCPZRL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7693BRMZ AD-AD7693BRMZ Datasheet
624Kb / 24P
   16-Bit, 짹0.5 LSB, 500 kSPS PulSAR짰 Differential ADC in MSOP/QFN
REV. A
More results

Podobny opis - AD7693BCPZRL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7690 AD-AD7690 Datasheet
674Kb / 25P
   400 kSPS PulSAR Differential ADC in MSOP/LFCSP
AD7691 AD-AD7691_17 Datasheet
921Kb / 29P
   250 kSPS PulSAR Differential ADC in MSOP/LFCSP
AD7946 AD-AD7946_15 Datasheet
538Kb / 24P
   14-Bit, 500 kSPS, PulSAR ADC in MSOP and LFCSP
REV. B
AD7688 AD-AD7688 Datasheet
562Kb / 29P
   16-Bit, 1.5 LSB INL, 500 kSPS PulSAR Differential ADC in MSOP/LFCSP
AD7942 AD-AD7942_15 Datasheet
383Kb / 24P
   14-Bit, 250 kSPS PulSAR, Pseudo Differential ADC in MSOP/LFCSP
REV. C
logo
List of Unclassifed Man...
AD7989-1BRMZ ETC2-AD7989-1BRMZ Datasheet
521Kb / 24P
   18-Bit, 100 kSPS/500 kSPS PulSAR ADCs in MSOP/LFCSP
logo
Analog Devices
AD7989-1 AD-AD7989-1 Datasheet
566Kb / 24P
   18-Bit, 100 kSPS/500 kSPS PulSAR ADCs in MSOP/LFCSP
AD7686 AD-AD7686 Datasheet
566Kb / 29P
   16-Bit, 500 kSPS PulSAR ADC in MSOP
AD7946 AD-AD7946_17 Datasheet
597Kb / 25P
   PulSAR ADC in MSOP and LFCSP
AD7946BRMZ AD-AD7946BRMZ Datasheet
644Kb / 24P
   14-Bit, 500 kSPS PulSAR ADC in MSOP
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com