Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD7785BRUZ-REEL Arkusz danych(PDF) 1 Page - Analog Devices

Numer części AD7785BRUZ-REEL
Szczegółowy opis  3-Channel, Low Noise, Low Power ADC with On-Chip In-Amp and Reference
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD7785BRUZ-REEL Arkusz danych(HTML) 1 Page - Analog Devices

  AD7785BRUZ-REEL Datasheet HTML 1Page - Analog Devices AD7785BRUZ-REEL Datasheet HTML 2Page - Analog Devices AD7785BRUZ-REEL Datasheet HTML 3Page - Analog Devices AD7785BRUZ-REEL Datasheet HTML 4Page - Analog Devices AD7785BRUZ-REEL Datasheet HTML 5Page - Analog Devices AD7785BRUZ-REEL Datasheet HTML 6Page - Analog Devices AD7785BRUZ-REEL Datasheet HTML 7Page - Analog Devices AD7785BRUZ-REEL Datasheet HTML 8Page - Analog Devices AD7785BRUZ-REEL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
3-Channel, Low Noise, Low Power, 20-Bit ∑-Δ
ADC with On-Chip In-Amp and Reference
AD7785
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2007 Analog Devices, Inc. All rights reserved.
FEATURES
Up to 20 bits effective resolution
RMS noise
40 nV @ 4.17 Hz
85 nV @ 16.7 Hz
Current: 400 μA typical
Power-down: 1 μA maximum
Low noise programmable gain instrumentation amp
Band gap reference with 4 ppm/°C drift typical
Update rate: 4.17 Hz to 470 Hz
3 differential inputs
Internal clock oscillator
Simultaneous 50 Hz/60 Hz rejection
Programmable current sources
On-chip bias voltage generator
Burnout currents
Power supply: 2.7 V to 5.25 V
–40°C to +105°C temperature range
Independent interface power supply
16-lead TSSOP package
Interface
3-wire serial
SPI®, QSPI™, MICROWIRE™, and DSP compatible
Schmitt trigger on SCLK
APPLICATIONS
Thermocouple measurements
RTD measurements
Thermistor measurements
Gas analysis
Industrial process control
Instrumentation
Portable instrumentation
Blood analysis
Smart transmitters
Liquid/gas chromatography
6-digit DVM
GENERAL DESCRIPTION
The AD7785 is a low power, low noise, complete analog front
end for high precision measurement applications. The AD7785
contains a low noise 20-bit ∑-Δ ADC with three differential
analog inputs. The on-chip, low noise instrumentation amplifier
means that signals of small amplitude can be interfaced directly
to the ADC. With a gain setting of 64, the rms noise is 40 nV
when the update rate equals 4.17 Hz.
The device contains a precision low noise, low drift internal
band gap reference and can accept an external differential
reference. Other on-chip features include programmable
excitation current sources, burnout currents, and a bias voltage
generator. The bias voltage generator sets the common-mode
voltage of a channel to AVDD/2.
The AD7785 can be operated with either the internal clock
or an external clock. The output data rate from the device is
software-programmable and can be varied from 4.17 Hz to 470
Hz. The device operates with a power supply from 2.7 V to
5.25 V. It consumes a current of 400 μA typical and is housed in
a 16-lead TSSOP package.
FUNCTIONAL BLOCK DIAGRAM
DOUT/RDY
DIN
SCLK
CS
DVDD
SERIAL
INTERFACE
AND
CONTROL
LOGIC
Σ-Δ
ADC
AD7785
AIN1(+)
AIN1(–)
AIN2(+)
AIN2(–)
AVDD
GND
MUX
VBIAS
BAND GAP
REFERENCE
INTERNAL
CLOCK
CLK
GND
GND
AVDD
REFIN(–)/AIN3(–)
IOUT1
IOUT2
AVDD
IN-AMP
BUF
REFIN(+)/AIN3(+)
Figure 1.


Podobny numer części - AD7785BRUZ-REEL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7785BRUZ-REEL AD-AD7785BRUZ-REEL Datasheet
635Kb / 32P
   3-Channel, Low Noise, Low Power, 20-Bit ??? ADC with On-Chip In-Amp and Reference
REV. 0
More results

Podobny opis - AD7785BRUZ-REEL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7785 AD-AD7785 Datasheet
635Kb / 32P
   3-Channel, Low Noise, Low Power, 20-Bit ??? ADC with On-Chip In-Amp and Reference
REV. 0
AD7792 AD-AD7792_07 Datasheet
661Kb / 32P
   3-Channel, Low Noise, Low Power, 16-/24-Bit 誇-? ADC with On-Chip In-Amp and Reference
REV. B
AD7794 AD-AD7794_07 Datasheet
814Kb / 36P
   6-Channel, Low Noise, Low Power, 24-/16-Bit 誇-? ADC with On-Chip In-Amp and Reference
REV. D
AD7798 AD-AD7798 Datasheet
445Kb / 28P
   3-Channel, Low Noise, Low Power, 16-/24-Bit, ADC with On-Chip In-Amp
REV. B
AD7799BRUZ-REEL AD-AD7799BRUZ-REEL Datasheet
897Kb / 28P
   3-Channel, Low Noise, Low Power, 16-/24-Bit, 誇-? ADC with On-Chip In-Amp
REV. A
AD7792 AD-AD7792 Datasheet
241Kb / 18P
   Low Power, 16/24-Bit Sigma-Delta ADC with Low-Noise In-Amp and Embedded Reference
REV.PrF 6/04
AD7794 AD-AD7794 Datasheet
260Kb / 21P
   Low Power, 24-Bit Sigma-Delta ADC with In-Amp and Embedded Reference (6 Channel)
REV.PrE 6/04
AD7124-4-EP AD-AD7124-4-EP Datasheet
272Kb / 17P
   4-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
Rev. 0
ADFS7124-4 AD-ADFS7124-4 Datasheet
3Mb / 93P
   4-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
Rev. 0
ADFS7124-8 AD-ADFS7124-8 Datasheet
2Mb / 93P
   8-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com