Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MT9M034 Arkusz danych(PDF) 8 Page - ON Semiconductor

Numer części MT9M034
Szczegółowy opis  1/3-Inch CMOS Digital Image Sensor
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MT9M034 Arkusz danych(HTML) 8 Page - ON Semiconductor

Back Button MT9M034_17 Datasheet HTML 4Page - ON Semiconductor MT9M034_17 Datasheet HTML 5Page - ON Semiconductor MT9M034_17 Datasheet HTML 6Page - ON Semiconductor MT9M034_17 Datasheet HTML 7Page - ON Semiconductor MT9M034_17 Datasheet HTML 8Page - ON Semiconductor MT9M034_17 Datasheet HTML 9Page - ON Semiconductor MT9M034_17 Datasheet HTML 10Page - ON Semiconductor MT9M034_17 Datasheet HTML 11Page - ON Semiconductor MT9M034_17 Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 39 page
background image
MT9M034
www.onsemi.com
8
Figure 5. Pixel Color Pattern Detail (Top Right Corner)
Active Pixel (0, 0)
Physical Pixel (122, 44)
G
B
G
B
G
B
R
G
R
G
R
G
R
G
R
G
R
G
R
G
R
G
R
G
R
G
R
G
R
G
G
B
G
B
G
B
G
B
G
B
G
B
G
B
G
B
G
B
Column Readout Direction
Default Readout Order
By convention, the sensor core pixel array is shown with
pixel (0,0) in the top right corner (see Figure 5). This reflects
the actual layout of the array on the die. Also, the first pixel
data read out of the sensor in default condition is that of pixel
(112, 44).
When the sensor is imaging, the active surface of the
sensor faces the scene as shown in Figure 6. When the image
is read out of the sensor, it is read one row at a time, with the
rows and columns sequenced as shown in Figure 6.
Figure 6. Imaging a Scene
Lens
Pixel (0,0)
Row
Readout
Order
Column Readout Order
Scene
Sensor (rear view)
Digital Gain Control
MT9M034 supports four digital gains for the color
channels: Red, Green1 (green pixels on the red rows),
Green2 (green pixels on the blue rows), and Blue. Digital
gain control of the MT9M034 is dependent on the
configuration of the x_addr_start register. Table 4 illustrates
how the digital gains are applied when x_addr_start is even
or odd number.
Table 4. DIGITAL GAIN CONTROL FOR ODD AND EVEN X_ADDR_START (R0X3004)
Pixels
x_addr_start
Gain
Register
Red
Even
red_gain
R0x305A
Odd
green1_gain
R0x3056
Green1 (on Red rows)
Even
green1_gain
R0x3056
Odd
red_gain
R0x305A
Green2 (on Blue rows)
Even
green2_gain
R0x305C
Odd
blue_gain
R0x3058
Blue
Even
blue_gain
R0x3058
Odd
green2_gain
R0x305C


Podobny numer części - MT9M034_17

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MT9M034I12STC-DPBR ONSEMI-MT9M034I12STC-DPBR Datasheet
1Mb / 56P
   Digital Image Sensor
Rev. G Pub. 4/15 EN
MT9M034I12STC-DPBR1 ONSEMI-MT9M034I12STC-DPBR1 Datasheet
1Mb / 53P
   1/3-Inch CMOS Digital Image Sensor
Rev. 8, 2/16 EN
MT9M034I12STC-DRBR ONSEMI-MT9M034I12STC-DRBR Datasheet
1Mb / 56P
   Digital Image Sensor
Rev. G Pub. 4/15 EN
MT9M034I12STC-DRBR1 ONSEMI-MT9M034I12STC-DRBR1 Datasheet
1Mb / 53P
   1/3-Inch CMOS Digital Image Sensor
Rev. 8, 2/16 EN
MT9M034I12STM-DPBR ONSEMI-MT9M034I12STM-DPBR Datasheet
1Mb / 56P
   Digital Image Sensor
Rev. G Pub. 4/15 EN
More results

Podobny opis - MT9M034_17

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
AR0132AT ONSEMI-AR0132AT Datasheet
1Mb / 56P
   1/3-Inch CMOS Digital Image Sensor
Rev. 9, 2/16 EN
MT9M034 ONSEMI-MT9M034_16 Datasheet
1Mb / 53P
   1/3-Inch CMOS Digital Image Sensor
Rev. 8, 2/16 EN
AR0130CS ONSEMI-AR0130CS_16 Datasheet
1Mb / 49P
   1/3-Inch CMOS Digital Image Sensor
Rev. 12, 1/16 EN
MT9M021-31 ONSEMI-MT9M021-31 Datasheet
873Kb / 34P
   1/3-Inch CMOS Digital Image Sensor
Rev. G Pub. 4/15 EN
logo
Micron Technology
MT9M111 MICRON-MT9M111 Datasheet
804Kb / 61P
   1/3-INCH SOC MEGAPIXEL CMOS DIGITAL IMAGE SENSOR
logo
ON Semiconductor
MT9V024 ONSEMI-MT9V024_17 Datasheet
430Kb / 40P
   1/3-Inch Wide VGA CMOS Digital Image Sensor
December, 2017 ??Rev. 7
MT9V024 ONSEMI-MT9V024_V01 Datasheet
704Kb / 40P
   1/3-Inch Wide VGA CMOS Digital Image Sensor
August, 2019 ??Rev. 9
AR0134CS ONSEMI-AR0134CS_16 Datasheet
1Mb / 38P
   1/3-Inch 1.2 Mp CMOS Digital Image Sensor
Rev. 8, Pub. 1/16 EN
logo
Micron Technology
MT9T001P12STC MICRON-MT9T001P12STC Datasheet
719Kb / 41P
   1/2-Inch 3-Megapixel CMOS Digital Image Sensor
logo
ON Semiconductor
MT9V023 ONSEMI-MT9V023_17 Datasheet
381Kb / 43P
   1/3-Inch Wide?륷GA CMOS Digital Image Sensor
January, 2017 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com