Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MT9M131 Arkusz danych(PDF) 48 Page - ON Semiconductor

Numer części MT9M131
Szczegółowy opis  1/3?릋nch SOC 1.3Mp CMOS Digital Image Sensor
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MT9M131 Arkusz danych(HTML) 48 Page - ON Semiconductor

Back Button MT9M131_17 Datasheet HTML 42Page - ON Semiconductor MT9M131_17 Datasheet HTML 43Page - ON Semiconductor MT9M131_17 Datasheet HTML 44Page - ON Semiconductor MT9M131_17 Datasheet HTML 45Page - ON Semiconductor MT9M131_17 Datasheet HTML 46Page - ON Semiconductor MT9M131_17 Datasheet HTML 47Page - ON Semiconductor MT9M131_17 Datasheet HTML 48Page - ON Semiconductor MT9M131_17 Datasheet HTML 49Page - ON Semiconductor MT9M131_17 Datasheet HTML 50Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 48 / 50 page
background image
MT9M131
www.onsemi.com
48
Table 23. TWO-WIRE SERIAL INTERFACE TIMING
(VDD =VAA =VAA_PIX = VDD_IO = 2.8 V, TA = −30°C to +70°C)
Symbol
Definition
Min
Typ
Max
Unit
fIC
Two-wire Serial Bus Input Clock Frequency
400
KHz
tIC
Two-wire Serial Bus Input Clock Period
2500
ns
tICL
Two-wire Serial Bus Clock LOW
1250
ns
tICH
Two-wire Serial Bus Clock HIGH
1250
ns
tISS
Setup Time for Start Condition
600
ns
tIHS
Hold Time for Start Condition
600
ns
tISD
Setup Time for Input Data
600
ns
tIHD
Hold Time for Input Data
600
ns
tOAA
Output Delay Time
600
ns
tISP
Setup Time of Stop Condit
ion
600
ns
tIHP
Hold Time for Stop Condition
600
ns
CSCLCK/SDATA
SCLCK and SDATA Load Capacitance
30
pF
RSCLCK/SDATA
SCLCK and SDATA Pull-up Resistor
1.5
k
W
NOTE:
A minimum EXTCLK frequency of 4 MHz is required for the two-wire serial interface to operate at 400 kHz.


Podobny numer części - MT9M131_17

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MT9M131C12STC-DP ONSEMI-MT9M131C12STC-DP Datasheet
1Mb / 69P
   CMOS Digital Image Sensor
Rev. H 5/15 EN
MT9M131C12STC-DR ONSEMI-MT9M131C12STC-DR Datasheet
1Mb / 69P
   CMOS Digital Image Sensor
Rev. H 5/15 EN
MT9M131C12STC-TP ONSEMI-MT9M131C12STC-TP Datasheet
1Mb / 69P
   CMOS Digital Image Sensor
Rev. H 5/15 EN
MT9M131C12STC-TR ONSEMI-MT9M131C12STC-TR Datasheet
1Mb / 69P
   CMOS Digital Image Sensor
Rev. H 5/15 EN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com