Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MT9M131 Arkusz danych(PDF) 20 Page - ON Semiconductor

Numer części MT9M131
Szczegółowy opis  1/3?릋nch SOC 1.3Mp CMOS Digital Image Sensor
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MT9M131 Arkusz danych(HTML) 20 Page - ON Semiconductor

Back Button MT9M131_17 Datasheet HTML 16Page - ON Semiconductor MT9M131_17 Datasheet HTML 17Page - ON Semiconductor MT9M131_17 Datasheet HTML 18Page - ON Semiconductor MT9M131_17 Datasheet HTML 19Page - ON Semiconductor MT9M131_17 Datasheet HTML 20Page - ON Semiconductor MT9M131_17 Datasheet HTML 21Page - ON Semiconductor MT9M131_17 Datasheet HTML 22Page - ON Semiconductor MT9M131_17 Datasheet HTML 23Page - ON Semiconductor MT9M131_17 Datasheet HTML 24Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 50 page
background image
MT9M131
www.onsemi.com
20
Table 10. COLORPIPE REGISTER DESCRIPTION ADDRESS PAGE 1 (continued)
Register Number
Dec − Hex
Description
Bit 2
Averages two nearby chrominance bytes. See R0x13A
Bit 1
In YCbCr mode swap C and Y bytes. In RGB mode, swap odd and even bytes. See R0x13A
Bit 0
In YCbCr mode, swaps Cb and Cr channels. In RGB mode, swaps R and B channels. See R0x13A
R159:1 − 0x19F − Reducer Horizontal Pan − Context B (R/W)
Default
0x0000
Description
Controls reducer horizontal pan in context B
Bit 14
0: MT9V111-compatible origin at X = 0.
1: Centered origin at 640 for more convenient zoom and resize.
Bits 10:0
X pan: Unsigned offset from x = 0 (Bit 14 = 0), or two’s complement from X = 640 (Bit 14 = 1)
R160:1 − 0x1A0 − Reducer Horizontal Zoom − Context B (R/W)
Default
0x0500
Description
Controls reducer horizontal width of zoom window for FOV in context B
Bits 10:0
X zoom B. Must be
≥ X size B
R161:1 − 0x1A1 − Reducer Horizontal Output Size − Context B (R/W)
Default
0x0500
Description
Controls reducer horizontal output size in context B
Bits 10:0
X size B. Must be
≤ X zoom B
R162:1 − 0x1A2 − Reducer Vertical Pan − Context B (R/W)
Default
0x0000
Description
Controls reducer vertical pan in context B
Bit 14
0: MT9V111-compatible origin at Y = 0.
1: Centered origin at Y = 512 for more convenient zoom and resize.
Bits 10:0
Y pan: unsigned offset from Y = 0 (Bit 14 = 0), or two’s complement from Y = 512 (Bit 14 = 1)
R163:1 − 0x1A3 − Reducer Vertical Zoom − Context B (R/W)
Default
0x0400
Description
Controls reducer vertical height of zoom window for FOV in context B
Bits 10:0
Y zoom B. Must be
≥ Y size B
R164:1 − 0x1A4 − Reducer Vertical Output Size − Context B (R/W)
Default
0x0400
Description
Controls reducer vertical output size in context B
Bits 10:0
Y size B. Must be
≤ Y zoom B
R165:1 − 0x1A5 − Reducer Horizontal Pan − Context A (R/W)
Default
0x0000
Description
Controls reducer horizontal pan in context A
Bit 14
0: MT9V111-compatible offset from X = 0.
1: Centered origin at 640 for more convenient zoom and resize.
Bits 10:0
X pan: Unsigned offset from X = 0 (Bit 14 = 0), or two’s complement from X = 640 (Bit 14 = 1)
R166:1 − 0x1A6 − Reducer Horizontal Zoom − Context A (R/W)
Default
0x0500
Description
Controls reducer horizontal width of zoom window for FOV in context A
Bits 10:0
X zoom A. Must be
≥ X size A
R167:1 − 0x1A7 − Reducer Horizontal Output Size − Context A (R/W)
Default
0x0280
Description
Controls reducer horizontal output size in context A
Bits 10:0
X size A. Must be
≤ X zoom A


Podobny numer części - MT9M131_17

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MT9M131C12STC-DP ONSEMI-MT9M131C12STC-DP Datasheet
1Mb / 69P
   CMOS Digital Image Sensor
Rev. H 5/15 EN
MT9M131C12STC-DR ONSEMI-MT9M131C12STC-DR Datasheet
1Mb / 69P
   CMOS Digital Image Sensor
Rev. H 5/15 EN
MT9M131C12STC-TP ONSEMI-MT9M131C12STC-TP Datasheet
1Mb / 69P
   CMOS Digital Image Sensor
Rev. H 5/15 EN
MT9M131C12STC-TR ONSEMI-MT9M131C12STC-TR Datasheet
1Mb / 69P
   CMOS Digital Image Sensor
Rev. H 5/15 EN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com