Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MT9P006 Arkusz danych(PDF) 22 Page - ON Semiconductor

Numer części MT9P006
Szczegółowy opis  1/2.5-Inch 5 Mp CMOS Digital Image Sensor
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MT9P006 Arkusz danych(HTML) 22 Page - ON Semiconductor

Back Button MT9P006_17 Datasheet HTML 18Page - ON Semiconductor MT9P006_17 Datasheet HTML 19Page - ON Semiconductor MT9P006_17 Datasheet HTML 20Page - ON Semiconductor MT9P006_17 Datasheet HTML 21Page - ON Semiconductor MT9P006_17 Datasheet HTML 22Page - ON Semiconductor MT9P006_17 Datasheet HTML 23Page - ON Semiconductor MT9P006_17 Datasheet HTML 24Page - ON Semiconductor MT9P006_17 Datasheet HTML 25Page - ON Semiconductor MT9P006_17 Datasheet HTML 26Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 33 page
background image
MT9P006
www.onsemi.com
22
offset of between –2048 and 2047 is added. The resulting
12-bit pixel value is then output on the DOUT[11:0] ports.
The analog offset applied is determined automatically by
the black level calibration algorithm, which attempts to shift
the output of the analog signal chain so that black is at a
particular level. The digital offset is a fine-tuning of the
analog offset.
Figure 25. Signal path
Pixel
Voltage
Digital
Gain
Analog
Gain
Digital Datapath
X
+
Analog Signal Chain
X
+
Digital
Offset
Correction
Black
Level
Calibration
DOUT[11:0]
ADC
Analog
Offset
Gain
There are two types of gain supported: analog gain and
digital gain. Combined, gains of between 1 and 128 are
possible. The recommended gain settings are shown in
Table 15.
Table 15. GAIN INCREMENT SETTINGS
Gain Range
Increments
Digital Gain
Analog Multipier
Analog Gain
1– 4
0.125
0
0
8–32
4.25–8
0.25
0
1
17–32
9–128
1
1–120
1
32
1. Analog gain should be maximized before applying digital gain.
2. The recommended minimum gain is 1.38 (0x000B)
3. For optimal sensor performance, when using gain settings <= 4.0, also set reserved register R0x3E = 0x0080 and for gain settings >4.0,
set register R0x003E=0x00C0.
The combined gain for a color C is given by:
GC = AGC x DGC.
Table 16. ISO GAIN SETTINGS
ISO Level
Register Address
Register Value
Gain Value
(with Col_sum=0)
(with Col_sum=1)
(with Col_sum=0)
(with Col_sum=1)
ISO 142 (min)
0x35
0x000B
0x0006
1.38
0.75
ISO 200
0x35
0x0010
0x0008
2.00
1.00
ISO 400
0x35
0x0020
0x0010
4.00
2.00
ISO 800
0x35
0x0060
0x0020
8.00
4.00
ISO 1600
0x35
0x0860
0x0060
16.00
8.00
1. The minimum ISO level is ISO 142.
Analog Gain
The analog gain is specified independently for each color
channel. There are two components, the gain and the
multiplier. The gain is specified by Green1_Analog_Gain,
Red_Analog_Gain, Blue_Analog_Gain, and
Green2_Analog_Gain in steps of 0.125. The analog
multiplier is specified by Green1_Analog_Multiplier,
Red_Analog_Multiplier, Blue_Analog_Multiplier, and
Green2_Analog_Multiplier. These combine to form the
analog gain for a given color C as shown in this equation:
AGC = (1 + C_Analog_Multiplier) × (C_Analog_Gain /
8)
The gain component can range from 0 to 7.875 in steps of
0.125, and the multiplier component can be either 0 or 1
(resulting in a multiplier of 1 or 2). However, it is best to keep
the “gain” component between 1 and 4 for the best noise


Podobny numer części - MT9P006_17

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MT9P006I12STCU-DP ONSEMI-MT9P006I12STCU-DP Datasheet
1Mb / 47P
   CMOS Digital Image Sensor
Rev. E Pub. 5/15 EN
MT9P006I12STCU-DR ONSEMI-MT9P006I12STCU-DR Datasheet
1Mb / 47P
   CMOS Digital Image Sensor
Rev. E Pub. 5/15 EN
More results

Podobny opis - MT9P006_17

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MT9P001 ONSEMI-MT9P001_17 Datasheet
324Kb / 33P
   1/2.5-Inch 5 Mp CMOS Digital Image Sensor
January, 2017 ??Rev. 12
MT9P031 ONSEMI-MT9P031_17 Datasheet
322Kb / 32P
   1/2.5-Inch 5 Mp CMOS Digital Image Sensor
January, 2017 ??Rev. 10
MT9P031 ONSEMI-MT9P031_V01 Datasheet
350Kb / 32P
   1/2.5-Inch 5 Mp CMOS Digital Image Sensor
August, 2021 ??Rev. 11
MT9P401 ONSEMI-MT9P401_17 Datasheet
364Kb / 45P
   1/2.5-Inch 5 Mp CMOS Digital Image Sensor
May, 2017 ??Rev. 6
AR0543 ONSEMI-AR0543 Datasheet
1Mb / 74P
   1/4-Inch 5 Mp CMOS Digital Image Sensor
Rev. F Pub. 5/15 EN
logo
Micron Technology
MT9E001 MICRON-MT9E001 Datasheet
1Mb / 97P
   1/2.5-Inch CMOS Digital Image Sensor
logo
ON Semiconductor
MT9P031 ONSEMI-MT9P031 Datasheet
1Mb / 46P
   5 Mp CMOS Digital Image Sensor
Rev. J 5/15 EN
AR0542 ONSEMI-AR0542 Datasheet
1Mb / 81P
   5 Mp CMOS Digital Image Sensor
Rev. H Pub. 5/15 EN
MT9P401 ONSEMI-MT9P401 Datasheet
1Mb / 62P
   5 Mp CMOS Digital Image Sensor
Rev. F 5/15 EN
MT9F002 ONSEMI-MT9F002_16 Datasheet
2Mb / 89P
   1/2.3-Inch 14 Mp CMOS Digital Image Sensor
Rev. 9, 1/16 EN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com