Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MT9V023 Arkusz danych(PDF) 10 Page - ON Semiconductor

Numer części MT9V023
Szczegółowy opis  1/3-Inch Wide?륷GA CMOS Digital Image Sensor
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MT9V023 Arkusz danych(HTML) 10 Page - ON Semiconductor

Back Button MT9V023_17 Datasheet HTML 6Page - ON Semiconductor MT9V023_17 Datasheet HTML 7Page - ON Semiconductor MT9V023_17 Datasheet HTML 8Page - ON Semiconductor MT9V023_17 Datasheet HTML 9Page - ON Semiconductor MT9V023_17 Datasheet HTML 10Page - ON Semiconductor MT9V023_17 Datasheet HTML 11Page - ON Semiconductor MT9V023_17 Datasheet HTML 12Page - ON Semiconductor MT9V023_17 Datasheet HTML 13Page - ON Semiconductor MT9V023_17 Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 43 page
background image
MT9V023
www.onsemi.com
10
Table 4. FRAME TIME (continued)
Parameters
Default Timing at
26.66 MHz
Equation
Name
Nrows x (A + Q)
Frame valid time
Context A: (R0x03) × (A + Q)
Context B: (R0xCB) x (A + Q)
406,080 pixel clocks
= 406,080 master
= 15.23 ms
F
Total frame time
V + (Nrows x (A + Q))
444,154 pixel clocks
= 444,154 master
= 16.66 ms
Sensor timing is shown above in terms of pixel clock and
master clock cycles (refer to Figure 7). The recommended
master clock frequency is 26.66 MHz. The vertical blanking
and the total frame time equations assume that the
integration time (Coarse Shutter Width plus Fine Shutter
Width) is less than the number of active rows plus the
blanking rows minus the overhead rows:
Window Height ) Vertical Blanking * 2
(eq.1)
If this is not the case, the number of integration rows must
be used instead to determine the frame time, as shown in
Table 5. In this example it is assumed that the Coarse Shutter
Width Control is programmed with 523 rows, and the Fine
Shutter Width Total is zero.
For Simultaneous mode, if the exposure time registers
(Coarse Shutter Width Total plus Fine Shutter Width Total)
exceed the total readout time, then the vertical blanking time
is internally extended automatically to adjust for the
additional integration time required. This extended value is
not written back to the vertical blanking registers. The
Vertical Blank register can be used to adjust frame-to-frame
readout time. This register does not affect the exposure time
but it may extend the readout time.
Table 5. FRAME TIME−LONG INTEGRATION TIME
Parameter
Name
Equation
(Number of Master Clock Cycles)
Default Timing
at 26.66 MHz
V’
Vertical blanking (long integration time)
Context A:
(R0x0B + 2 − R0x03) y (A + Q) + R0xD5 + 4
Context B:
(R0xD2 + 2 − R0xCB) x (A + Q) + R0xD8 + 4
38,074 pixel
clocks
= 38,074 master
= 1.43 ms
F’
Total frame time (long integration time)
Context A: (R0x0B + 2) y (A + Q) + R0xD5 +4
Context B: (R0xD2 + 2) x (A + Q) + R0xD8 +4
444,154 pixel
clocks
= 444,154 master
= 16.66 ms
1. The MT9V023 uses column parallel analog−digital converters, thus short row timing is not possible. The minimum total row time is 690
columns (horizontal width + horizontal blanking). The minimum horizontal blanking is 61. When the window width is set below 627, horizontal
blanking must be increased.


Podobny numer części - MT9V023_17

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MT9V023IA7XTC-DP ONSEMI-MT9V023IA7XTC-DP Datasheet
1Mb / 59P
   Wide-VGA CMOS Digital Image Sensor
Rev. F Pub. 5/15 EN
MT9V023IA7XTC-DR ONSEMI-MT9V023IA7XTC-DR Datasheet
1Mb / 59P
   Wide-VGA CMOS Digital Image Sensor
Rev. F Pub. 5/15 EN
MT9V023IA7XTC-TP ONSEMI-MT9V023IA7XTC-TP Datasheet
1Mb / 59P
   Wide-VGA CMOS Digital Image Sensor
Rev. F Pub. 5/15 EN
MT9V023IA7XTC-TR ONSEMI-MT9V023IA7XTC-TR Datasheet
1Mb / 59P
   Wide-VGA CMOS Digital Image Sensor
Rev. F Pub. 5/15 EN
MT9V023IA7XTM-DR ONSEMI-MT9V023IA7XTM-DR Datasheet
1Mb / 59P
   Wide-VGA CMOS Digital Image Sensor
Rev. F Pub. 5/15 EN
More results

Podobny opis - MT9V023_17

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MT9V034 ONSEMI-MT9V034_17 Datasheet
500Kb / 43P
   1/3?륤nch Wide?륷GA CMOS Digital Image Sensor
January, 2017 ??Rev. 7
MT9V024 ONSEMI-MT9V024_17 Datasheet
430Kb / 40P
   1/3-Inch Wide VGA CMOS Digital Image Sensor
December, 2017 ??Rev. 7
MT9V024 ONSEMI-MT9V024_V01 Datasheet
704Kb / 40P
   1/3-Inch Wide VGA CMOS Digital Image Sensor
August, 2019 ??Rev. 9
AR0132AT ONSEMI-AR0132AT Datasheet
1Mb / 56P
   1/3-Inch CMOS Digital Image Sensor
Rev. 9, 2/16 EN
MT9M034 ONSEMI-MT9M034_16 Datasheet
1Mb / 53P
   1/3-Inch CMOS Digital Image Sensor
Rev. 8, 2/16 EN
AR0130CS ONSEMI-AR0130CS_16 Datasheet
1Mb / 49P
   1/3-Inch CMOS Digital Image Sensor
Rev. 12, 1/16 EN
MT9M034 ONSEMI-MT9M034_17 Datasheet
358Kb / 39P
   1/3-Inch CMOS Digital Image Sensor
May, 2017 ??Rev. 9
MT9M021-31 ONSEMI-MT9M021-31 Datasheet
873Kb / 34P
   1/3-Inch CMOS Digital Image Sensor
Rev. G Pub. 4/15 EN
MT9V032 ONSEMI-MT9V032 Datasheet
1Mb / 74P
   Inch Wide-VGA CMOS Digital Image Sensor
Rev. G 6/15 EN
MT9V032 ONSEMI-MT9V032_17 Datasheet
371Kb / 61P
   1/3?륤nch Wide VGA CMOS Digital Image Sensor
May, 2017 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com