Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MT9V024 Arkusz danych(PDF) 23 Page - ON Semiconductor

Numer części MT9V024
Szczegółowy opis  1/3-Inch Wide VGA CMOS Digital Image Sensor
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MT9V024 Arkusz danych(HTML) 23 Page - ON Semiconductor

Back Button MT9V024_17 Datasheet HTML 19Page - ON Semiconductor MT9V024_17 Datasheet HTML 20Page - ON Semiconductor MT9V024_17 Datasheet HTML 21Page - ON Semiconductor MT9V024_17 Datasheet HTML 22Page - ON Semiconductor MT9V024_17 Datasheet HTML 23Page - ON Semiconductor MT9V024_17 Datasheet HTML 24Page - ON Semiconductor MT9V024_17 Datasheet HTML 25Page - ON Semiconductor MT9V024_17 Datasheet HTML 26Page - ON Semiconductor MT9V024_17 Datasheet HTML 27Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 40 page
background image
MT9V024/D
www.onsemi.com
23
5 LSB of the result. The 10−bit result is subtracted from each
pixel value on the row in turn. In addition, a positive constant
will be added (Reg0x71, bits 7:0). This constant should be
set to the dark level targeted by the black level algorithm plus
the noise expected on the measurements of the averaged
values from dark columns; it is meant to prevent clipping
from negative noise fluctuations.
Pixel value + ADC value * dark column average ) R0x71[9 : 0]
(eq. 20)
Note that this algorithm does not work in color sensor.
Automatic Gain Control and Automatic Exposure
Control
The integrated AEC/AGC unit is responsible for ensuring
that optimal auto settings of exposure and (analog) gain are
computed and updated every frame.
AEC and AGC can be individually enabled or disabled by
R0xAF. When AEC is disabled (R0xAF[0] = 0), the sensor
uses the manual exposure value in coarse and fine shutter
width registers. When AGC is disabled (R0xAF[1] = 0), the
sensor uses the manual gain value in R0x35 or R0x36. See
“Pixel Integration Control” for more information.
MAX. EXPOSURE
(R6xBD)
DESIRED BIN
(desired luminance)
(R0xA5)
MAX. GAIN
(R0x36)
EXP. LPF
(R6xA8)
EXP. SKIP
(R0xA6)
MANUAL EXP.
(R0x08)
AEC ENABLE
(R0Xaf[0])
To exposure
timing control
To analog
gain control
R0xBA
AEC
OUTPUT
R0xBB
AGC OUTPUT
MIN GAIN
MIN EXP
GAIN LPF
(R0xAB)
GAIN SKIP
(R0xA9)
MANUAL GAIN
(R0x35)
AGC ENABLE
(R0xAF[1])
AEC
UNIT
HISTOGRAM
GENERATOR
UNIT
AGC
UNIT
1
16
Figure 29. Controllable and Observable AEC/AGC Registers
0
1
1
0
The exposure is measured in row−time by reading
R0xBB. The exposure range is 1 to 2047. The gain is
measured in gain−units by reading R0xBA. The gain range
is 16 to 63 (unity gain = 16 gain−units; multiply by 1/16 to
get the true gain).
When AEC is enabled (R0xAF), the maximum auto
exposure value is limited by R0xBD; minimum auto
exposure is limited by AEC Minimum Exposure, R0xAC.
NOTE: AEC does not support sub−row timing;
calculated exposure values are rounded down to
the nearest row−time. For smoother response,
manual control is recommended for short
exposure times.
When AGC is enabled (R0xAF), the maximum auto gain
value is limited by R0xAB; minimum auto gain is fixed to
16 gain−units.
The exposure control measures current scene luminosity
and desired output luminosity by accumulating a histogram
of pixel values while reading out a frame. All pixels are used,
whether in color or mono mode. The desired exposure and
gain are then calculated from this for subsequent frame.
When binning is enabled, tuning of the AEC may be
required. The histogram pixel count register, R0xB0, may be
adjusted to reflect reduced pixel count. Desired bin register,
R0xA5, may be adjusted as required.
Pixel Clock Speed
The pixel clock speed is same as the master clock
(SYSCLK) at 26.66 MHz by default. However, when
column binning 2 or 4 (R0x0D or R0x0E, bit 2 or 3) is
enabled, the pixel clock speed is reduced by half and
one−fourth of the master clock speed respectively. See
“Read Mode Options” and “Column Binning” for additional
information.
Hard Reset of Logic
The RC circuit for the MT9V024 uses a 10 k
W resistor and
a 0.1
mF capacitor. The rise time for the RC circuit is 1 ms
maximum.
Soft Reset of Logic
Soft reset of logic is controlled by:
R0x0C Reset


Podobny numer części - MT9V024_17

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MT9V024D ONSEMI-MT9V024D Datasheet
704Kb / 40P
   1/3-Inch Wide VGA CMOS Digital Image Sensor
August, 2019 ??Rev. 9
MT9V024D00XTCC13CC1-200 ONSEMI-MT9V024D00XTCC13CC1-200 Datasheet
1Mb / 62P
   Wide-VGA CMOS Digital Image Sensor
Rev. G Pub. 4/15 EN
MT9V024D00XTCC13CC1-200 ONSEMI-MT9V024D00XTCC13CC1-200 Datasheet
704Kb / 40P
   1/3-Inch Wide VGA CMOS Digital Image Sensor
August, 2019 ??Rev. 9
MT9V024D00XTMC13CC1-200 ONSEMI-MT9V024D00XTMC13CC1-200 Datasheet
1Mb / 62P
   Wide-VGA CMOS Digital Image Sensor
Rev. G Pub. 4/15 EN
MT9V024D00XTMC13CC1-200 ONSEMI-MT9V024D00XTMC13CC1-200 Datasheet
704Kb / 40P
   1/3-Inch Wide VGA CMOS Digital Image Sensor
August, 2019 ??Rev. 9
More results

Podobny opis - MT9V024_17

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MT9V024 ONSEMI-MT9V024_V01 Datasheet
704Kb / 40P
   1/3-Inch Wide VGA CMOS Digital Image Sensor
August, 2019 ??Rev. 9
MT9V032 ONSEMI-MT9V032 Datasheet
1Mb / 74P
   Inch Wide-VGA CMOS Digital Image Sensor
Rev. G 6/15 EN
MT9V032 ONSEMI-MT9V032_17 Datasheet
371Kb / 61P
   1/3?륤nch Wide VGA CMOS Digital Image Sensor
May, 2017 ??Rev. 7
logo
Leopard Imaging Inc.
LI-V024M-MIPI-IPEX30 LEOPARD-LI-V024M-MIPI-IPEX30 Datasheet
1,004Kb / 6P
   Aptina 1/3 Wide-VGA CMOS Digital Image Sensor
logo
ON Semiconductor
MT9V022 ONSEMI-MT9V022_V01 Datasheet
880Kb / 39P
   MT9V022 1/3?륤nch Wide VGA CMOS Digital Image Sensor
October, 2018 ??Rev. 7
MT9V024 ONSEMI-MT9V024 Datasheet
1Mb / 62P
   Wide-VGA CMOS Digital Image Sensor
Rev. G Pub. 4/15 EN
MT9V022 ONSEMI-MT9V022 Datasheet
1Mb / 58P
   Wide-VGA CMOS Digital Image Sensor
Rev. L 6/15 EN
MT9V023 ONSEMI-MT9V023 Datasheet
1Mb / 59P
   Wide-VGA CMOS Digital Image Sensor
Rev. F Pub. 5/15 EN
MT9V034 ONSEMI-MT9V034 Datasheet
1Mb / 62P
   Wide-VGA CMOS Digital Image Sensor
Rev.G Pub. 4/15 EN
MT9V023 ONSEMI-MT9V023_17 Datasheet
381Kb / 43P
   1/3-Inch Wide?륷GA CMOS Digital Image Sensor
January, 2017 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com