Zakładka z wyszukiwarką danych komponentów |
|
AD5391BCP-5-REEL7 Arkusz danych(PDF) 6 Page - Analog Devices |
|
AD5391BCP-5-REEL7 Arkusz danych(HTML) 6 Page - Analog Devices |
6 / 44 page AD5390/AD5391/AD5392 Rev. A | Page 6 of 44 AD5390-5/AD5391-5/AD5392-5 AC CHARACTERISTICS AVDD = 4.5 V to 5.5 V; DVDD = 2.7 V to 5.5 V; AGND = DGND = 0 V. Table 3. AD5390-5/AD5391-5/AD5392-5 AC Characteristics1 Parameter All 1 Unit Test Conditions/Comments DYNAMIC PERFORMANCE Output Voltage Settling Time AD5390/AD5392 8 µs typ ¼ scale to ¾ scale change settling to ±1 LSB. 10 µs max AD5391 6 µs typ ¼ scale to ¾ scale change settling to ±1 LSB. 8 µs max Slew rate2 3 V/µs typ Boost mode on. 2 V/µs typ Boost mode off. Digital-to-Analog Glitch Energy 12 nV-s typ Glitch Impulse Peak Amplitude 15 mV typ Channel-to-Channel Isolation 100 dB typ See Terminology section. DAC-to-DAC Crosstalk 1 nV-s typ See Terminology section. Digital Crosstalk 0.8 nV-s typ Digital Feedthrough 0.1 nV-s typ Effect of input bus activity on DAC output under test. Output Noise (0.1 Hz to 10 Hz) 15 40 µV p-p typ µV p-p typ External reference midscale loaded to DAC. Internal reference midscale loaded to DAC. Output Noise Spectral Density @ 1 kHz 150 nV/(Hz)1/2 typ @ 10 kHz 100 nV/(Hz)1/2 typ 1 Guaranteed by characterization, not production tested. 2 The slew rate can be adjusted via the current boost control bit in the DAC control register. |
Podobny numer części - AD5391BCP-5-REEL7 |
|
Podobny opis - AD5391BCP-5-REEL7 |