Zakładka z wyszukiwarką danych komponentów |
|
AD7623ACPZRL Arkusz danych(PDF) 8 Page - Analog Devices |
|
AD7623ACPZRL Arkusz danych(HTML) 8 Page - Analog Devices |
8 / 29 page AD7623 Rev. 0 | Page 7 of 28 ABSOLUTE MAXIMUM RATINGS Table 5. Parameter Rating Analog Inputs/Outputs IN+1, IN−, REF, REFBUFIN, TEMP, INGND, REFGND to AGND AVDD + 0.3 V to AGND − 0.3 V Ground Voltage Differences AGND, DGND, OGND ±0.3 V Supply Voltages AVDD, DVDD –0.3 V to +2.7 V OVDD –0.3 V to +3.8 V AVDD to DVDD ±2.8 V AVDD to OVDD +2.8 V to −3.8 V OVDD to DVDD2 ≤ +0.3 V if DVDD < 2.3 V Digital Inputs −0.3 V to +5.5 V PDREF, PDBUF3 ±20 mA Internal Power Dissipation4 700 mW Internal Power Dissipation5 2.5 W Junction Temperature 125°C Storage Temperature Range –65°C to +125°C Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only; functional operation of the device at these or any other conditions above those indicated in the operational section of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. 1 See the Analog Inputs section. 2 See the Power Supply section. 3 See the Voltage Reference Input section. 4 Specification is for the device in free air: 48-Lead LQFP; θJA = 91°C/W, θJC = 30°C/W. 5 Specification is for the device in free air: 48-Lead LFCSP; θJA = 26°C/W. ESD CAUTION ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on the human body and test equipment and can discharge without detection. Although this product features proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance degradation or loss of functionality. |
Podobny numer części - AD7623ACPZRL |
|
Podobny opis - AD7623ACPZRL |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |