Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD7762 Arkusz danych(PDF) 9 Page - Analog Devices

Numer części AD7762
Szczegółowy opis  Sigma-Delta ADC With On-Chip Buffer
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD7762 Arkusz danych(HTML) 9 Page - Analog Devices

Back Button AD7762 Datasheet HTML 5Page - Analog Devices AD7762 Datasheet HTML 6Page - Analog Devices AD7762 Datasheet HTML 7Page - Analog Devices AD7762 Datasheet HTML 8Page - Analog Devices AD7762 Datasheet HTML 9Page - Analog Devices AD7762 Datasheet HTML 10Page - Analog Devices AD7762 Datasheet HTML 11Page - Analog Devices AD7762 Datasheet HTML 12Page - Analog Devices AD7762 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
AD7762
Data Sheet
Rev. A | Page 8 of 28
Pin No.
Mnemonic
Description
10
VREF+
Reference Input. The input range of this pin is determined by the reference buffer supply voltage
(AVDD4). See the Reference Voltage Filtering section for more details.
8
DECAPA
Decoupling Pin. A 100 nF capacitor must be inserted between this pin and AGND1.
30
DECAPB
Decoupling Pin. A 33 pF capacitor must be inserted between this pin and AGND3.
17
RBIAS
Bias Current Setting Pin. A resistor must be inserted between this pin and AGND1. For more details, see
the Bias Resistor Selection section.
45 to 52,
54 to 61
DB15 to DB8
DB7 to DB0
16-Bit Bidirectional Data Bus. These are three-state pins that are controlled by the CS pin and the RD/WR
pin. The operating voltage for these pins is determined by the VDRIVE voltage. See the AD7762 Interface
section for more details.
37
RESET
A falling edge on this pin resets all internal digital circuitry and powers down the part. Holding this pin
low keeps the AD7762 in a reset state.
3
MCLK
Master Clock Input. A low jitter digital clock must be applied to this pin. The output data rate depends
on the frequency of this clock. See the section Clocking the AD7762 for more details.
2
MCLKGND
Master Clock Ground Sensing Pin.
36
SYNC
Synchronization Input. A falling edge on this pin resets the internal filter. This can be used to
synchronize multiple devices in a system.
39
RD/WR
Read/Write Input. This pin, in conjunction with the chip select pin, is used to read and write data to and
from the AD7762. If this pin is low when CS is low, a read takes place. If this pin is high and CS is low, a
write occurs. See the AD7762 Interface section for more details.
38
DRDY
Data Ready Output. Each time that new conversion data is available, an active low pulse, ½ ICLK period
wide, is produced on this pin. See the AD7762 Interface section for more details.
40
CS
Chip Select Input. Used in conjunction with the RD/WR pin to read and write data to and from the
AD7762. See the AD7762 Interface section for more details.
EPAD
Exposed pad. Connect the exposed pad to AGNDx with six to eight vias.


Podobny numer części - AD7762

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7762 AD-AD7762 Datasheet
591Kb / 28P
   625 kSPS, 24-Bit, 109 dB ADC With On-Chip Buffer
REV. 0
AD7762 AD-AD7762 Datasheet
2Mb / 24P
   24-Bit, 8.5 mW, 109 dB, 128/64/32 kSPS ADCs
REV. 0
AD7762BSVZ AD-AD7762BSVZ Datasheet
591Kb / 28P
   625 kSPS, 24-Bit, 109 dB ADC With On-Chip Buffer
REV. 0
AD7762BSVZ-REEL AD-AD7762BSVZ-REEL Datasheet
591Kb / 28P
   625 kSPS, 24-Bit, 109 dB ADC With On-Chip Buffer
REV. 0
AD7762 AD-AD7762_15 Datasheet
799Kb / 29P
   625 kSPS, 24-Bit, 109 dB Sigma-Delta ADC With On-Chip Buffer
REV. A
More results

Podobny opis - AD7762

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7760 AD-AD7760_17 Datasheet
851Kb / 37P
   Sigma-Delta ADC with On-Chip Buffer
AD7763 AD-AD7763_17 Datasheet
642Kb / 33P
   Sigma-Delta ADC with On-Chip Buffers, Serial Interface
AD7760 AD-AD7760_15 Datasheet
958Kb / 37P
   2.5 MSPS, 24-Bit, 100 dB Sigma-Delta ADC with On-Chip Buffer
REV. A
AD7762 AD-AD7762_15 Datasheet
799Kb / 29P
   625 kSPS, 24-Bit, 109 dB Sigma-Delta ADC With On-Chip Buffer
REV. A
AD7192 AD-AD7192_17 Datasheet
559Kb / 41P
   Sigma-Delta ADC with PGA
AD7765 AD-AD7765_17 Datasheet
881Kb / 33P
   Sigma-Delta ADC On-Chip Buffers and Serial Interface
AD7193 AD-AD7193_17 Datasheet
1Mb / 57P
   24-Bit Sigma-Delta ADC with PGA
AD7194 AD-AD7194_17 Datasheet
1Mb / 55P
   24-Bit Sigma-Delta ADC with PGA
AD7729 AD-AD7729_17 Datasheet
177Kb / 17P
   Dual Sigma-Delta ADC with Auxiliary DAC
AD7729ARZ AD-AD7729ARZ Datasheet
134Kb / 16P
   Dual Sigma-Delta ADC with Auxiliary DAC
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com