Zakładka z wyszukiwarką danych komponentów |
|
AD7763BSVZ Arkusz danych(PDF) 8 Page - Analog Devices |
|
AD7763BSVZ Arkusz danych(HTML) 8 Page - Analog Devices |
8 / 33 page Data Sheet AD7763 Rev. B | Page 7 of 32 ABSOLUTE MAXIMUM RATINGS TA = 25°C, unless otherwise noted. Table 4. Parameter Rating AVDD1 to GND −0.3 V to +3 V (AVDD2, AVDD3, AVDD4) to GND −0.3 V to +6 V DVDD to GND −0.3 V to +3 V VDRIVE to GND −0.3 V to +3 V VIN+, VIN– to GND −0.3 V to +6 V Digital Input Voltage to GND1 −0.3 V to DVDD + 0.3 V MCLK to MCLKGND −0.3 V to +6 V VREF to GND2 −0.3 V to AVDD4 + 0.3 V AGND to DGND −0.3 V to +0.3 V Input Current to Any Pin Except Supplies3 ±10 mA Operating Temperature Range Commercial −40°C to +85°C Storage Temperature Range −65°C to +150°C Junction Temperature 150°C TQFP_EP Exposed Paddle θJA Thermal Impedance 92.7°C/W θJC Thermal Impedance 5.1°C/W Lead Temperature, Soldering Vapor Phase (60 sec) 215°C Infrared (15 sec) 220°C ESD 600 V 1 Absolute maximum voltage on digital inputs is 3.0 V or DVDD + 0.3 V, whichever is lower. 2 Absolute maximum voltage on VREF input is 6.0 V or AVDD4 + 0.3 V, whichever is lower. 3 Transient currents of up to 200 mA do not cause SCR latch-up. Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only; functional operation of the device at these or any other conditions above those indicated in the operational section of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. ESD CAUTION |
Podobny numer części - AD7763BSVZ |
|
Podobny opis - AD7763BSVZ |