Zakładka z wyszukiwarką danych komponentów |
|
CAT24FC16JETE13REV-F Arkusz danych(PDF) 2 Page - Catalyst Semiconductor |
|
CAT24FC16JETE13REV-F Arkusz danych(HTML) 2 Page - Catalyst Semiconductor |
2 / 11 page CAT24FC16 2 Doc. No. 1054, Rev. G CAPACITANCE TA = 25°C, f = 400 kHz, VCC = 5 V Symbol Test Conditions Min Typ Max Units CI/O(3) Input/Output Capacitance (SDA) VI/O = 0 V 8 pF CIN(3) Input Capacitance (other pins) VIN = 0 V 6 pF RELIABILITY CHARACTERISTICS Symbol Parameter Reference Test Method Min Typ Max Units NEND(3) Endurance MIL-STD-883, Test Method 1033 1,000,000 Cycles/Byte TDR(3) Data Retention MIL-STD-883, Test Method 1008 100 Years VZAP(3) ESD Susceptibility MIL-STD-883, Test Method 3015 4000 Volts ILTH(3)(4) Latch-up JEDEC Standard 17 100 mA ABSOLUTE MAXIMUM RATINGS* Temperature Under Bias –55 °C to +125°C Storage Temperature ....................... –65 °C to +150°C Voltage on Any Pin with Respect to Ground(1) ............ –2.0 V to VCC + 2.0 V VCC with Respect to Ground ............. –2.0 V to +7.0 V Package Power Dissipation Capability (TA = 25 °C) .................................. 1.0 W Note: (1) The minimum DC input voltage is –0.5 V. During transitions, inputs may undershoot to –2.0 V for periods of less than 20 ns. Maximum DC voltage on output pins is VCC + 0.5 V, which may overshoot to VCC + 2.0 V for periods of less than 20 ns. (2) Output shorted for no more than one second. No more than one output shorted at a time. (3) This parameter is tested initially and after a design or process change that affects the parameter. (4) Latch-up protection is provided for stresses up to 100 mA on address and data pins from –1.0 V to VCC + 1.0 V. (5) Maximum standby current (ISB) = 10µA for the Extended Automotive temperature range. D.C. OPERATING CHARACTERISTICS VCC = 1.8 V to 5.5 V, unless otherwise specified. Symbol Parameter Test Conditions Min Typ Max Units ICC Power Supply Current (Read) fSCL = 100 kHz 1 mA ICC Power Supply Current (Write) fSCL = 100 kHz 3 mA ISB(5) Standby Current (VCC = 5.0 V) VIN = GND or VCC 1 µA ILI Input Leakage Current VIN = GND to VCC 1 µA ILO Output Leakage Current VOUT = GND to VCC 1 µA VIL Input Low Voltage –1VCC x 0.3 V VIH Input High Voltage VCC x 0.7 VCC + 1.0 V VOL1 Output Low Voltage (VCC = 3.0 V) IOL = 3 mA 0.4 V VOL2 Output Low Voltage (VCC = 1.8 V) IOL = 1.5 mA 0.5 V Lead Soldering Temperature (10 seconds) ...... 300 °C Output Short Circuit Current(2) ....................... 100 mA *COMMENT Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions outside of those listed in the operational sections of this specification is not implied. Exposure to any absolute maximum rating for extended periods may affect device performance and reliability. |
Podobny numer części - CAT24FC16JETE13REV-F |
|
Podobny opis - CAT24FC16JETE13REV-F |