Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AZT460 Arkusz danych(PDF) 4 Page - Power Semiconductors

Numer części AZT460
Szczegółowy opis  HIGH CURRENT PHASE CONTROL
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  POSEICO [Power Semiconductors]
Strona internetowa  http://www.poseico.com
Logo POSEICO - Power Semiconductors

AZT460 Arkusz danych(HTML) 4 Page - Power Semiconductors

  AZT460 Datasheet HTML 1Page - Power Semiconductors AZT460 Datasheet HTML 2Page - Power Semiconductors AZT460 Datasheet HTML 3Page - Power Semiconductors AZT460 Datasheet HTML 4Page - Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
AZT460 HIGH CURRENT PHASE CONTROL
FINAL SPECIFICATION
May 17 - Issue: 3
Distributed by
0
500
1000
1500
2000
2500
0
1
2
3
Forward Voltage [V]
FORWARD CHARACTERISTIC
Tj = 125 °C
0
5
10
15
20
25
30
35
40
45
0,001
0,01
0,1
1
10
100
t[s]
TRANSIENT THERMAL IMPEDANCE
DOUBLE SIDE COOLED
0
2
4
6
8
10
12
1
10
100
n° cycles
SURGE CHARACTERISTIC
Tj = 125 °C
All the characteristics given in this data sheet are guaranteed only with uniform clamping force,
cleaned and lubricated heatsink, surfaces with flatness < .03 mm and roughness < 2 µm.
In the interest of product improvement POSEICO SpA reserves the right to change any data
given in this data sheet at any time without previous notice.
If not stated otherwise the maximum value of ratings (simbols over shaded background) and
characteristics is reported.
2
G
K
1
Ø6
.5
70
Ø1
3
177
104
92
80
G-K Termi nali A 2.8x0.8
V5
1
2


Podobny numer części - AZT460

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Power Semiconductors
AZT400HVI POSEICO-AZT400HVI Datasheet
150Kb / 4P
   HIGH CURRENT PHASE CONTROL
AZT400HVIS45 POSEICO-AZT400HVIS45 Datasheet
150Kb / 4P
   HIGH CURRENT PHASE CONTROL
More results

Podobny opis - AZT460

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Power Semiconductors
AZT400HVI POSEICO-AZT400HVI Datasheet
150Kb / 4P
   HIGH CURRENT PHASE CONTROL
AZT1150 POSEICO-AZT1150 Datasheet
149Kb / 4P
   HIGH CURRENT PHASE CONTROL
AZT530 POSEICO-AZT530 Datasheet
138Kb / 4P
   HIGH CURRENT PHASE CONTROL
AZT740 POSEICO-AZT740 Datasheet
197Kb / 4P
   HIGH CURRENT PHASE CONTROL
AZT630 POSEICO-AZT630 Datasheet
139Kb / 4P
   HIGH CURRENT PHASE CONTROL
AZT800 POSEICO-AZT800 Datasheet
139Kb / 4P
   HIGH CURRENT PHASE CONTROL
AZT310HVI POSEICO-AZT310HVI Datasheet
138Kb / 4P
   HIGH CURRENT PHASE CONTROL
logo
Schneider Electric
RM35JA31MW SCHNEIDER-RM35JA31MW Datasheet
162Kb / 7P
   Modular 1-phase current control relay
logo
Integral Corp.
IL2010B INTEGRAL-IL2010B Datasheet
274Kb / 7P
   PHASE CONTROL CIRCUIT FOR CURRENT FEEDBACK
logo
TEMIC Semiconductors
U2010B TEMIC-U2010B Datasheet
202Kb / 12P
   Phase Control Circuit for Current Feedback
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com