Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BYQ28E-200-E3 Arkusz danych(PDF) 4 Page - Vishay Siliconix

Numer części BYQ28E-200-E3
Szczegółowy opis  Dual Common Cathode Ultrafast Rectifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  VISHAY [Vishay Siliconix]
Strona internetowa  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BYQ28E-200-E3 Arkusz danych(HTML) 4 Page - Vishay Siliconix

  BYQ28E-200-E3 Datasheet HTML 1Page - Vishay Siliconix BYQ28E-200-E3 Datasheet HTML 2Page - Vishay Siliconix BYQ28E-200-E3 Datasheet HTML 3Page - Vishay Siliconix BYQ28E-200-E3 Datasheet HTML 4Page - Vishay Siliconix BYQ28E-200-E3 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
BYQ28E-xxx, BYQ28EF-xxx, BYQ28EB-xxx, UG10xCT, UGF10xCT, UGB10xCT
www.vishay.com
Vishay General Semiconductor
Revision: 23-Feb-16
4
Document Number: 88549
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
PACKAGE OUTLINE DIMENSIONS in inches (millimeters)
TO-220AB
0.113 (2.87)
0.103 (2.62)
0.370 (9.40)
0.360 (9.14)
0.415 (10.54) MAX.
0.635 (16.13)
0.625 (15.87)
PIN
0.160 (4.06)
0.140 (3.56)
0.057 (1.45)
0.045 (1.14)
0.105 (2.67)
0.095 (2.41)
0.104 (2.65)
0.096 (2.45)
0.205 (5.20)
0.195 (4.95)
0.035 (0.90)
0.028 (0.70)
0.154 (3.91)
0.148 (3.74)
1
3
2
0.185 (4.70)
0.175 (4.44)
0.055 (1.39)
0.045 (1.14)
0.145 (3.68)
0.135 (3.43)
0.350 (8.89)
0.330 (8.38)
1.148 (29.16)
1.118 (28.40)
0.560 (14.22)
0.530 (13.46)
0.022 (0.56)
0.014 (0.36)
0.110 (2.79)
0.100 (2.54)
0.603 (15.32)
0.573 (14.55)
ITO-220AB
0.076 (1.93) REF.
45° REF.
PIN
3
2
1
0.404 (10.26)
0.384 (9.75)
0.076 (1.93) REF.
0.600 (15.24)
0.580 (14.73)
0.560 (14.22)
0.530 (13.46)
0.057 (1.45)
0.045 (1.14)
0.057 (1.45)
0.045 (1.14)
0.191 (4.85)
0.171 (4.35)
0.671 (17.04)
0.651 (16.54)
0.035 (0.89)
0.025 (0.64)
0.205 (5.21)
0.195 (4.95)
0.025 (0.64)
0.015 (0.38)
0.105 (2.67)
0.095 (2.41)
0.028 (0.71)
0.020 (0.51)
0.110 (2.79)
0.100 (2.54)
7° REF.
0.135 (3.43) DIA.
0.122 (3.08) DIA.
0.110 (2.79)
0.100 (2.54)
0.190 (4.83)
0.170 (4.32)
7° REF.
7° REF.
0.140 (3.56) DIA.
0.125 (3.17) DIA.
0.350 (8.89)
0.330 (8.38)
TO-263AB
Mounting Pad Layout
0.670 (17.02)
0.591 (15.00)
0.105 (2.67)
0.095 (2.41)
0.08 (2.032) MIN.
0.15 (3.81) MIN.
0.33 (8.38) MIN.
0.42 (10.66) MIN.
12
K
K
0.140 (3.56)
0.110 (2.79)
0.021 (0.53)
0.014 (0.36)
0.110 (2.79)
0.090 (2.29)
0 to 0.01 (0 to 0.254)
0.055 (1.40)
0.047 (1.19)
0.055 (1.40)
0.045 (1.14)
0.190 (4.83)
0.160 (4.06)
0.205 (5.20)
0.195 (4.95)
0.624 (15.85)
0.591 (15.00)
0.037 (0.940)
0.027 (0.686)
0.105 (2.67)
0.095 (2.41)
0.360 (9.14)
0.320 (8.13)
0.411 (10.45)
0.380 (9.65)
0.245 (6.22)
MIN.


Podobny numer części - BYQ28E-200-E3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
BYQ28E-200-E3/45 VISHAY-BYQ28E-200-E3/45 Datasheet
158Kb / 5P
   Dual Common Cathode Ultrafast Rectifier
Revision: 07-Jan-08
More results

Podobny opis - BYQ28E-200-E3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
KODENSHI_AUK CORP.
SF20D400D2 KODENSHI-SF20D400D2 Datasheet
241Kb / 5P
   Ultrafast Dual Common-Cathode Rectifier
logo
Vishay Siliconix
UG10DCT-E3-45 VISHAY-UG10DCT-E3-45 Datasheet
148Kb / 5P
   Dual Common Cathode Ultrafast Rectifier
Revision: 07-Jan-08
U10BCT VISHAY-U10BCT Datasheet
158Kb / 5P
   Dual Common-Cathode Ultrafast Rectifier
Revision: 13-May-08
FEP6XT VISHAY-FEP6XT Datasheet
151Kb / 5P
   Dual Common Cathode Ultrafast Rectifier
Revision: 23-Feb-16
FEP30XP-E3 VISHAY-FEP30XP-E3 Datasheet
93Kb / 5P
   Dual Common Cathode Ultrafast Rectifier
Revision: 23-Feb-16
BYV32-XXX VISHAY-BYV32-XXX_V01 Datasheet
152Kb / 5P
   Dual Common-Cathode Ultrafast Rectifier
01-Jan-2022
BYQ28E-100 VISHAY-BYQ28E-100 Datasheet
158Kb / 5P
   Dual Common Cathode Ultrafast Rectifier
Revision: 07-Jan-08
BYV32-50HE3 VISHAY-BYV32-50HE3 Datasheet
139Kb / 5P
   Dual Common-Cathode Ultrafast Rectifier
Revision: 02-Sep-13
BYVB32-100-E3 VISHAY-BYVB32-100-E3 Datasheet
146Kb / 5P
   Dual Common-Cathode Ultrafast Rectifier
Revision: 05-May-08
U10XCT-E3 VISHAY-U10XCT-E3 Datasheet
148Kb / 5P
   Dual Common Cathode Ultrafast Rectifier
Revision: 23-Oct-13
logo
KODENSHI_AUK CORP.
SF20D400SD2 KODENSHI-SF20D400SD2 Datasheet
215Kb / 5P
   Ultrafast Dual Common-Cathode Rectifier
20-APR-12
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com