Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADT7475 Arkusz danych(PDF) 5 Page - ON Semiconductor

Numer części ADT7475
Szczegółowy opis  Remote Thermal Monitor and Fan Controller
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7475 Arkusz danych(HTML) 5 Page - ON Semiconductor

  ADT7475 Datasheet HTML 1Page - ON Semiconductor ADT7475 Datasheet HTML 2Page - ON Semiconductor ADT7475 Datasheet HTML 3Page - ON Semiconductor ADT7475 Datasheet HTML 4Page - ON Semiconductor ADT7475 Datasheet HTML 5Page - ON Semiconductor ADT7475 Datasheet HTML 6Page - ON Semiconductor ADT7475 Datasheet HTML 7Page - ON Semiconductor ADT7475 Datasheet HTML 8Page - ON Semiconductor ADT7475 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 58 page
background image
ADT7475
http://onsemi.com
5
Table 4. ELECTRICAL CHARACTERISTICS (TA =TMIN to TMAX, VCC =VMIN to VMAX, unless otherwise noted.) (Note 1)
Parameter
Unit
Max
Typ
Min
Conditions
DIGITAL INPUT CURRENT
Input High Current, IIH
VIN = VCC
±1
mA
Input Low Current, IIL
VIN = 0 V
±1
mA
Input Capacitance, CIN
5
pF
SERIAL BUS TIMING (Note 2) (See Figure 2)
Clock Frequency, fSCLK
10
400
kHz
Glitch Immunity, tSW
50
ns
Bus Free Time, tBUF
4.7
ms
SCL Low Time, tLOW
4.7
ms
SCL High Time, tHIGH
4.0
50
ms
SCL, SDA Rise Time, tR
1,000
ns
SCL, SDA Fall Time, tF
300
ms
Data Setup Time, tSU: DAT
250
ns
Detect Clock Low Timeout, tTIMEOUT
Can be Optionally Disabled
15
35
ms
1. All voltages are measured with respect to GND, unless otherwise specified. Typicals are at TA =25°C and represent the most likely
parametric norm. Logic inputs accept input high voltages of up to VMAX, even when the device is operating down to VMIN. Timing
specifications are tested at logic levels of VIL = 0.8 V for a falling edge and VIH = 2.0 V for a rising edge.
2. SMBus timing specifications are guaranteed by design and are not production tested.
Figure 2. Serial Bus Timing Diagram
P
S
tSU; DAT
tHIGH
tF
tHD; DAT
tR
tLOW
tSU; STO
PS
SCL
SDA
tBUF
tHD; STA
tHD; STA
tSU; STA


Podobny numer części - ADT7475

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADT7475 AD-ADT7475 Datasheet
1Mb / 68P
   dBCool Remote Thermal Monitor and Fan Controller
REV. A
logo
ON Semiconductor
ADT7475 ONSEMI-ADT7475 Datasheet
639Kb / 58P
   dbCOOL Remote Thermal Monitor and Fan Controller
October, 2011 ??Rev. 5
ADT7475 ONSEMI-ADT7475 Datasheet
654Kb / 58P
   dBCOOL Remote Thermal Monitor and Fan Controller
June, 2009 ??Rev. 4
ADT7475 ONSEMI-ADT7475 Datasheet
539Kb / 58P
   Remote Thermal Monitor and Fan Controller
August, 2018 ??Rev. 8
logo
Analog Devices
ADT7475ARQZ AD-ADT7475ARQZ Datasheet
1Mb / 68P
   dBCool Remote Thermal Monitor and Fan Controller
REV. A
More results

Podobny opis - ADT7475

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
ADT7490 ONSEMI-ADT7490_16 Datasheet
763Kb / 75P
   Remote Thermal Monitor and Fan Controller
January, 2016 ??Rev. 6
ADT7467 ONSEMI-ADT7467_12 Datasheet
754Kb / 72P
   Remote Thermal Monitor and Fan Controller
May, 2012 ??Rev. 4
ADT7475 ONSEMI-ADT7475_13 Datasheet
539Kb / 58P
   Remote Thermal Monitor and Fan Controller
August, 2018 ??Rev. 8
ADT7460ARQ-REEL ONSEMI-ADT7460ARQ-REEL Datasheet
698Kb / 47P
   Remote Thermal Monitor and Fan Controller
September, 2013 ??Rev. 9
NCT7491 ONSEMI-NCT7491 Datasheet
794Kb / 81P
   Remote Thermal Monitor and Fan Controller
November, 2015 ??Rev. 2
NCT7491 ONSEMI-NCT7491_16 Datasheet
791Kb / 80P
   Remote Thermal Monitor and Fan Controller
June, 2016 ??Rev. 3
ADT7475_1110 ONSEMI-ADT7475_1110 Datasheet
639Kb / 58P
   dbCOOL Remote Thermal Monitor and Fan Controller
October, 2011 ??Rev. 5
logo
Analog Devices
ADT7473 AD-ADT7473 Datasheet
1Mb / 76P
   dBCool Remote Thermal Monitor and Fan Controller
REV. A
logo
ON Semiconductor
ADT7460 ONSEMI-ADT7460 Datasheet
645Kb / 46P
   dBCOOL Remote Thermal Monitor and Fan Controller
June, 2010 ??Rev. 5
ADT7475 ONSEMI-ADT7475 Datasheet
654Kb / 58P
   dBCOOL Remote Thermal Monitor and Fan Controller
June, 2009 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com