Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADT7475 Arkusz danych(PDF) 10 Page - ON Semiconductor

Numer części ADT7475
Szczegółowy opis  Remote Thermal Monitor and Fan Controller
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7475 Arkusz danych(HTML) 10 Page - ON Semiconductor

Back Button ADT7475 Datasheet HTML 6Page - ON Semiconductor ADT7475 Datasheet HTML 7Page - ON Semiconductor ADT7475 Datasheet HTML 8Page - ON Semiconductor ADT7475 Datasheet HTML 9Page - ON Semiconductor ADT7475 Datasheet HTML 10Page - ON Semiconductor ADT7475 Datasheet HTML 11Page - ON Semiconductor ADT7475 Datasheet HTML 12Page - ON Semiconductor ADT7475 Datasheet HTML 13Page - ON Semiconductor ADT7475 Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 58 page
background image
ADT7475
http://onsemi.com
10
It is possible to read a data byte from a data register
without first writing to the address pointer register if the
address pointer register is already at the correct value.
However, it is not possible to write data to a register without
writing to the address pointer register because the first data
byte of a write is always written to the address pointer
register.
In addition to supporting the send byte and receive byte
protocols, the ADT7475 also supports the read byte protocol
(for more information, see System Management Bus
Specifications Rev. 2.0, available from Intel).
If several read or write operations must be performed in
succession, the master can send a repeat start condition
instead of a stop condition to begin a new operation.
Write Operations
The SMBus specification defines several protocols for
different types of read and write operations. The ones used
in the ADT7475 are discussed in this section. The following
abbreviations are used in the diagrams:
S − Start
P − Stop
R − Read
W − Write
A − Acknowledge
A − No acknowledge
The ADT7475 uses the following SMBus write protocols.
Send Byte
In this operation, the master device sends a single
command byte to a slave device as follows:
1. The master device asserts a start condition on
SDA.
2. The master sends the 7-bit slave address followed
by the write bit (low).
3. The addressed slave device asserts ACK on SDA.
4. The master sends a command code.
5. The slave asserts ACK on SDA.
6. The master asserts a stop condition on SDA and
the transaction ends.
For the ADT7475, the send byte protocol is used to write
a register address to RAM for a subsequent single-byte read
from the same address. This operation is shown in Figure 16.
Figure 16. Setting a Register Address for
Subsequent Read
SLAVE
ADDRESS
WA
SA P
REGISTER
ADDRESS
23
15 6
4
If the master is required to read data from the register
immediately after setting up the address, it can assert a repeat
start condition immediately after the final ACK and carry
out a single-byte read without asserting an intermediate stop
condition.
Write Byte
In this operation, the master device sends a command byte
and one data byte to the slave device as follows:
1. The master device asserts a start condition on
SDA.
2. The master sends the 7-bit slave address followed
by the write bit (low).
3. The addressed slave device asserts ACK on SDA.
4. The master sends a command code.
5. The slave asserts ACK on SDA.
6. The master sends a data byte.
7. The slave asserts ACK on SDA.
8. The master asserts a stop condition on SDA and
the transaction ends.
The byte write operation is shown in Figure 17.
Figure 17. Single-byte Write to a Register
SLAVE
ADDRESS W A
DATA
SA
A P
REGISTER
ADDRESS
23
15
6
7 8
4
Read Operations
The ADT7475 uses the following SMBus read protocols.
Receive Byte
This operation is useful when repeatedly reading a single
register. The register address must be set up previously. In
this operation, the master device receives a single byte from
a slave device as follows:
1. The master device asserts a start condition on
SDA.
2. The master sends the 7-bit slave address followed
by the read bit (high).
3. The addressed slave device asserts ACK on SDA.
4. The master receives a data byte.
5. The master asserts NO ACK on SDA.
6. The master asserts a stop condition on SDA, and
the transaction ends.
In the ADT7475, the receive byte protocol is used to read
a single byte of data from a register whose address has
previously been set by a send byte or write byte operation.
This operation is shown in Figure 18.
Figure 18. Single-byte Read from a Register
SLAVE
ADDRESS
DATA
A
R
SA P
24
3
15 6
Alert Response Address
Alert response address (ARA) is a feature of SMBus
devices that allows an interrupting device to identify itself
to the host when multiple devices exist on the same bus.
The SMBALERT output can be used as either an interrupt
output or an SMBALERT. One or more outputs can be
connected to a common SMBALERT line connected to the


Podobny numer części - ADT7475

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADT7475 AD-ADT7475 Datasheet
1Mb / 68P
   dBCool Remote Thermal Monitor and Fan Controller
REV. A
logo
ON Semiconductor
ADT7475 ONSEMI-ADT7475 Datasheet
639Kb / 58P
   dbCOOL Remote Thermal Monitor and Fan Controller
October, 2011 ??Rev. 5
ADT7475 ONSEMI-ADT7475 Datasheet
654Kb / 58P
   dBCOOL Remote Thermal Monitor and Fan Controller
June, 2009 ??Rev. 4
ADT7475 ONSEMI-ADT7475 Datasheet
539Kb / 58P
   Remote Thermal Monitor and Fan Controller
August, 2018 ??Rev. 8
logo
Analog Devices
ADT7475ARQZ AD-ADT7475ARQZ Datasheet
1Mb / 68P
   dBCool Remote Thermal Monitor and Fan Controller
REV. A
More results

Podobny opis - ADT7475

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
ADT7490 ONSEMI-ADT7490_16 Datasheet
763Kb / 75P
   Remote Thermal Monitor and Fan Controller
January, 2016 ??Rev. 6
ADT7467 ONSEMI-ADT7467_12 Datasheet
754Kb / 72P
   Remote Thermal Monitor and Fan Controller
May, 2012 ??Rev. 4
ADT7475 ONSEMI-ADT7475_13 Datasheet
539Kb / 58P
   Remote Thermal Monitor and Fan Controller
August, 2018 ??Rev. 8
ADT7460ARQ-REEL ONSEMI-ADT7460ARQ-REEL Datasheet
698Kb / 47P
   Remote Thermal Monitor and Fan Controller
September, 2013 ??Rev. 9
NCT7491 ONSEMI-NCT7491 Datasheet
794Kb / 81P
   Remote Thermal Monitor and Fan Controller
November, 2015 ??Rev. 2
NCT7491 ONSEMI-NCT7491_16 Datasheet
791Kb / 80P
   Remote Thermal Monitor and Fan Controller
June, 2016 ??Rev. 3
ADT7475_1110 ONSEMI-ADT7475_1110 Datasheet
639Kb / 58P
   dbCOOL Remote Thermal Monitor and Fan Controller
October, 2011 ??Rev. 5
logo
Analog Devices
ADT7473 AD-ADT7473 Datasheet
1Mb / 76P
   dBCool Remote Thermal Monitor and Fan Controller
REV. A
logo
ON Semiconductor
ADT7460 ONSEMI-ADT7460 Datasheet
645Kb / 46P
   dBCOOL Remote Thermal Monitor and Fan Controller
June, 2010 ??Rev. 5
ADT7475 ONSEMI-ADT7475 Datasheet
654Kb / 58P
   dBCOOL Remote Thermal Monitor and Fan Controller
June, 2009 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com