Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD7938BCPZ-6REEL7 Arkusz danych(PDF) 6 Page - Analog Devices

Numer części AD7938BCPZ-6REEL7
Szczegółowy opis  8-Channel, 625 kSPS, 12-Bit Parallel ADCs with a Sequencer
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD7938BCPZ-6REEL7 Arkusz danych(HTML) 6 Page - Analog Devices

Back Button AD7938BCPZ-6REEL7 Datasheet HTML 2Page - Analog Devices AD7938BCPZ-6REEL7 Datasheet HTML 3Page - Analog Devices AD7938BCPZ-6REEL7 Datasheet HTML 4Page - Analog Devices AD7938BCPZ-6REEL7 Datasheet HTML 5Page - Analog Devices AD7938BCPZ-6REEL7 Datasheet HTML 6Page - Analog Devices AD7938BCPZ-6REEL7 Datasheet HTML 7Page - Analog Devices AD7938BCPZ-6REEL7 Datasheet HTML 8Page - Analog Devices AD7938BCPZ-6REEL7 Datasheet HTML 9Page - Analog Devices AD7938BCPZ-6REEL7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 33 page
background image
Data Sheet
AD7938-6
Rev. D | Page 5 of 32
TIMING SPECIFICATIONS
VDD = VDRIVE = 2.7 V to 5.25 V, internal/external VREF = 2.5 V, unless otherwise noted; fCLKIN = 10MHz, fSAMPLE = 625 kSPS; TA = TMIN to
TMAX, unless otherwise noted.
Table 3.
Parameter1
Limit at TMIN, TMAX Unit
Description
fCLKIN 2
700
kHz min
CLKIN frequency
10
MHz
max
tQUIET
30
ns min
Minimum time between end of read and start of next conversion, that is, time from when
the data bus goes into three-state until the next falling edge of CONVST.
t1
10
ns min
CONVST pulse width.
t2
15
ns min
CONVST falling edge to CLKIN falling edge setup time.
t3
50
ns max
CLKIN falling edge to BUSY rising edge.
t4
0
ns min
CS to WR setup time.
t5
0
ns min
CS to WR hold time.
t6
10
ns min
WR pulse width.
t7
10
ns min
Data setup time before WR.
t8
10
ns min
Data hold after WR.
t9
10
ns min
New data valid before falling edge of BUSY.
t10
0
ns min
CS to RD setup time.
t11
0
ns min
CS to RD hold time.
t12
30
ns min
RD pulse width.
t13 3
30
ns max
Data access time after RD.
t14 4
3
ns min
Bus relinquish time after RD.
50
ns max
Bus relinquish time after RD.
t15
0
ns min
HBEN to RD setup time.
t16
0
ns min
HBEN to RD hold time.
t17
10
ns min
Minimum time between reads/writes.
t18
0
ns min
HBEN to WR setup time.
t19
10
ns min
HBEN to WR hold time.
t20
40
ns max
CLKIN falling edge to BUSY falling edge.
t21
15.7
ns min
CLKIN low pulse width.
t22
7.8
ns min
CLKIN high pulse width.
1 Sample tested during initial release to ensure compliance. All input signals are specified with tRISE = tFALL = 5 ns (10% to 90% of VDD) and timed from a voltage level of
1.6 V. All timing specifications given above are with a 25 pF load capacitance (see Figure 36, Figure 37, Figure 38, and Figure 39).
2 Minimum CLKIN for specified performance, with slower CLKIN frequencies performance specifications apply typically.
3 The time required for the output to cross 0.4 V or 2.4 V.
4 t14 is derived from the measured time taken by the data outputs to change 0.5 V. The measured number is then extrapolated back to remove the effects of charging or
discharging the 25 pF capacitor. This means that the time, t14, quoted in the timing characteristics is the true bus relinquish time of the part and is independent of the
bus loading.


Podobny numer części - AD7938BCPZ-6REEL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7938BCPZ-6REEL7 AD-AD7938BCPZ-6REEL7 Datasheet
762Kb / 32P
   8-Channel, 625 kSPS, 12-Bit Parallel ADCs with a Sequencer
REV. 0
More results

Podobny opis - AD7938BCPZ-6REEL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7938-6 AD-AD7938-6 Datasheet
762Kb / 32P
   8-Channel, 625 kSPS, 12-Bit Parallel ADCs with a Sequencer
REV. 0
AD7938-6 AD-AD7938-6_15 Datasheet
599Kb / 32P
   8-Channel, 625 kSPS, 12-Bit Parallel ADCs with a Sequencer
REV. C
AD7934-6 AD-AD7934-6 Datasheet
750Kb / 28P
   4-Channel, 625 kSPS, 12-Bit Parallel ADC with a Sequencer
REV. A
AD7934-6 AD-AD7934-6_15 Datasheet
711Kb / 28P
   4-Channel, 625 kSPS, 12-Bit Parallel ADC with a Sequencer
REV. B
AD7934-6 AD-AD7934-6_17 Datasheet
617Kb / 29P
   4-Channel, 625 kSPS, 12-Bit Parallel ADC with a Sequencer
AD7938BSUZ AD-AD7938BSUZ Datasheet
561Kb / 36P
   8-Channel, 1.5 MSPS, 12-Bit and 10-Bit Parallel ADCs with a Sequencer
REV. C
AD7938 AD-AD7938_17 Datasheet
629Kb / 36P
   8-Channel, 1.5 MSPS, 12-Bit and 10-Bit Parallel ADCs with a Sequencer
AD7938 AD-AD7938 Datasheet
1Mb / 32P
   8-Channel, 1.5 MSPS, 12-Bit and 10-Bit Parallel ADCs with a Sequencer
Rev.PrN
AD7938 AD-AD7938_15 Datasheet
561Kb / 36P
   8-Channel, 1.5 MSPS, 12-Bit and 10-Bit Parallel ADCs with a Sequencer
REV. C
AD7939 AD-AD7939_15 Datasheet
561Kb / 36P
   8-Channel, 1.5 MSPS, 12-Bit and 10-Bit Parallel ADCs with a Sequencer
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com