Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD7938BSUZ-6REEL7 Arkusz danych(PDF) 8 Page - Analog Devices

Numer części AD7938BSUZ-6REEL7
Szczegółowy opis  8-Channel, 625 kSPS, 12-Bit Parallel ADCs with a Sequencer
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD7938BSUZ-6REEL7 Arkusz danych(HTML) 8 Page - Analog Devices

Back Button AD7938BSUZ-6REEL7 Datasheet HTML 4Page - Analog Devices AD7938BSUZ-6REEL7 Datasheet HTML 5Page - Analog Devices AD7938BSUZ-6REEL7 Datasheet HTML 6Page - Analog Devices AD7938BSUZ-6REEL7 Datasheet HTML 7Page - Analog Devices AD7938BSUZ-6REEL7 Datasheet HTML 8Page - Analog Devices AD7938BSUZ-6REEL7 Datasheet HTML 9Page - Analog Devices AD7938BSUZ-6REEL7 Datasheet HTML 10Page - Analog Devices AD7938BSUZ-6REEL7 Datasheet HTML 11Page - Analog Devices AD7938BSUZ-6REEL7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 33 page
background image
Data Sheet
AD7938-6
Rev. D | Page 7 of 32
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
DB0
DB1
DB2
DB3
DB4
DB5
DB6
DB7
NOTES
1. THE EXPOSED PAD IS LOCATED ON THE UNDERSIDE OF
THE PACKAGE. CONNECT THE EPAD TO THE GROUND PLANE
OF THE PCB USING MULTIPLE VIAS.
24 VIN1
23 VIN0
22 VREFIN/VREFOUT
21 AGND
20 CS
19 RD
18 WR
17 CONVST
1
2
3
4
5
6
7
8
AD7938-6
TOP VIEW
(Not to Scale)
DB0 1
9
10
11
12
13
14
15
16
32
31
30
29
28
27
26
25
DB1 2
DB2 3
DB3 4
DB4 5
DB5 6
DB6 7
DB7 8
VIN1
24
VIN0
23
VREFIN/VREFOUT
22
AGND
21
20
19
WR
18
CONVST
17
AD7938-6
TOP VIEW
(Not to Scale)
RD
CS
PIN 1
IDENTIFIER
Figure 2. Pin Configuration (CP-32-7)
Figure 3. Pin Configuration (SU-32-2)
Table 5. Pin Function Description
Pin No.
Mnemonic
Description
1 to 8
DB0 to DB7
Data Bit 0 to Data Bit 7. Three-state parallel digital I/O pins that provide the conversion result and allow the
control and shadow registers to be programmed. These pins are controlled by CS, RD, and WR. The logic
high/low voltage levels for these pins are determined by the VDRIVE input.
9
VDRIVE
Logic Power Supply Input. The voltage supplied at this pin determines at what voltage the parallel interface of
the AD7938-6 operates. This pin should be decoupled to DGND. The voltage at this pin may be different to that
at VDD but should never exceed VDD by more than 0.3 V.
10
DGND
Digital Ground. This is the ground reference point for all digital circuitry on the AD7938-6. This pin should
connect to the DGND plane of a system. The DGND and AGND voltages should ideally be at the same potential
and must not be more than 0.3 V apart, even on a transient basis.
11
DB8/HBEN
Data Bit 8/High Byte Enable. When W/B is high, this pin acts as Data Bit 8, a three-state I/O pin that is controlled
by CS, RD, and WR. When W/B is low, this pin acts as the high byte enable pin. When HBEN is low, the low byte of
data being written to or read from the AD7938-6 is on DB0 to DB7. When HBEN is high, the top four bits of the
data being written to or read from the AD7938-6 are on DB0 to DB3. When reading from the device, DB4 to DB6
of the high byte contains the ID of the channel to which the conversion result corresponds (see the channel
address bits in Table 9). When writing to the device, DB4 to DB7 of the high byte must be all 0s.
12 to 14
DB9 to DB11
Data Bit 9 to Data Bit 11. Three-state parallel digital I/O pins that provide the conversion result and allow the
control and shadow registers to be programmed in word mode. These pins are controlled by CS, RD, and WR.
The logic high/low voltage levels for these pins are determined by the VDRIVE input.
15
BUSY
Busy Output. Logic output indicating the status of the conversion. The BUSY output goes high following the
falling edge of CONVST and stays high for the duration of the conversion. Once the conversion is complete and
the result is available in the output register, the BUSY output goes low. The track-and-hold returns to track mode
just prior to the falling edge of BUSY on the 13th rising edge of CLKIN (see Figure 36).
16
CLKIN
Master Clock Input. The clock source for the conversion process is applied to this pin. Conversion time for the
AD7938-6 takes 13 clock cycles + t2. The frequency of the master clock input therefore determines the
conversion time and achievable throughput rate. The CLKIN signal may be a continuous or burst clock.
17
CONVST
Conversion Start Input. A falling edge on CONVST is used to initiate a conversion. The track-and-hold goes from
track mode to hold mode on the falling edge of CONVST and the conversion process is initiated at this point.
Following power-down, when operating in autoshutdown or autostandby modes, a rising edge on CONVST is
used to power up the device.
18
WR
Write Input. Active low logic input used in conjunction with CS to write data to the internal registers.


Podobny numer części - AD7938BSUZ-6REEL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7938BSUZ-6REEL7 AD-AD7938BSUZ-6REEL7 Datasheet
762Kb / 32P
   8-Channel, 625 kSPS, 12-Bit Parallel ADCs with a Sequencer
REV. 0
More results

Podobny opis - AD7938BSUZ-6REEL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7938-6 AD-AD7938-6 Datasheet
762Kb / 32P
   8-Channel, 625 kSPS, 12-Bit Parallel ADCs with a Sequencer
REV. 0
AD7938-6 AD-AD7938-6_15 Datasheet
599Kb / 32P
   8-Channel, 625 kSPS, 12-Bit Parallel ADCs with a Sequencer
REV. C
AD7934-6 AD-AD7934-6 Datasheet
750Kb / 28P
   4-Channel, 625 kSPS, 12-Bit Parallel ADC with a Sequencer
REV. A
AD7934-6 AD-AD7934-6_15 Datasheet
711Kb / 28P
   4-Channel, 625 kSPS, 12-Bit Parallel ADC with a Sequencer
REV. B
AD7934-6 AD-AD7934-6_17 Datasheet
617Kb / 29P
   4-Channel, 625 kSPS, 12-Bit Parallel ADC with a Sequencer
AD7938BSUZ AD-AD7938BSUZ Datasheet
561Kb / 36P
   8-Channel, 1.5 MSPS, 12-Bit and 10-Bit Parallel ADCs with a Sequencer
REV. C
AD7938 AD-AD7938_17 Datasheet
629Kb / 36P
   8-Channel, 1.5 MSPS, 12-Bit and 10-Bit Parallel ADCs with a Sequencer
AD7938 AD-AD7938 Datasheet
1Mb / 32P
   8-Channel, 1.5 MSPS, 12-Bit and 10-Bit Parallel ADCs with a Sequencer
Rev.PrN
AD7938 AD-AD7938_15 Datasheet
561Kb / 36P
   8-Channel, 1.5 MSPS, 12-Bit and 10-Bit Parallel ADCs with a Sequencer
REV. C
AD7939 AD-AD7939_15 Datasheet
561Kb / 36P
   8-Channel, 1.5 MSPS, 12-Bit and 10-Bit Parallel ADCs with a Sequencer
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com