Zakładka z wyszukiwarką danych komponentów
  Polish  ▼

Delete All
ON OFF
ALLDATASHEET.PL

X  

Preview PDF Download HTML

ICE2AS01 Arkusz danych(PDF) 17 Page - Infineon Technologies AG

Numer części ICE2AS01
Szczegółowy opis  PWM-FF IC
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INFINEON [Infineon Technologies AG]
Strona internetowa  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

ICE2AS01 Arkusz danych(HTML) 17 Page - Infineon Technologies AG

Back Button ICE2AS01 Datasheet HTML 13Page - Infineon Technologies AG ICE2AS01 Datasheet HTML 14Page - Infineon Technologies AG ICE2AS01 Datasheet HTML 15Page - Infineon Technologies AG ICE2AS01 Datasheet HTML 16Page - Infineon Technologies AG ICE2AS01 Datasheet HTML 17Page - Infineon Technologies AG ICE2AS01 Datasheet HTML 18Page - Infineon Technologies AG ICE2AS01 Datasheet HTML 19Page - Infineon Technologies AG ICE2AS01 Datasheet HTML 20Page - Infineon Technologies AG ICE2AS01 Datasheet HTML 21Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
ICE2AS01/G
ICE2BS01/G
Electrical Characteristics
Version 2.0
17
1 Feb 2002
4.3.4
Protection Unit
4.3.5
Current Limiting
Frequency Ratio f
osc1/fosc2
ICE2AS01/G
4.5
4.65
4.9
Frequency Ratio f
osc3/fosc4
ICE2BS01/G
3.18
3.35
3.53
Max Duty Cycle
Dmax
0.67
0.72
0.77
Min Duty Cycle
D
min
0-
-
V
FB < 0V
PWM-OP Gain
A
V
3.45
3.65
3.85
Max. Level of Voltage Ramp
V
Max-Ramp
-0.85
-
V
V
FB Operating Range Min Level
V
FBmin
0.3
--V
V
FB Operating Range Max level
V
FBmax
--
4.6
V
Feedback Resistance
R
FB
3.0
3.7
4.9
k
Soft-Start Resistance
R
Soft-Start
42
50
62
k
Parameter
Symbol
Limit Values
Unit
Test Condition
min.
typ.
max.
Over Load & Open Loop
Detection Limit
V
FB2
4.65
4.8
4.95
V
V
SoftS > 5.5V
Activation Limit of Overload &
Open Loop Detection
V
SoftS1
5.15
5.3
5.46
V
V
FB > 5V
Deactivation Limit of
Overvoltage Detection
V
SoftS2
3.88
4.0
4.12
V
V
FB > 5V
V
CC > 17.5V
Overvoltage Detection Limit
V
VCC1
16
16.5
17.2
V
V
SoftS < 3.8V
V
FB > 5V
Latched Thermal Shutdown
T
jSD
130
140
150
°C
guaranteed by design
Spike Blanking
t
Spike
-5
-
µs
Parameter
Symbol
Limit Values
Unit
Test Condition
min.
typ.
max.
Peak Current Limitation (incl.
Propagation Delay Time)
(see Figure 7)
V
csth
0.95
1.00
1.05
V
dV
sense / dt = 0.6V/µs
Leading Edge Blanking
t
LEB
-220
-
ns


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


Arkusz danych Pobierz

Go To PDF Page

Powiązane numery części

Numer częściSzczegółowy opisHtml ViewProducent
TDA4916GG PWM-FF IC SMPS IC with MOSFET Driver Output 1  2  3  4  5  More Infineon Technologies AG

Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn