Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SMB1N-D520 Arkusz danych(PDF) 4 Page - Roithner LaserTechnik GmbH

Numer części SMB1N-D520
Szczegółowy opis  Green High Power LED
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ROITHNER [Roithner LaserTechnik GmbH]
Strona internetowa  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

SMB1N-D520 Arkusz danych(HTML) 4 Page - Roithner LaserTechnik GmbH

  SMB1N-D520 Datasheet HTML 1Page - Roithner LaserTechnik GmbH SMB1N-D520 Datasheet HTML 2Page - Roithner LaserTechnik GmbH SMB1N-D520 Datasheet HTML 3Page - Roithner LaserTechnik GmbH SMB1N-D520 Datasheet HTML 4Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
www.roithner-laser.com
4
Precautions
Soldering:
 Do avoid overheating of the LED
 Do avoid electrostatic discharge (ESD)
 Do avoid mechanical stress, shock, and vibration
 Do only use non-corrosive flux
 Do not apply current to the LED until it has cooled down to room temperature after soldering
Recommended soldering conditions:
This LED is designed to be reflow soldered on to a PCB. If dip soldered or hand soldered, its reliability
cannot be guarantee.
Nitrogen reflow soldering is recommended. Air flow soldering conditions can cause optical
degradation, caused by heat and/or atmosphere.
IR Reflow Soldering Profile
(Lead-free Solder)
Recommended Soldering Patterns
Unit: mm
Above table specifies the maximum allowed duration and temperature during soldering. It is strongly
advised to perform soldering at the shortest time and lowest temperature possible.
Cleaning:
Cleaning with isopropyl alcohol, propanol, or ethyl alcohol is recommended
DO NOT USE acetone, chloroseen, trichloroethylene, or MKS
DO NOT USE ultrasonic cleaners
Static Electricity:
LEDs are sensitive to electrostatic discharge (ESD). Precautions against ESD must be taken
when handling or operating these LEDs. Surge voltage or electrostatic discharge can result in
complete failure of the device.
Radiation:
During operation these LEDs do emit high intensity light, which is hazardous to skin and eyes, and
may cause cancer. Do avoid exposure to the emitted light. Protective glasses are recommended.
It is further advised to attach a warning label on products/systems.
Operation:
Do only operate LEDs with a current source.
Running these LEDs from a voltage source will result in complete failure of the device.
Current of a LED is an exponential function of the voltage across it. Usage of current regulated drive
circuits is mandatory.
© All Rights Reserved
The above specifications are for reference purpose only and subjected to change without prior notice


Podobny numer części - SMB1N-D520

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Roithner LaserTechnik G...
SMB1N-D520-02 ROITHNER-SMB1N-D520-02 Datasheet
689Kb / 4P
   green high power led
More results

Podobny opis - SMB1N-D520

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Unisonic Technologies
PPG01NBT-C0 UTC-PPG01NBT-C0 Datasheet
136Kb / 4P
   GREEN HIGH POWER LED
logo
Roithner LaserTechnik G...
SMB1N-525V-02 ROITHNER-SMB1N-525V-02 Datasheet
712Kb / 4P
   green high power led
SMB1N-D520-02 ROITHNER-SMB1N-D520-02 Datasheet
689Kb / 4P
   green high power led
logo
Unisonic Technologies
PPG01BBT-C0 UTC-PPG01BBT-C0 Datasheet
136Kb / 4P
   GREEN HIGH POWER LED
logo
Roithner LaserTechnik G...
SMB1N-525V ROITHNER-SMB1N-525V Datasheet
736Kb / 4P
   green high power led
SMB1N-515V ROITHNER-SMB1N-515V Datasheet
668Kb / 4P
   green high power led
SMB1N-515V-02 ROITHNER-SMB1N-515V-02 Datasheet
863Kb / 4P
   green high power led
logo
Luminus, Inc
SST-10-G LUMINUS-SST-10-G Datasheet
1Mb / 13P
   Green LED High Power Green LED with Peak Wavelength of 530nm
logo
List of Unclassifed Man...
SML-LX1610UPGCA ETC2-SML-LX1610UPGCA Datasheet
59Kb / 1P
   10.60 x 10mm HIGH POWER LED 590nm GREEN LED.
logo
LUMEX INC.
SML-LX1610UPGC LUMEX-SML-LX1610UPGC Datasheet
57Kb / 1P
   10.60 x 10mm HIGH POWER LED, 525nm GREEN LED
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com