Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD7452 Arkusz danych(PDF) 10 Page - Analog Devices

Numer części AD7452
Szczegółowy opis  Differential Input, 555 kSPS 12-Bit ADC in an 8-Lead SOT-23
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD7452 Arkusz danych(HTML) 10 Page - Analog Devices

Back Button AD7452_17 Datasheet HTML 6Page - Analog Devices AD7452_17 Datasheet HTML 7Page - Analog Devices AD7452_17 Datasheet HTML 8Page - Analog Devices AD7452_17 Datasheet HTML 9Page - Analog Devices AD7452_17 Datasheet HTML 10Page - Analog Devices AD7452_17 Datasheet HTML 11Page - Analog Devices AD7452_17 Datasheet HTML 12Page - Analog Devices AD7452_17 Datasheet HTML 13Page - Analog Devices AD7452_17 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
Data Sheet
AD7452
Rev. C | Page 9 of 24
Negative Gain Error
This is the deviation of the first code transition (100...000 to
100...001) from the ideal VIN+ – VIN– (that is, –VREF + 1 LSB),
after the zero code error has been adjusted out.
Track-and-Hold Acquisition Time
The minimum time required for the track-and-hold amplifier
to remain in track mode for its output to reach and settle to
within 0.5 LSB of the applied input signal.
Power Supply Rejection Ratio (PSRR)
The ratio of the power in the ADC output at full-scale fre-
quency, f, to the power of a 100 mV p-p sine wave applied to the
ADC VDD supply of frequency fS. The frequency of this input
varies from 1 kHz to 1 MHz.
PSRR(dB) = 10log(Pf/PfS)
Pf is the power at frequency f in the ADC output; Pfs is the
power at frequency fS in the ADC output.


Podobny numer części - AD7452_17

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7452 AD-AD7452_15 Datasheet
734Kb / 29P
   Differential Input, 555 kSPS 12-Bit ADC in an 8-Lead SOT-23
REV. B
More results

Podobny opis - AD7452_17

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7452 AD-AD7452 Datasheet
659Kb / 28P
   Differential Input, 555 kSPS 12-Bit ADC in an 8-Lead SOT-23
REV. B
AD7452 AD-AD7452_15 Datasheet
734Kb / 29P
   Differential Input, 555 kSPS 12-Bit ADC in an 8-Lead SOT-23
REV. B
AD7453BRTZ-REEL7 AD-AD7453BRTZ-REEL7 Datasheet
531Kb / 20P
   Pseudo Differential, 555 kSPS 12-Bit ADC in an 8-Lead SOT-23
REV. B
AD7453 AD-AD7453 Datasheet
253Kb / 20P
   Pseudo Differential, 555 kSPS, 12-Bit ADC in an 8-Lead SOT-23
REV. 0
AD7453 AD-AD7453_17 Datasheet
424Kb / 21P
   Pseudo Differential, 555 kSPS 12-Bit ADC in an 8-Lead SOT-23
AD7457 AD-AD7457_17 Datasheet
343Kb / 21P
   Low Power, Pseudo Differential, 100 kSPS 12-Bit ADC in an 8-Lead SOT-23
AD7457BRT AD-AD7457BRT Datasheet
491Kb / 21P
   Low Power, Pseudo Differential, 100 kSPS 12-Bit ADC in an 8-Lead SOT-23
REV. A
AD7457 AD-AD7457_15 Datasheet
524Kb / 21P
   Low Power, Pseudo Differential, 100 kSPS 12-Bit ADC in an 8-Lead SOT-23
REV. A
AD7457 AD-AD7457 Datasheet
509Kb / 20P
   Low Power, Pseudo Differential, 100 kSPS 12-Bit ADC in an 8-Lead SOT-23
REV. 0
AD7440 AD-AD7440_15 Datasheet
864Kb / 29P
   Differential Input, 1 MSPS 10-Bit and 12-Bit ADCs in an 8-Lead SOT-23
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com