Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD7457 Arkusz danych(PDF) 5 Page - Analog Devices

Numer części AD7457
Szczegółowy opis  Low Power, Pseudo Differential, 100 kSPS 12-Bit ADC in an 8-Lead SOT-23
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD7457 Arkusz danych(HTML) 5 Page - Analog Devices

  AD7457_17 Datasheet HTML 1Page - Analog Devices AD7457_17 Datasheet HTML 2Page - Analog Devices AD7457_17 Datasheet HTML 3Page - Analog Devices AD7457_17 Datasheet HTML 4Page - Analog Devices AD7457_17 Datasheet HTML 5Page - Analog Devices AD7457_17 Datasheet HTML 6Page - Analog Devices AD7457_17 Datasheet HTML 7Page - Analog Devices AD7457_17 Datasheet HTML 8Page - Analog Devices AD7457_17 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
AD7457
Rev. A | Page 4 of 20
Parameter
Test Conditions/Comments
B Version1
Unit
POWER REQUIREMENTS
VDD
2.7/5.25
V min/max
IDD7, 8
During Conversion6
VDD = 4.75 V to 5.25 V
1.5
mA max
VDD = 2.7 V to 3.6 V
1.2
mA max
Normal Mode (Static)
SCLK on or off
0.5
mA typ
Normal Mode (Operational)
VDD = 4.75 V to 5.25 V
0.7
mA max
VDD= 2.7 V to 3.6 V
0.33
mA max
Power-Down
SCLK on or off
1
µA max
Power Dissipation
Normal Mode (Operational)
VDD = 5 V
3
mW max
VDD = 3 V
0.9
mW max
Power-Down
VDD = 5 V; SCLK on or off
5
µW max
VDD = 3 V; SCLK on or off
3
µW max
1 Temperature range for B version: −40°C to +85°C.
2 See the
section.
Terminology
3 Analog inputs with slew rates exceeding 27 V/µs (full-scale input sine wave > 3.5 MHz) within the acquisition time may cause an incorrect result to be returned by the
converter.
4 A dc input is applied to VIN– to provide a pseudo ground for VIN+.
5 The AD7457 is functional with a reference input range of 100 mV to VDD.
6 Guaranteed by characterization.
7 See the
section.
Power Consumption
8 Measured with a full-scale dc input.


Podobny numer części - AD7457_17

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7457 AD-AD7457_15 Datasheet
524Kb / 21P
   Low Power, Pseudo Differential, 100 kSPS 12-Bit ADC in an 8-Lead SOT-23
REV. A
More results

Podobny opis - AD7457_17

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7457 AD-AD7457_15 Datasheet
524Kb / 21P
   Low Power, Pseudo Differential, 100 kSPS 12-Bit ADC in an 8-Lead SOT-23
REV. A
AD7457BRT AD-AD7457BRT Datasheet
491Kb / 21P
   Low Power, Pseudo Differential, 100 kSPS 12-Bit ADC in an 8-Lead SOT-23
REV. A
AD7457 AD-AD7457 Datasheet
509Kb / 20P
   Low Power, Pseudo Differential, 100 kSPS 12-Bit ADC in an 8-Lead SOT-23
REV. 0
AD7453 AD-AD7453_17 Datasheet
424Kb / 21P
   Pseudo Differential, 555 kSPS 12-Bit ADC in an 8-Lead SOT-23
AD7453 AD-AD7453 Datasheet
253Kb / 20P
   Pseudo Differential, 555 kSPS, 12-Bit ADC in an 8-Lead SOT-23
REV. 0
AD7453BRTZ-REEL7 AD-AD7453BRTZ-REEL7 Datasheet
531Kb / 20P
   Pseudo Differential, 555 kSPS 12-Bit ADC in an 8-Lead SOT-23
REV. B
AD7452 AD-AD7452_15 Datasheet
734Kb / 29P
   Differential Input, 555 kSPS 12-Bit ADC in an 8-Lead SOT-23
REV. B
AD7452 AD-AD7452_17 Datasheet
639Kb / 25P
   Differential Input, 555 kSPS 12-Bit ADC in an 8-Lead SOT-23
AD7452 AD-AD7452 Datasheet
659Kb / 28P
   Differential Input, 555 kSPS 12-Bit ADC in an 8-Lead SOT-23
REV. B
AD7441 AD-AD7441_10 Datasheet
629Kb / 24P
   Pseudo Differential Input, 1 MSPS, 10-/12-Bit ADCs in an 8-Lead SOT-23
Rev. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com